|
|
|
Coilcraft Inc |
Part No. |
XAL1010-221ME
|
Description |
Power inductor, shielded, 20% tol, SMT, RoHS, halogen-f
|
Tech specs |
|
|
|
Official Product Page
|
|
|
|
Coilcraft Inc |
Part No. |
XAL1010-221MED
|
Description |
General Purpose Inductor, 0.22uH, 20%, 1 Element, Composite-Core, SMD, 3945, CHIP, 3945, HALOGEN FREE AND ROHS COMPLIANT
|
Tech specs |
|
|
|
Official Product Page
|
|
|
|
Coilcraft Inc |
Part No. |
XAL1010-221MEB
|
Description |
General Purpose Inductor, 0.22uH, 20%, 1 Element, Composite-Core, SMD, 3945, CHIP, 3945, HALOGEN FREE AND ROHS COMPLIANT
|
Tech specs |
|
|
|
Official Product Page
|
|
|
|
Coilcraft Inc |
Part No. |
XAL1010-562MED
|
Description |
General Purpose Inductor, 5.6uH, 20%, 1 Element, Composite-Core, SMD, 3945, CHIP, 3945, HALOGEN FREE AND ROHS COMPLIANT
|
Tech specs |
|
|
|
Official Product Page
|
|
|
|
Coilcraft Inc |
Part No. |
XAL1010-472MEB
|
Description |
General Purpose Inductor, 4.7uH, 20%, 1 Element, Composite-Core, SMD, 3945, CHIP, 3945, HALOGEN FREE AND ROHS COMPLIANT
|
Tech specs |
|
|
|
Official Product Page
|
|
|
|
Coilcraft Inc |
Part No. |
XAL1010-682MED
|
Description |
General Purpose Inductor, 6.8uH, 20%, 1 Element, Composite-Core, SMD, 3945, CHIP, 3945, HALOGEN FREE AND ROHS COMPLIANT
|
Tech specs |
|
|
|
Official Product Page
|
|
|
|
Coilcraft Inc |
Part No. |
XAL1010-451MED
|
Description |
General Purpose Inductor, 0.45uH, 20%, 1 Element, Composite-Core, SMD, 3945, CHIP, 3945, HALOGEN FREE AND ROHS COMPLIANT
|
Tech specs |
|
|
|
Official Product Page
|
|
|
|
Nichicon, Corp.
|
Part No. |
UPW1A272MHD UPW0J221MED
|
Description |
Aluminum Electrolytic Radial Lead Low Impedance High Reliability Capacitor; Capacitance: 2700uF; Voltage: 10V; Case Size: 12.5x25 mm; Packaging: Bulk CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 10 V, 2700 uF, THROUGH HOLE MOUNT Aluminum Electrolytic Radial Lead Low Impedance High Reliability Capacitor; Capacitance: 220uF; Voltage: 6.3V; Case Size: 6.3x11 mm; Packaging: Bulk CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 6.3 V, 220 uF, THROUGH HOLE MOUNT
|
File Size |
78.20K /
5 Page |
View
it Online |
Download Datasheet |
|
|
|
Coilcraft Inc |
Part No. |
XAL1010-822MED
|
Description |
General Purpose Inductor, 8.2uH, 20%, 1 Element, Composite-Core, SMD, 3945, CHIP, 3945, HALOGEN FREE AND ROHS COMPLIANT
|
Tech specs |
|
|
|
Official Product Page
|
|
|
|
Coilcraft Inc |
Part No. |
XAL1010-681MEB
|
Description |
General Purpose Inductor, 0.68uH, 20%, 1 Element, Composite-Core, SMD, 3945, CHIP, 3945, HALOGEN FREE AND ROHS COMPLIANT
|
Tech specs |
|
|
|
Official Product Page
|
|
|
|
Coilcraft Inc |
Part No. |
XAL1010-562MEB
|
Description |
General Purpose Inductor, 5.6uH, 20%, 1 Element, Composite-Core, SMD, 3945, CHIP, 3945, HALOGEN FREE AND ROHS COMPLIANT
|
Tech specs |
|
|
|
Official Product Page
|
|
Bom2Buy.com
Price and Availability
|