Part Number Hot Search : 
TM7481 97CFDC EC6A15S S1045 SRA22 ES8388S SST12 Z1021
Product Description
Full Text Search
  X4005S8I Datasheet PDF File

For X4005S8I Found Datasheets File :: 3+       Page :: | <1> |   

    Intersil, Corp.
INTERSIL CORP
Part No. X4005S8Z-4.5A X4005M8IZ-4.5A X4005S8IZ-4.5A
Description RTC Module With CPU Supervisor 1-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDSO8

File Size 270.77K  /  18 Page

View it Online

Download Datasheet

HUA FENG CIRCUIT





    Intersil, Corp.
XICOR[Xicor Inc.]
Part No. X4005S8 X4005S8-1.8 X4005S8-2.7 X4005S8-2.7A X4005S8-4.5A X4005S8I X4005S8I-2.7 X4005S8I-2.7A X4005S8I-4.5A X4003 X4003M8-1.8 X4003M8I X4003M8I-2.7 X4003M8I-2.7A X4003M8I-4.5A X4003S8 X4003S8-1.8 X4003S8-2.7 X4003S8-2.7A X4003S8-4.5A X4003S8I X4003S8I-2.7 X4003S8I-2.7A X4003S8I-4.5A X4005 X4005M8-1.8 X4005M8I X4005M8I-2.7 X4005M8I-2.7A X4005M8I-4.5A
Description RTC Module With CPU Supervisor 时钟模块CPU监控
DIODE, STUD 95A 400VDIODE, STUD 95A 400V; Voltage, Vrrm:400V; Current, If av:95A; Current, Ifs max:1150A; Voltage, forward at If:1.5V; Case style:E12; Thread size:M8; Diode type:Standard recovery; Polarity, diode:Stud Cathode
MODULE DROP IN FOR XE1203 868MHZ
Standard Recovery Rectifier; Repetitive Reverse Voltage Max, Vrrm:1600V; Forward Current Avg Rectified, IF(AV):70A; Non Repetitive Forward Surge Current Max, Ifsm:1150A; Forward Voltage Max, VF:1.5V; Package/Case:DO-203AB
THYRISTOR, CAPSULE, 550A; Thyristor/Triac type:Thyristor; Voltage, Vdrm:1200V; Current, It rms:1200A; Current, Itsm:9000A; Current, Igt:250mA; Voltage, Vgt:1.65V; Case style:TO-200; Current, It av:550A; Diameter, External:41mm; RoHS Compliant: Yes

File Size 375.89K  /  18 Page

View it Online

Download Datasheet

    X4005S8-2.7 X4005S8-2.7A X4005S8-4.5A X4005S8I X4003 X4005S8I-2.7A X4003M8-1.8 X4003M8I X4003M8I-2.7 X4003M8I-2.7A X4003

Intersil, Corp.
INTERSIL[Intersil Corporation]
Part No. X4005S8-2.7 X4005S8-2.7A X4005S8-4.5A X4005S8I X4003 X4005S8I-2.7A X4003M8-1.8 X4003M8I X4003M8I-2.7 X4003M8I-2.7A X4003M8I-4.5A X4003S8 X4003S8-1.8 X4003S8-2.7 X4003S8-2.7A X4003S8-4.5A X4003S8I X4003S8I-2.7 X4003S8I-2.7A X4003S8I-4.5A X4005M8-1.8 X4005M8I X4005M8I-2.7 X4005M8I-2.7A X4005M8I-4.5A X4005S8 X4005S8-1.8 X4005S8I-2.7 X4005S8I-4.5A
Description RTC Module With CPU Supervisor 1-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDSO8
DIODE, STUD 95A 1200VDIODE, STUD 95A 1200V; Voltage, Vrrm:1200V; Current, If av:95A; Current, Ifs max:1150A; Voltage, forward at If:1.5V; Case style:E12; Thread size:M8; Diode type:Standard recovery; Polarity, diode:Stud Catho
THYRISTOR, CAPSULE 600ATHYRISTOR, CAPSULE 600A; Voltage, Vrrm:1200V; Current, It av:600A; Case style:TO-200; Current, It rms:1400A; Current, Itsm:11500A; Voltage, Vgt:2.0V; Current, Igt:200mA; Diameter, External:57.3mm; Length /
Thyristor Module; Current, It av:150A; Repetitive Reverse Voltage Max, Vrrm:1600V; Peak Surge Current:1250A; di/dt:100A/ s; Package/Case:G62
Thyristor Diode Module; Repetitive Reverse Voltage Max, Vrrm:1200V; Current Rating:220A

File Size 256.09K  /  17 Page

View it Online

Download Datasheet

For X4005S8I Found Datasheets File :: 3+       Page :: | <1> |   

▲Up To Search▲

 



Bom2Buy.com




Price and Availability



JITONG TECHNOLOGY
(CHINA HK & SZ)
Datasheet.hk's Sponsor

Part: X4005S8I
Maker: Intersil
Pack: ETC
Stock: Reserved
Unit price for :
    50: $0.00
  100: $0.00
1000: $0.00

Email: oulindz@gmail.com

Contact us

 
Price & Availability of X4005S8I

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.59606194496155