Part Number Hot Search : 
TPS816 MAU208 FSA1258 4R7M4 74HC24 BST72 ST2205U LS3010
Product Description
Full Text Search
  WJ1141AS105VDC5.0 Datasheet PDF File

For WJ1141AS105VDC5.0 Found Datasheets File :: 1+       Page :: | <1> |   

    Electronic Theatre Controls, Inc.
CIT[CIT Relay & Switch]
Part No. WJ1142CS59VDC5.0 WJ114 WJ1141AS1012VDC3.5 WJ1141AS1012VDC5.0 WJ1141AS1015VDC3.5 WJ1141AS1015VDC5.0 WJ1141AS1024VDC3.5 WJ1141AS103VDC3.5 WJ1141AS103VDC5.0 WJ1141AS105VDC3.5 WJ1141AS105VDC5.0 WJ1141AS106VDC3.5 WJ1141AS106VDC5.0 WJ1141AS109VDC3.5 WJ1141AS109VDC5.0 WJ1141AS1612VDC3.5 WJ1141AS1612VDC5.0 WJ1141AS1615VDC3.5 WJ1141AS1624VDC3.5 WJ1141AS163VDC3.5 WJ1141AS163VDC5.0 WJ1141AS165VDC3.5 WJ1141AS165VDC5.0 WJ1141AS166VDC3.5 WJ1141AS166VDC5.0 WJ1141AS169VDC3.5 WJ1141AS169VDC5.0 WJ1141AS512VDC3.5 WJ1141AS512VDC5.0 WJ1141AS515VDC3.5 WJ1141AS515VDC5.0 WJ1141AS524VDC3.5 WJ1141AS53VDC3.5 WJ1141AS53VDC5.0 WJ1141AS55VDC3.5 WJ1141AS55VDC5.0 WJ1141AS56VDC3.5 WJ1141AS56VDC5.0 WJ1141AS59VDC3.5 WJ1141AS59VDC5.0 WJ1141CS1012VDC3.5 WJ1141CS1012VDC5.0 WJ1141CS1015VDC3.5 WJ1141CS1024VDC3.5 WJ1141CS103VDC3.5 WJ1141CS103VDC5.0 WJ1141CS105VDC3.5 WJ1141CS105VDC5.0 WJ1141CS106VDC3.5 WJ1141CS106VDC5.0 WJ1141CS109VDC3.5 WJ1141CS109VDC5.0 WJ1141CS1612VDC3.5 WJ1141CS1612VDC5.0 WJ1141CS1615VDC3.5 WJ1141CS1624VDC3.5 WJ1141CS163VDC3.5 WJ1141CS163VDC5.0 WJ1141CS165VDC3.5 WJ1141CS165VDC5.0 WJ1141CS166VDC3.5 WJ1141CS166VDC5.0 WJ1141CS169VDC3.5 WJ1141CS169VDC5.0 WJ1141CS512VDC3.5 WJ1141CS512VDC5.0 WJ1141CS515VDC3.
Description SUPER MK RELAY
MSM19 RI SF 5 A @125VAC BL 开关容6A条,体积小,适用于高密度安装,PC板安装,通过UL / cUL认证
MS3108A24-10S 开关容6A条,体积小,适用于高密度安装,PC板安装,通过UL / cUL认证
Vandal Resistant Pushbutton Switch; Actuator Diameter:15.8mm; Circuitry:SPST-NO SPST-NC; Switch Operation:(On); Contact Current Max:0.1A 开关容6A条,体积小,适用于高密度安装,PC板安装,通过UL / cUL认证
Panel Kit; Contents Of Kit:Top panel; For Use With:R-120 Protective equipment case 开关容6A条,体积小,适用于高密度安装,PC板安装,通过UL / cUL认证
Switching capacity 16A, Small size suitable for high density mounting, PC board mounting, UL/CUL certified 开关容6A条,体积小,适用于高密度安装,PC板安装,通过UL / cUL认证
AB 9C 6#16 3#12 SKT PLUG
AUTO ADC 32K FLASH
MSM22 PI SF 5A@030VDC BL
SWITCH 250 V,GN PT ILL, 19 MM ; Switch function type: PUSH-BUTTON; Voltage, contact AC max:250V; Voltage, contact DC max:250V; Temp, op. max:85(degree C); Temp, op. min:-25(degree C); Diameter, panel cut-out:19mm; Length / Height,
BATTERY CLIP
Panel Kit; Contents Of Kit:Bottom panel; For Use With:R-120 Protective equipment case
O RING FOR R120 BOX
Panel Kit; Contents Of Kit:Bottom panel; For Use With:R-300 Protective equipment case
AB 4C 2#8 2#16 ANGLE PIN PLUG
SWITCH, CAPACITIVE UNDERGLASSSWITCH, CAPACITIVE UNDERGLASS; Switch function type:Momentary; Voltage, contact DC max:24V; Temp, op. min:-20(degree C); Diameter, panel cut-out:16.2mm; Length / Height, external:4mm; Width,
SWITCH, CAPACITIVE RED ILLUMINATIONSWITCH, CAPACITIVE RED ILLUMINATION; Switch function type:3 wire NPN; Temp, op. max:85(degree C); Temp, op. min:-20(degree C); Diameter, panel cut-out:16mm; Colour:Red; Current, supply:20mA;
SWITCH, CAPGREEN ILLUMINATIONSWITCH, CAPGREEN ILLUMINATION; Switch function type:Momentary; Temp, op. min:-20(degree C); Diameter, panel cut-out:16.2mm; Colour:Green; Current, switching DC max:175mA; Depth, behind panel:13mm; IP
Vandal Resistant Switch
CONNECTOR ACCESSORY
MSMLA SWITCH,250V,22 MM,ILLUM-BLUE
MCORE GPS CONTROLLER
CIT SWTICH

File Size 150.40K  /  2 Page

View it Online

Download Datasheet

For WJ1141AS105VDC5.0 Found Datasheets File :: 1+       Page :: | <1> |   

▲Up To Search▲

 



Bom2Buy.com




Price and Availability



 
Price & Availability of WJ1141AS105VDC5.0

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.89475703239441