Part Number Hot Search : 
1N415 2SC17 TC5020BP 02N03 1A101 SGM6130 XXXZFZ DG444DJ
Product Description
Full Text Search
  winding Datasheet PDF File

For winding Found Datasheets File :: 6959    Search Time::1.735ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    B66365G1500X187 B66365G1000X187

EPCOS
Part No. B66365G1500X187 B66365G1000X187
OCR Text ...t tb, method 1b: 350 c, 3.5 s winding: see data book 2013, chapter ?processing notes, 2.1? yoke material: stainless spring steel (0.4 mm) coil former yoke coil former ordering code sections a n ? mm 2 l n ? mm a r value ? ?? pin...
Description Ferrites and accessories

File Size 164.69K  /  9 Page

View it Online

Download Datasheet





    MC1490 MC1490D MC1490P

Motorola, Inc
Part No. MC1490 MC1490D MC1490P
OCR Text ...39 pF 0.002 F T1: Primary winding = 15 turns, #22 AWG wire, 1/4 ID Air Core Secondary winding = 4 turns, #22 AWG wire, Coefficient of Coupling 1.0 [ T2: Primary winding = 10 turns, #22 AWG wire, 1/4 ID Air Core Secondary winding...
Description WIDEBAND AMPLIFIER WITH AGC

File Size 363.05K  /  8 Page

View it Online

Download Datasheet

    PT23 PT23-3C81 PT23-3F3-A400 PT23-3C81-A400 PT23-3C81-A160 PT23-3C81-A250 PT23-3C81-A315 PT23-3C81-A630 PT23-3C91 PT23-3

Ferroxcube International Holding B.V.
Ferroxcube Internationa...
Part No. PT23 PT23-3C81 PT23-3F3-A400 PT23-3C81-A400 PT23-3C81-A160 PT23-3C81-A250 PT23-3C81-A315 PT23-3C81-A630 PT23-3C91 PT23-3F3-A160 PT23-3F3-A250 PT23-3F3-A315 PT23-3F3-A630
OCR Text ...2 PT23/11 coil former; 10-pins. winding data and area product for 10-pins PT23/11 coil former NUMBER OF SECTIONS 1 MINIMUM winding AREA (mm2) 15.1 NOMINAL winding WIDTH (mm) 5.2 AVERAGE LENGTH OF TURN (mm) 45.2 AREA PRODUCT Ae x Aw (mm4) 92...
Description PT, PTS, PTS/I cores and accessories

File Size 51.93K  /  5 Page

View it Online

Download Datasheet

    B66206A1110T001 B66206A2010X000 B66311G0000X127 B66206J1110T001 B66206C1012T001 B66206C1014T001 B66311G0000X187 B66311G0

EPCOS
Part No. B66206A1110T001 B66206A2010X000 B66311G0000X127 B66206J1110T001 B66206C1012T001 B66206C1014T001 B66311G0000X187 B66311G0000X130
OCR Text ...est Tb, method 1B: 350 C, 3.5 s winding: see Data Book 2007, chapter "Processing notes, 2.1" Squared pins. For matching yoke see next page. Version Horizontal Vertical Sections 1 1 AN mm2 34 34 lN mm 41.2 41.2 AR value 42 42 Pins 10 10 Ord...
Description Ferrites and accessories

File Size 112.79K  /  8 Page

View it Online

Download Datasheet

    TEA1507 TEA1507P TEA1507P/N1

PHILIPS[Philips Semiconductors]
Part No. TEA1507 TEA1507P TEA1507P/N1
OCR Text ... overvoltage protection * Short winding protection * Undervoltage protection (foldback during overload) * Overtemperature protection * Low and adjustable overcurrent protection trip level * Soft (re)start * Mains voltage-dependent operation...
Description TEA1507; GreenChip(tm)II SMPS control IC
GreenChipII SMPS control IC
GreenChip?II SMPS control IC

File Size 109.05K  /  20 Page

View it Online

Download Datasheet

    MSD1278-103ML MSD1278-104ML MSD1278-105KL MSD1278-123ML MSD1278-124KL MSD1278-153ML MSD1278-154KL MSD1278-183ML MSD1278-

Coilcraft lnc.
Part No. MSD1278-103ML MSD1278-104ML MSD1278-105KL MSD1278-123ML MSD1278-124KL MSD1278-153ML MSD1278-154KL MSD1278-183ML MSD1278-184KL MSD1278-223ML MSD1278-224KL MSD1278-333ML MSD1278-334KL MSD1278-393ML MSD1278-394KL MSD1278-273ML MSD1278-824KL MSD1278-823ML MSD1278-274KL MSD1278-682ML MSD1278-683ML MSD1278-822ML MSD1278-684KL MSD1278-562ML MSD1278-563ML MSD1278-564KL MSD1278-472ML MSD1278-473ML
OCR Text ...he required inductance for each winding in a coupled inductor is half the value needed for two separate inductors, allowing selection of a part with lower DCR and higher current handling. These inductors provide high inductance, high effici...
Description Coupled Inductors for SEPIC

File Size 229.17K  /  3 Page

View it Online

Download Datasheet

    B66322G0000X127 B66322G0000X187

EPCOS
Part No. B66322G0000X127 B66322G0000X187
OCR Text ...-B Compact E core with large winding area Suitable for the design of compact battery chargers Gapped cores available for flyback converters Delivery mode: single units 7,950,15 Magnetic characteristics (per set) l/A le Ae Amin Ve ...
Description Ferrites and accessories

File Size 49.51K  /  4 Page

View it Online

Download Datasheet

    B64290L0084X065 B64290L0084X087 B64290L0084X830 B6429006

EPCOS
Part No. B64290L0084X065 B64290L0084X087 B64290L0084X830 B6429006
OCR Text ...essing notes - The start of the winding process should be soft. Else the flanges may be destroid. - To strong winding forces may blast the flanges or squeeze the tube that the cores can no more be mount. - To long soldering time at high tem...
Description Ferrites and accessories

File Size 83.81K  /  6 Page

View it Online

Download Datasheet

    PowTech
Part No. PT4219 PT4219ESOH
OCR Text ...open cir cuit , transformer winding short circuit and over temperature shut down . the pt 42 1 9 is available in sop8 package. f eatures ? c onstant current control w ithout s econdary f eed back ? accurate ...
Description Primary Side Offline LED Controller

File Size 316.23K  /  2 Page

View it Online

Download Datasheet

    UDN2916B UDQ2916B UDN2916LB

Allegro MicroSystems
Part No. UDN2916B UDQ2916B UDN2916LB
OCR Text ... current increases in the motor winding and it is sensed by the external sense resistor until the sense voltage (VSENSE) reaches the level set at the comparator's input: ITRIP = VREF/10 RS The comparator then triggers the monostable which t...
Description DUAL FULL-BRIDGE PWM MOTOR DRIVER

File Size 186.99K  /  8 Page

View it Online

Download Datasheet

For winding Found Datasheets File :: 6959    Search Time::1.735ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of winding

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
3.4929599761963