Part Number Hot Search : 
30FH432 06C10 0257003 BR729 MMSZ468 74HC03DB LS425 K2940
Product Description
Full Text Search
  versa Datasheet PDF File

For versa Found Datasheets File :: 1775    Search Time::1.531ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    Philips
Part No. TDA1562SD TDA1562ST TDA1562Q TDA1562Q/N3 TDA1562Q/N3/S10 TDA1562SD/N3 TDA1562ST/N3
OCR Text ...witched from mute to on or vice versa the actual switching takes place at a zero crossing of the input signal. The circuit contains a quick start option, i.e. when it is switched directly from standby to on, the amplifier is fully operation...
Description TDA1562Q; TDA1562ST; TDA1562SD; 70 W high efficiency power amplifier with diagnostic facility

File Size 130.39K  /  24 Page

View it Online

Download Datasheet





    LS4301-7R LS4601-7R LS4000 LS5660-7R LS4001-7R LS4501-7R LS5320-7R LS5540-7R

POWER-ONE[Power-One]
Part No. LS4301-7R LS4601-7R LS4000 LS5660-7R LS4001-7R LS4501-7R LS5320-7R LS5540-7R
OCR Text ...re R excludes option P and vice versa. Option D excludes option V and vice versa. Option V available for LS 4000 types with 5V output. 2/27 Edition 01/01.2001 Cassette Style Functional Description 100 Watt AC-DC Converters S Se...
Description 100 Watt AC-DC Converters with PFC

File Size 595.25K  /  27 Page

View it Online

Download Datasheet

    MAXIM - Dallas Semiconductor
Part No. MAX774IRGEVKIT
OCR Text ...-shelf transformer, such as the versa-PacTM model VP2-0216, provides both high-voltage outputs from a single inverting DC-DC controller, reducing board area and component costs. Selection of a transformer with multifilar winding enhances cr...
Description "ISDN, Ring-Tone, Power Supply Evaluation Kit"

File Size 1,034.13K  /  8 Page

View it Online

Download Datasheet

    L38812

UTC[Unisonic Technologies]
Part No. L38812
OCR Text ...de to receive (Rx) mode or vice versa CTR voltage for 25 dB dynamics,VCTR CTR voltage for mute,ICTR CTR voltage for disable,VCTR 2.5 -30 (note 2) (note 2) 500 500 -75 -75 -6.0 6.0 -2.5 30 -0.7 +0.7 -4.5 5 -100 -0.45 50 -1.5 7...
Description LINEAR INTEGRATED CIRCUIT

File Size 175.31K  /  8 Page

View it Online

Download Datasheet

    TDA1562SD TDA1562Q/S10

NXP SEMICONDUCTORS
Part No. TDA1562SD TDA1562Q/S10
OCR Text ...witched from mute to on or vice versa the actual switching takes place at a zero crossing of the input signal. the circuit contains a quick start option, i.e. when it is switched directly from standby to on, the amplifier is fully operation...
Description 70 W high efficiency power amplifier with diagnostic facility

File Size 135.13K  /  24 Page

View it Online

Download Datasheet

    TDA1562QU

NXP SEMICONDUCTORS
Part No. TDA1562QU
OCR Text ...witched from mute to on or vice versa the actual switching takes place at a zero crossing of the input signal. the circuit contains a quick start option, i.e. when it is switched directly from standby to on, the amplifier is fully operatio...
Description 70 W high efficiency power amplifier with diagnostic facility

File Size 167.92K  /  23 Page

View it Online

Download Datasheet

For versa Found Datasheets File :: 1775    Search Time::1.531ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of versa

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.2135949134827