Part Number Hot Search : 
9318M8 CMX868 D592A 104MPW4 CMX868 BC547C 5KE18CA 284884
Product Description
Full Text Search
  velocity Datasheet PDF File

For velocity Found Datasheets File :: 2812    Search Time::1.422ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    2400AIT

Systemsensor advanced ideas.
Part No. 2400AIT
OCR Text ...its weight: 0.7 lb. (310 g) air velocity: 3000 ft/min (15 m/s) operating temperature: 0 c to 38 c (0 to 100 f) operating humidity: 10% to 93% relative humidity, noncondensing visual indicator: solid state led latching alarm: reset by m...
Description Direct Wire Photoelectronic with Fixed Heat Smoke Detectors

File Size 189.21K  /  4 Page

View it Online

Download Datasheet





    AD2S80A AD2S80AAD AD2S80ABD AD2S80AJD AD2S80AKD AD2S80ALD AD2S80ASD883B AD2S80ASE883B AD2S80AUD

Analog Devices
Part No. AD2S80A AD2S80AAD AD2S80ABD AD2S80AJD AD2S80AKD AD2S80ALD AD2S80ASD883B AD2S80ASE883B AD2S80AUD
OCR Text ...racking rate 1040 rps (10 bits) velocity output industrial temperature range versions military temperature range versions esd class 2 protection (2,000 v min) /883 b parts available applications dc brushless and ac motor control process con...
Description Variable Resolution, Monolithic esolver-to-Digital Converter
Variable Resolution, Monolithic Resolver-to-Digital Converter
   Variable Resolution, Monolithic Resolver-to-Digital Converter

File Size 187.56K  /  16 Page

View it Online

Download Datasheet

    M0100-103-3-000

List of Unclassifed Manufacturers
Part No. M0100-103-3-000
OCR Text ...cw pulse ? a/b quadrature ? velocity (oscillator) mode ? analog +/-10v torque, velocity, position ? host commands (scl) ? quick tuner tm software for setup ? stand-alone operation ? q programmer tm for complex motion ? qu...
Description 400W AC Powered Servo Drive

File Size 4,245.23K  /  16 Page

View it Online

Download Datasheet

    CXD2529Q

Sony Corporation
Part No. CXD2529Q
OCR Text ...upporting CAV (Constant Angular velocity) - Frame jitter-free - Allows 0.5 to double-speed continuous playback - Allows relative rotational velocity readout - Supports external spindle control * Wide capture range mode - Spindle rotational ...
Description From old datasheet system
CD Digital Signal Processor

File Size 671.86K  /  64 Page

View it Online

Download Datasheet

    CXD3068Q

Sony Corporation
Part No. CXD3068Q
OCR Text ...upporting CAV (Constant Angular velocity) * Frame jitter free * 0.5x to 4x continuous playback possible * Allows relative rotational velocity readout * Wide capture range playback mode * Spindle rotational velocity following method * Suppor...
Description CD Digital Signal Processor with Built-in Digital Servo

File Size 1,217.71K  /  134 Page

View it Online

Download Datasheet

    DDP3310B

Micronas
ETC
Part No. DDP3310B
OCR Text ...ng Picture Frame Generator Scan velocity Modulation Analog Back-End Analog RGB Insertion Half-Contrast Control Fast-Blank Monitor CRT Measurement and Control Average Beam Current Limiter Synchronization and Deflection Deflection Processing ...
Description Display and Deflection Processor

File Size 1,011.92K  /  60 Page

View it Online

Download Datasheet

    DATA DEVICE CORP
Part No. SDC-630-ST-I-3
OCR Text ...y)  options (consult factory): velocity input bit: built-in-test 16-bit resolution description the sdc-630/632/634 a/st series are low cost, low profile synchro- to-digital (s/d) and resolver-to-digital (r/d) tracking converters with stand...
Description SYNCHRO OR RESOLVER TO DIGITAL CONVERTER, DMA27

File Size 96.18K  /  8 Page

View it Online

Download Datasheet

    ANALOG DEVICES INC
Part No. AD2S83APZ
OCR Text ...e analog signal proportional to velocity is also available and will replace a tachogenerator. the ad2s83 operates over reference frequencies in the range 0 hz to 20,000 hz. product highlights high accuracy velocity output. a precision analo...
Description Variable Resolution Resolver-to-Digital Converter

File Size 189.07K  /  19 Page

View it Online

Download Datasheet

    DATA DEVICE CORP
Part No. SDC-14560-542L
OCR Text ... the sdc-14560 are high-quality velocity output and her- metic seal. user-programmable resolution has been designed into the sdc-14560 to increase the capabilities of modern motion control systems. the precise positioning attained at 16-bit...
Description SYNCHRO OR RESOLVER TO DIGITAL CONVERTER, MDIP36

File Size 165.40K  /  14 Page

View it Online

Download Datasheet

For velocity Found Datasheets File :: 2812    Search Time::1.422ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of velocity

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
8.6005620956421