Part Number Hot Search : 
2SS05Q NTE18 AOC3860A 2SS05Q 00M000 LT1006MH BA98008 AV3842B
Product Description
Full Text Search
  useful Datasheet PDF File

For useful Found Datasheets File :: 18012    Search Time::2.047ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    CD295BC

Jianghai Europe GmbH
Part No. CD295BC
OCR Text ... -40c / z +20c 18 15 10 6 8 - useful life load life endurance test shelf life lifetime 6 000h >100 000h 5 000h 5 000h 1 000h leakage current not more than specifed value not more than specifed value not more than specifed value not m...
Description EC Snap-In 85°C Long Lifetime 6.000h High Ripple Currents(Snap-In)

File Size 981.35K  /  5 Page

View it Online

Download Datasheet





    CD293BZ

Jianghai Europe GmbH
Part No. CD293BZ
OCR Text ...larger size higher current 105c useful life load life endurance test shelf life lifetime 000h >75 000h 2 000h 3 000h 1 000h leakage current not more than specifed value not more than specifed value not more than specifed value not m...
Description EC Snap-In Standard 85°C 4.000h Lifetime (Snap-In)

File Size 805.52K  /  5 Page

View it Online

Download Datasheet

    CDP6872 CDP6872E CDP6872H CDP6872M

Intersil Corporation
Part No. CDP6872 CDP6872E CDP6872H CDP6872M
OCR Text ...mpedance state. This feature is useful for minimizing power dissipation during standby and when multiple oscillator circuits are employed. Features * Single Supply Operation at 32kHz . . . . . . . 2.0V to 7.0V * Operating Frequency Rang...
Description Low Power Crystal Oscillator

File Size 102.51K  /  15 Page

View it Online

Download Datasheet

    Vishay
Part No. EYD00DD568C02V EYD00AB310R02V EYD00CB422L02V EYD00DB522E02V EYD00CB515E02V EYD00DD347R02V EYD00DG568D02V EYD00DB433L02V EYD00DD410S02V EYD00DD522G02V EYD00CB322R02V EYD00DG515J02V EYD00CB322X02V EYD00DM615C02V EYD00AV468D02V EYD00CD547C02V EYD00BB315X02V EYD00CB347S02V EYD00AV447E02V EYD00DM410R02V EYD00CD368S02V EYD00DM422S02V EYD00CD515G02V EYD00CB522D02V EYD00DM522J02V EYD00DD347X02V EYD00DG610C02V EYD00DB547C02V EYD00AV315S02V
OCR Text ...ided with keyed polarity ? long useful life: 12000 hours at 85 c ? high ripple current capability ? high resistance to shock and vibration applications ? general purpose, industrial and audio/video systems ? smoothing and filtering ? stand...
Description Aluminum Capacitors

File Size 164.99K  /  7 Page

View it Online

Download Datasheet

    ICS1522

Integrated Circuit Systems
Part No. ICS1522
OCR Text ...outputs of the ICS1522. This is useful in generating of lower frequencies, as the VCO has been optimized for high-frequency operation. The post-scaler allows the selection of dividing the VCO frequency by either 1, 2, 4 or 8. PLL Synthes...
Description User-Programmable Video Clock Generator/ Line-Locked Clock Regenerator

File Size 237.56K  /  13 Page

View it Online

Download Datasheet

    STV0502 6107

STMicroelectronics
Part No. STV0502 6107
OCR Text ...gnal is sampled, amplified to a useful level and digitized by an 8 bits ADC. The gain of the amplifier and the black level clamp can be adjusted by a serial bus. PIN CONNECTIONS BLACK_REF AGC LEVEL TEST ONLY NOT USED OB_CAP The audio mi...
Description From old datasheet system
CCD SENSORS ANALOG PROCESSOR IC

File Size 156.53K  /  15 Page

View it Online

Download Datasheet

    Maxim Integrated Produc...
Maxim Integrated Products, Inc.
Part No. AN629
OCR Text useful in many applications. For instance, it can be used to finely tune the reference voltage when absolute accuracy is required or to adjust the reference voltage to match the full-scale voltage range of an analog-input signal to maximize...
Description Digitally Adjustable Voltage References

File Size 48.41K  /  6 Page

View it Online

Download Datasheet

    Vishay BCcomponents
Part No. 10284206-041G
OCR Text ...minals fig. 1 features ? long useful life: 10 000 h to 15 000 h at + 85 c ? available in case sizes up to ? 90 mm x 220 mm ? polarized aluminum electrolytic capacitors, non-solid electrolyte ? large types, cylindrical aluminum case, insu...
Description 101/102 PHR-ST Aluminum Capacitors, Power High Ripple Current, Screw Terminals

File Size 126.57K  /  11 Page

View it Online

Download Datasheet

For useful Found Datasheets File :: 18012    Search Time::2.047ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of useful

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.74458789825439