Part Number Hot Search : 
AF4362N SDA2085 MFE130 DS1222S 2SK2669 CEU02N6A 1N1N4G 45NJR10E
Product Description
Full Text Search
  up-down Datasheet PDF File

For up-down Found Datasheets File :: 97290    Search Time::2.187ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    Sony
Part No. UP-895 UP-895CE UP-895MD
OCR Text up-895 up-895ce up-895md service manual 1st edition http:// up-895/(e) ! w arning this man ual is intended f or qualified ser vice perso...down control ..................................................... 4-10 4-4-5. monitor of door senso...
Description VIDEO GRAPHIC PRINTER SERVICE MANUAL

File Size 4,108.40K  /  84 Page

View it Online

Download Datasheet





    NXP Semiconductors N.V.
Part No. LPC2132FBD64/CP325 LPC2134FBD64/0111 LPC2132FBD64/CP3252 LPC2132FBD64/01/S
OCR Text ...channels and 47 gpio lines with up to nine edge or level sensitive external interrupt pins make these microcontrollers particularly suitable...down. n individual enable/disable of peripheral functions as well as peripheral clock scaling down f...
Description 32-BIT, FLASH, 60 MHz, RISC MICROCONTROLLER, PQFP64 10 X 10 MM, 1.40 MM HEIGHT, ROHS COMPLIANT, PLASTIC, MS-026, SOT314-2, LQFP-64
Single-chip 16/32-bit microcontrollers; 32/64/128/256/512 kB ISP/IAP flash with 10-bit ADC and DAC; Package: SOT314-2 (LQFP64); Container: Reel Pack, SMD, 13&quot; 32-BIT, FLASH, 60 MHz, RISC MICROCONTROLLER, PQFP64

File Size 506.49K  /  44 Page

View it Online

Download Datasheet

    ST Microelectronics
Part No. LD3986J285R LD3986XX285
OCR Text ...de) guaranteed output current up to 150ma for both outputs dual output voltages fast turn-on time: typ. 120s (c o =1f, c byp =10nf a...down to low input voltage levels common to battery operated circuits. shutdown logic control functio...
Description DUAL ULTRA LOW DROP-LOW NOISE BICMOS VOLTAGE REG. FOR USE WITH VERY LOW ESR OUT. CAPACITORS

File Size 156.56K  /  12 Page

View it Online

Download Datasheet

    Samsung Electronic
Part No. K4H281638D
OCR Text ...ionality 3.2.1 power-up sequence 3.2.2 mode register definition 3.2.2.1 mode register set(mrs) 3.2.2.2 extended...down 4. command truth table 5. functional truth table 6. absolute maximum rating 7. dc operating con...
Description 128Mb DDR SDRAM Data Sheet

File Size 317.02K  /  51 Page

View it Online

Download Datasheet

    Fujitsu, Ltd.
Part No. MB91F233PFF-GE1
OCR Text ...errun ? ppg : 16-bit 6 ch ? up/down counter : 2 ch (8-bit 2 ch or 16-bit 1 ch) ? reload timer : 16-bit 4 ch ? free-run timer : 16-bit 2 ch ? watch timer : 15-bit 1 ch ? pwc : 8-bit 2 ch ? input capture : 2 ch (inter...
Description 32-BIT, FLASH, 33.6 MHz, RISC MICROCONTROLLER, PQFP120 PLASTIC, LQFP-120

File Size 296.93K  /  56 Page

View it Online

Download Datasheet

    Numonyx Asia Pacific Pte, Ltd.
Part No. NAND32GAH0HZA5E
OCR Text ...with multimediacard interface up to 8 gbytes of formatted data storage high capacity memory access emmc/multimediacard system specificat...down to 200 a (typ) ? read current: down to 40 ma (typ) ? write current: down to 100 ma (typ) ...
Description 4G X 8 FLASH 3.3V PROM, PBGA169 12 X 16 MM, 1.40 MM HEIGHT, 0.50 MM PITCH, ROHS COMPLIANT, LFBGA-169

File Size 594.97K  /  29 Page

View it Online

Download Datasheet

   
ALLIANCE MEMORY INC
Part No. U62H256ASK55G1
OCR Text ... (mil std 883c m3015.7) latch-up immunity >100 ma package: sop28 (300/330 mil) the u62h256a is a static ram manufactured using a cmos pr...down to 2 v. with the exception of e , all inputs consist of nor gates, so that no pull-up/pull-down...
Description 32K X 8 STANDARD SRAM, 55 ns, PDSO28

File Size 83.80K  /  10 Page

View it Online

Download Datasheet

    Numonyx Asia Pacific Pte, Ltd.
Part No. NAND32GAH0PZA5E NAND32GAH0PZA5F
OCR Text ..., 8 bits ? data transfer rate: up to 52 mbyte/s operating voltage range: ?v ccq =1.8 v/3.3 v ?v cc = 3.3 v multiple block read (x8 at 5...down to 100 a (typ) ? read current: down to 70 ma (typ) ? write current: down to 100 ma (typ) trim ...
Description 4G X 8 FLASH 3.3V PROM, PBGA169 12 X 16 MM, 1.40 MM HEIGHT, 0.50 MM PITCH, ROHS COMPLIANT, LFBGA-169

File Size 660.63K  /  32 Page

View it Online

Download Datasheet

    Samtec, Inc.
Part No. HQCD-030-03.75-SPD-SBL-3 HQCD-030-03.75-SPD-SBL-2 HQCD-030-03.75-SPD-SBR-2 HQCD-030-03.75-SPD-SBL-1 HQCD-030-03.75-SPD-SBR-3 HQCD-030-03.75-SPD-SBR-1
OCR Text ... 2) -teu: terminal, edge mount, up -ted: terminal, edge mount, down -seu: socket, edge mount, up -sed: socket, edge mount, down (see table 5 & sheet 4) -tpu: terminal, panel mount, up -tpd: terminal, panel mount, down -spu: socket, pan...
Description INTERCONNECTION DEVICE ROHS COMPLIANT

File Size 1,061.07K  /  8 Page

View it Online

Download Datasheet

For up-down Found Datasheets File :: 97290    Search Time::2.187ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of up-down

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
2.0060698986053