Part Number Hot Search : 
L117EYW 1N441B AAT11 5ETP12 STF1060C 1D17AH ISL95837 4447A
Product Description
Full Text Search
  up-counter Datasheet PDF File

For up-counter Found Datasheets File :: 27285    Search Time::1.344ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    80C51FA TP80C51FA LN83C51FA TN83C51FA LN80C51FA AN80C51FA TP83C51FA TN80C51FA LP83C51FA AP83C51FA LP80C51FA BN80C51FA BP

XP Power, Ltd.
Intel Corp.
INTEL[Intel Corporation]
Panasonic Semiconductor
Part No. 80C51FA TP80C51FA LN83C51FA TN83C51FA LN80C51FA AN80C51FA TP83C51FA TN80C51FA LP83C51FA AP83C51FA LP80C51FA BN80C51FA BP83C51FA 83C51FA AN83C51FA AP80C51FA BN83C51FA BP80C51FA TP80C51FA1
OCR Text ...it Timer Counters Timer 2 is an Up Down Timer Counter Programmable Counter Array with High Speed Output Compare Capture Pulse Width Modulator Watchdog Timer Capabilities 8K On-Chip ROM 256 Bytes of On-Chip Data RAM Boolean Processor 32 Prog...
Description (193.00 k) 93.00十一
DIP Switch; No. of Switch Positions:3; Circuitry:SPST; Contact Current Max:100mA; Switch Terminals:Through Hole; Pitch Spacing:2.54mm; Row Spacing:8mm; Series:SD; Actuator Style:Flush Slide RoHS Compliant: Yes 93.00十一
Event-Control CHMOS Single Chip 8-Bit Microcontroller(控制事件CHMOS 单片8位微控制
EVENT-CONTROL CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER

File Size 190.31K  /  13 Page

View it Online

Download Datasheet





    80C51GB 8XC51 8XC51GB 8XC51GB-1 83C51GB N83C51GB N87C51GB 87C51GB N80C51GB N8XC51GB-1 N8XC51GB

INTEL[Intel Corporation]
Part No. 80C51GB 8XC51 8XC51GB 8XC51GB-1 83C51GB N83C51GB N87C51GB 87C51GB N80C51GB N8XC51GB-1 N8XC51GB
OCR Text ...RY ORGANIZATION PROGRAM MEMORY Up to 8 Kbytes of the program memory can reside in the on-chip ROM Also the device can address up to 64K of ...Counter and five Register Comparator Modules each have a status bit in the CCON C1CON Special Functi...
Description CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER

File Size 300.18K  /  22 Page

View it Online

Download Datasheet

    89C55 AT89C55 AT89C55-16AA AT89C55-16JA AT89C55-16PA AT89C55-16QA AT89C55-24AC AT89C55-24AI AT89C55-24JC AT89C55-24JI AT

ATMEL[ATMEL Corporation]
Part No. 89C55 AT89C55 AT89C55-16AA AT89C55-16JA AT89C55-16PA AT89C55-16QA AT89C55-24AC AT89C55-24AI AT89C55-24JC AT89C55-24JI AT89C55-24PC AT89C55-24PI AT89C55-24QC AT89C55-24QI AT89C55-33AC AT89C55-33JC AT89C55-33PC AT89C55-33QC
OCR Text ...ory locations starting at 0000H up to FFFFH. Note, however, that if lock bit 1 is programmed, EA will be internally latched on reset. EA sho...Counter 2 Control Register T2CON Address = 0C8H Bit Addressable TF2 Bit Symbol TF2 EXF2 Function Ti...
Description 8-Bit Microcontroller with 20K Bytes Flash

File Size 605.37K  /  24 Page

View it Online

Download Datasheet

    ETA Chips
Part No. ADAM22C20S ADAM22P21 ADAM22P20S ADAM22C21S ADAM22C23
OCR Text ...scillation low input (with pull-up) @reset - high current pulse output. - oscillator output. - oscillator input. - n-ch open drain output. -...counter (pc) page address register (pa) 10 1 (level "1") (level "2") (level "3") stack register ...
Description (ADAM22x2x) 4-BIT SINGLE CHIP MICROCOMPUTERS

File Size 326.14K  /  36 Page

View it Online

Download Datasheet

    AD5222 AD5222BR10 AD5222BR100 AD5222BR1M AD5222BR50 AD5222BRU10 AD5222BRU100 AD5222BRU1M AD5222BRU50

ANALOG DEVICES INC
Analog Devices, Inc.
AD[Analog Devices]
Part No. AD5222 AD5222BR10 AD5222BR100 AD5222BR1M AD5222BR50 AD5222BRU10 AD5222BRU100 AD5222BRU1M AD5222BRU50
OCR Text ...OCK DIAGRAM VDD U/D AD5222 UP/DOWN COUNTER DECODE A1 W1 B1 POR CS MODE DACSEL CLK GND A2 UP/DOWN COUNTER DECODE W2 B2 VSS DAC SELECT AND ENABLE GENERAL DESCRIPTION The AD5222 provides a dual channel, 128-position, digita...
Description Increment/Decrement Dual Digital Potentiometer
Dual, Increment/Decrement Digital Potentiometer

File Size 173.37K  /  10 Page

View it Online

Download Datasheet

    MOTOROLA INC
Part No. MC54F168J
OCR Text ...9 are fully synchronous 4-stage up/ down counters. the f168 is a bcd decade counter; the f169 is a modulo-16 binary counter . both feature a preset capability for programmable operation, carry lookahead for easy cascading, and a u/d inpu...
Description 4-STAGE SYNCHRONOUS BIDIRECTIONAL COUNTERS FAST SCHOTTKY TTL

File Size 208.91K  /  6 Page

View it Online

Download Datasheet

    ANALOG DEVICES INC
Part No. ADBF542WBBCZ4XX ADBF549WBBCZ5XX
OCR Text .... all rights reserved. features up to 600 mhz high performance blackfin processor two 16-bit macs, two 40-bit alus, four 8-bit video alus r...counter with supp ort for rotary encoder up to 152 general-purpose i/o (gpios) on-chip pll capable...
Description 16-BIT, 50 MHz, OTHER DSP, PBGA400

File Size 2,781.18K  /  100 Page

View it Online

Download Datasheet

For up-counter Found Datasheets File :: 27285    Search Time::1.344ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of up-counter

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.85375618934631