Part Number Hot Search : 
DF5A8 P99446G PP2FFXX A71A1 DT74ALV OPI2630 TDA154 MC1117SJ
Product Description
Full Text Search
  unused Datasheet PDF File

For unused Found Datasheets File :: 23451    Search Time::1.406ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

   
Part No. UPD703308GC-XXX-8BT
OCR Text ...) and v ih (min). handling of unused input pins unconnected cmos device inputs can be cause of malfunction. if an input pin is unconnected, it is possible that an internal input level may be generated due to noise, etc., causing malfunc...
Description 32-BIT, MROM, 20 MHz, RISC MICROCONTROLLER, PQFP80

File Size 4,875.72K  /  758 Page

View it Online

Download Datasheet





    NBSG16VSBAR2 NBSG16VSMN NBSG16VSMNG NBSG16VSMNR2 NBSG16VSMNR2G NBSG16VSBAEVB NBSG16VS NBSG16VSBA

ONSEMI[ON Semiconductor]
Part No. NBSG16VSBAR2 NBSG16VSMN NBSG16VSMNG NBSG16VSMNR2 NBSG16VSMNR2G NBSG16VSBAEVB NBSG16VS NBSG16VSBA
OCR Text ...ngle-ended input operation, the unused complementary differential input is connected to VBB or VMM as a switching reference voltage. VBB or VMM may also rebias AC coupled inputs. When used, decouple VBB and VMM via a 0.01 mF capacitor and l...
Description 2.5V/3.3V SiGe Differential Receiver/Driver with Variable Output Swing

File Size 190.16K  /  14 Page

View it Online

Download Datasheet

    NB100LVEP222FAG NB100LVEP222FAR2 NB100LVEP222FARG NB100LVEP222FA NB100LVEP222

ONSEMI[ON Semiconductor]
Part No. NB100LVEP222FAG NB100LVEP222FAR2 NB100LVEP222FARG NB100LVEP222FA NB100LVEP222
OCR Text ...e bypassed and connected to the unused input of a pair). Either of two fully differential clock inputs may be selected. Each of the four output banks of 2, 3, 4, and 6 differential pairs may be independently configured to fanout 1X or 1/2X ...
Description 2.5 V/3.3 V 1:15 Differential ECL/PECL ÷1/÷2 Clock Driver
2.5 V/3.3 V 1:15 Differential ECL/PECL ±1/±2 Clock Driver

File Size 114.73K  /  10 Page

View it Online

Download Datasheet

    SY89200UMG SY89200UMGTR SY89200UMI SY89200UMITR SY89200U

MICREL[Micrel Semiconductor]
Part No. SY89200UMG SY89200UMGTR SY89200UMI SY89200UMITR SY89200U
OCR Text ...0 - Q3 = /1 HIGH, Q0 - Q3 = /2. unused output pairs should be terminated with 100 across the differential pair. Bank 2 LVDS differential output pairs controlled by DIVSEL2: LOW Q4 - Q6 = /2 HIGH, Q4 - Q6 = /2. unused output pairs should be ...
Description Ultra-Precision 1:8 LVDS Fanout Buffer with Three ÷1/÷2/÷4 Clock Divider Output Banks
Ultra-Precision 1:8 LVDS Fanout Buffer with Three ±1/±2/±4 Clock Divider Output Banks

File Size 542.56K  /  11 Page

View it Online

Download Datasheet

    MICREL[Micrel Semiconductor]
Part No. SY89311U06 SY89311UMITR SY89311U SY89311UMGTR
OCR Text ...ecommendations on terminations. unused output pairs may be left floating without any inpact on skew or jitter. Negative Power Supply: VEE and exposed pad must be tied to most negative supply. For PECL/LVPECL connect to ground. Differential ...
Description 2.5V/3.3V/5V 1:2 DIFFERENTIAL PECL/LVPECL/ECL FANOUT BUFFER

File Size 465.72K  /  6 Page

View it Online

Download Datasheet

    SY89313VMITR SY89313VMGTR SY89313V

MICREL[Micrel Semiconductor]
Part No. SY89313VMITR SY89313VMGTR SY89313V
OCR Text ...gle-ended input conditions, the unused differential input is connected to VBB as a switching reference voltage. VBB may also re-bias ACcoupled inputs. When used, decouple VBB and VCC via a 0.01F capacitor and limit current sourcing or sinki...
Description 3.3V/5V, 4GHz PECL/ECL ÷ 4 CLOCK GENERATOR
3.3V/5V, 4GHz PECL/ECL ± 4 CLOCK GENERATOR

File Size 48.91K  /  6 Page

View it Online

Download Datasheet

    SY89827LHITR SY89827L SY89827LHI SY89827LHY SY89827LHYTR

Micrel Semiconductor
Part No. SY89827LHITR SY89827L SY89827LHI SY89827LHY SY89827LHYTR
OCR Text ...puts are static when OE1 = LOW. unused output pairs may be left floating. Differential clock outputs (complement) from CLKA when SEL1 = LOW and from CLKB when SEL1 = HIGH. HSTL outputs (Q and /Q) must be terminated with 50-to-GND. /Q output...
Description 3.3V 500MHz DUAL 1:10 HSTL FANOUT BUFFER/TRANSLATOR WITH 2:1 MUX INPUT

File Size 161.44K  /  11 Page

View it Online

Download Datasheet

    MB88111 MB88111P-SH MB88111PFQ

Fujitsu Microelectronics
Fujitsu Media Devices Limited
Part No. MB88111 MB88111P-SH MB88111PFQ
OCR Text ...Standard Conversion) Command.") unused (*) unused (*) No-op command. Input of this command during A/D conversion does not affect operation. If followed by this command, the ATC command can transfer converted data while holding the NOP comma...
Description A/D Converter (With 24-Channel Input at 10-bit Resolution)

File Size 164.28K  /  26 Page

View it Online

Download Datasheet

For unused Found Datasheets File :: 23451    Search Time::1.406ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of unused

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.47326493263245