Part Number Hot Search : 
V120MA2S DTA124 LV3400M BUT56 SFD605G 0ACPZ MAX6342 MC68HC
Product Description
Full Text Search
  ultralow-power Datasheet PDF File

For ultralow-power Found Datasheets File :: 2393    Search Time::8.156ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    AD5227 AD5227BUJZ100-R22 AD5227BUJZ100-RL72 AD5227BUJZ10-R22 AD5227BUJZ10-RL72 AD5227BUJZ50-R22 AD5227BUJZ50-RL72 AD5227

Analog Devices, Inc.
AD[Analog Devices]
Part No. AD5227 AD5227BUJZ100-R22 AD5227BUJZ100-RL72 AD5227BUJZ10-R22 AD5227BUJZ10-RL72 AD5227BUJZ50-R22 AD5227BUJZ50-RL72 AD5227EVAL AD5227BUJZ100-R2 AD5227BUJ10-RL7 AD5227BUJZ10-R2 AD5227BUJZ50-R2 AD5227BUJ50-RL7 AD5227BUJZ10-RL7 AD5227BUJZ100-RL7 AD5227BUJZ50-RL7
OCR Text ...rheostat mode tempco = 35 ppm/C Ultralow power, IDD = 0.4 A typ and 3 A max Fast adjustment time, ts = 1 s Chip select enable multiple device operation Low operating voltage, 2.7 V to 5.5 V Automotive temperature range, -40C to +105C Compac...
Description 64-Position Up/Down Control Digital Potentiometer 64工位下控制数字电位器
64-Position Digital Up/Down Control Potentiometer

File Size 324.12K  /  16 Page

View it Online

Download Datasheet





    AD5228 AD5228BUJZ1002-R2 AD5228BUJZ1002-RL7 AD5228BUJZ102-R2 AD5228BUJZ102-RL7 AD5228BUJZ502-R2 AD5228BUJZ502-RL7 AD5228

AD[Analog Devices]
Part No. AD5228 AD5228BUJZ1002-R2 AD5228BUJZ1002-RL7 AD5228BUJZ102-R2 AD5228BUJZ102-RL7 AD5228BUJZ502-R2 AD5228BUJZ502-RL7 AD5228EVAL AD5228BUJZ100-R2 AD5228BUJZ100-RL7 AD5228BUJZ10-R2 AD5228BUJZ10-RL7 AD5228BUJZ50-R2 AD5228BUJZ50-RL7
OCR Text ...pm/C Digital control compatible Ultralow power, IDD = 0.4 A typ and 3 A max Low operating voltage, 2.7 V to 5.5 V Automotive temperature range, -40C to +105C Compact thin SOT-23-8 (2.9 mm x 3 mm) Pb-free package FUNCTIONAL BLOCK DIAGRAM ...
Description 32-Position Manual Up/Down Control Potentiometer

File Size 334.30K  /  20 Page

View it Online

Download Datasheet

    ADM3311 ADM3311E ADM3311EARS-REEL25 ADM3311EARU-REEL25

AD[Analog Devices]
Analog Devices, Inc.
Part No. ADM3311 ADM3311E ADM3311EARS-REEL25 ADM3311EARU-REEL25
OCR Text Ultralow Power CMOS: 450 A Operation Low Power Shutdown: 20 nA 460 kbits/s Data Rate 0.1 F to 1 F Charge Pump Capacitors Single +2.7 V to +3.6 V Power Supply One Receiver Active in Shutdown ESD >15 kV Pin Compatible with DS14C335 APPLICATIO...
Description 15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceiver with Green Idle?/a>
15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceiver with Green Idle⑩
15 kV ESD Protected. 2.7 V to 3.6 V Serial Port Transceiver with Green Idle
JFET; Breakdown Voltage, V(br)gss:40V; Zero Gate Voltage Drain Current Min, Idss:-4mA; Zero Gate Voltage Drain Current Max, Idss:-16mA; Gate-Source Cutoff Voltage Max, Vgs(off):9V; Continuous Drain Current, Id:-16mA RoHS Compliant: No
15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceiver with Green Idle 15 kV的ESD保护.7 V.6 V绿色串口收发闲置

File Size 178.69K  /  12 Page

View it Online

Download Datasheet

    ADM560 ADM560JR ADM560JRS ADM561 ADM561JR ADM561JRS ADM560JRS-REEL ADM561JRS-REEL ADM560JR-REEL ADM560JRSZ

ANALOG DEVICES INC
AD[Analog Devices]
Analog Devices, Inc.
Part No. ADM560 ADM560JR ADM560JRS ADM561 ADM561JR ADM561JRS ADM560JRS-REEL ADM561JRS-REEL ADM560JR-REEL ADM560JRSZ
OCR Text Ultralow Power, +3.3 V, RS-232 Notebook PC Serial Port Drivers/Receivers ADM560/ADM561 FUNCTIONAL BLOCK DIAGRAM +3.3V INPUT 12 C1+ +3.3V TO +6.6V VOLTAGE DOUBLER +6.6V TO -6.6V VOLTAGE INVERTER T1 T2 T3 T4 R1 R2 R3 R4 R5 GND 10 VCC 11 V+ ...
Description Ultralow Power/ 3.3 V/ RS-232 Notebook PC Serial Port Drivers/Receivers
Ultralow Power, 3.3 V, RS-232 Notebook PC Serial Port Drivers/Receivers
Ultralow Power, Active Low Shutdown and Active High Receiver Enable
Ultralow Power, Active High Shutdown and an Active Low Receiver Enable

File Size 241.55K  /  6 Page

View it Online

Download Datasheet

    MIC5216 MIC5216-3.0BM5 MIC5216-3.0BMM MIC5216-3.3BM5 MIC5216-3.3BMM MIC5216-3.6BM5 MIC5216-3.6BMM MIC5216-5.0BM5 MIC5216

MICREL INC
Micrel Semiconductor, Inc.
Micrel Semiconductor,Inc.
MICREL[Micrel Semiconductor]
Part No. MIC5216 MIC5216-3.0BM5 MIC5216-3.0BMM MIC5216-3.3BM5 MIC5216-3.3BMM MIC5216-3.6BM5 MIC5216-3.6BMM MIC5216-5.0BM5 MIC5216-5.0BMM
OCR Text ... resonant frequency above 1MHz. Ultralow-ESR capacitors could cause oscillation and/or underdamped transient response. Most tantalum or alum...power dissipation can be calculated based on the output current and the voltage drop across the part...
Description 500mA-Peak Output LDO Regulator Preliminary Information 3.6 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO5
500mA-Peak Output LDO Regulator Preliminary Information 3 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO8
3-A Active Bus Termination/ DDR Memory DC/DC Converter 20-HTSSOP -40 to 85

File Size 64.85K  /  12 Page

View it Online

Download Datasheet

    AD6421AST AD6422AST AD6423 AD20MSP415

ANALOG DEVICES INC
AD[Analog Devices]
Part No. AD6421AST AD6422AST AD6423 AD20MSP415
OCR Text ...eband Section and Radio Section Ultralow Power Design 2.7 V to 3.3 V Operating Voltage Intelligent Power Management Features XXX mW Power Dissipation in Talk Mode XX mW Power Dissipation in Standby Mode Two TQFP Devices, Occupying Less than...
Description DIODE ZENER 5.6V 500MW
GSM/DCS1800/PCS1900 Baseband Processing Chipset

File Size 63.28K  /  8 Page

View it Online

Download Datasheet

    AD708 AD708AH AD708AQ AD708BH AD708BQ AD708JGRADECHIPS AD708JN AD708SGRADECHIPS AD708SH AD708SQ AD708SH_883B

AD[Analog Devices]
Part No. AD708 AD708AH AD708AQ AD708BH AD708BQ AD708JGRADECHIPS AD708JN AD708SGRADECHIPS AD708SH AD708SQ AD708SH_883B
OCR Text ...s and /883B Parts Available. Ultralow Offset Voltage Dual Op Amp AD708 CONNECTION DIAGRAMS TO-99 (H) Package Plastic (N ), and Cerdip...Power Supply Rejection TMIN to TMAX Channel Separation INPUT VOLTAGE NOISE VCM = 0 V TMIN to TMAX Co...
Description    Ultralow Offset Voltage Dual Op Amp

File Size 409.00K  /  8 Page

View it Online

Download Datasheet

    AD743 AD743BQ AD743JN AD743JR-16 AD743JR-16-REEL AD743KN AD743KR-16 AD743KR-16-REEL AD743SQ_883B

AD[Analog Devices]
Part No. AD743 AD743BQ AD743JN AD743JR-16 AD743JR-16-REEL AD743KN AD743KR-16 AD743KR-16-REEL AD743SQ_883B
OCR Text ULTRALOW NOISE PERFORMANCE 2.9 nV/Hz at 10 kHz 0.38 V p-p, 0.1 Hz to 10 Hz 6.9 fA/Hz Current Noise at 1 kHz EXCELLENT DC PERFORMANCE 0.5 mV ...Power Response Slew Rate, Unity Gain Settling Time to 0.01% Total Harmonic Distortion4 (Figure 16) I...
Description Ultralow Noise BiFET Op Amp

File Size 300.89K  /  12 Page

View it Online

Download Datasheet

    AD797 AD797AN AD797AR AD797AR-REEL AD797AR-REEL7 AD797BN AD797BR AD797BR-REEL AD797BR-REEL7 5962-9313301MPA

AD[Analog Devices]
Part No. AD797 AD797AN AD797AR AD797AR-REEL AD797AR-REEL7 AD797BN AD797BR AD797BR-REEL AD797BR-REEL7 5962-9313301MPA
OCR Text ... Buffers PRODUCT DESCRIPTION Ultralow Distortion, Ultralow Noise Op Amp AD797* CONNECTION DIAGRAM 8-Pin Plastic Mini-DIP (N), Cerdip (Q)...power supply voltage range of 5 to 15 volts make the AD797 an excellent general purpose amplifier....
Description Ultralow Distortion, Ultralow Noise Op Amp

File Size 400.08K  /  16 Page

View it Online

Download Datasheet

For ultralow-power Found Datasheets File :: 2393    Search Time::8.156ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of ultralow-power

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.85452914237976