Part Number Hot Search : 
R2496 ALFSN 2N5344 MKI010V 2SC367 2SB596O 7C102 MODEL78
Product Description
Full Text Search
  tssop28 Datasheet PDF File

For tssop28 Found Datasheets File :: 161    Search Time::3.266ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    STK600-TSSOP28

ATMEL Corporation
Part No. STK600-tssop28
OCR Text ...gnd gnd gnd gnd gnd gnd gnd vcc tssop28 socket/footprint card j1 j2 st1 board_i d0 board_i d1 i d4 id 0x30 c1 1 0 0 n gnd vcc board_i d1 i d4 docum ent stk 600- tssop 28 p cba docum entation z1 product number/revision serial number l abel p...
Description    Socket and Footprint Card

File Size 95.87K  /  1 Page

View it Online

Download Datasheet





    NXP Semiconductors N.V.
Part No. GTL2007PW
OCR Text ...ceeds 500 ma n package offered: tssop28 gtl2007 12-bit gtl to lvttl translator with power good control rev. 02 16 february 2007 product data sheet gtl2007_2 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 02 16 february 20...
Description
File Size 103.36K  /  20 Page

View it Online

Download Datasheet

    P89LPC934

Philips Semiconductors
Part No. P89LPC934
OCR Text ... 28 leads sot261-2 p89lpc933fdh tssop28 plastic thin shrink small outline package; 28 leads; body width 4.4 mm sot361-1 p89lpc934fdh p89lpc935fdh p89lpc936fdh p89lpc935fhn hvqfn28 plastic thermal enhanced very thin quad ?at package; no lead...
Description (P89LPC933 - P89LPC936) 8-bit microcontroller

File Size 728.91K  /  75 Page

View it Online

Download Datasheet

    ST1284 ST1284-01 ST1284-01A8 ST1284-01A8RL ST1284-01T8RL ST1284-02 ST1284-02A8 ST1284-02A8RL ST1284-02T8RL ST1284-03 ST1

ST Microelectronics
STMICROELECTRONICS[STMicroelectronics]
意法半导
STMicroelectronics N.V.
Part No. ST1284 ST1284-01 ST1284-01A8 ST1284-01A8RL ST1284-01T8RL ST1284-02 ST1284-02A8 ST1284-02A8RL ST1284-02T8RL ST1284-03 ST1284-03A8RL ST1284-03T8RL ST1284-XXA8 ST1284-XXA8T8 ST1284-XXT8 ST1284-02T8 ST1284-03A8 ST1284-03T8 ST1284-01T8
OCR Text ...op Box s s s s s s QSOP28 / tssop28 FEATURES One device for parallel port termination Compliant with IEEE1284 standard EMI / RFI noise filtering Highly integrated solution in 28 pin QSOP and TSSOP packages One single device provides the...
Description PARALLEL PORT SINGLE TERMINATION NETWORK WITH /-15KV ESD PROTECTION
PARALLEL PORT SINGLE TERMINATION NETWORK WITH ±15kV ESD PROTECTION
PARALLEL PORT SINGLE TERMINATION NETWORK WITH 15kV ESD PROTECTION
PARALLEL PORT SINGLE TERMINATION NETWORK WITH 【15KV ESD PROTECTION
RECTIFIER FAST-RECOVERY SINGLE 1A 400V 30A-ifsm 1.3V-vf 150ns 5uA-ir DO-41 5K/REEL-13 并行端口终端网络与单15kV ESD保护
PARALLEL PORT SINGLE TERMINATION NETWORK WITH 5kV ESD PROTECTION 并行端口终端网络与单5kV ESD保护

File Size 142.93K  /  7 Page

View it Online

Download Datasheet

    ST Microelectronics
Part No. TDA7427A TDA7427AAD TDA7427AAD1
OCR Text ...m ordering numbers: tda7427aad (tssop28) tda7427aad1 (so28) tssop28 so28 1/21 absolute maximum ratings symbol parameter value unit v dd1 supply voltage - 0.3 to + 7 v v dd2 supply voltage - 0.3 to + 11 v p tot total power dissipation 300 ...
Description AM-FM RADIO FREQUENCY SYNTHESIZER AND IF COUNTER

File Size 162.72K  /  21 Page

View it Online

Download Datasheet

    GTL2107 GTL2107PW

NXP Semiconductors
Part No. GTL2107 GTL2107PW
OCR Text ...ceeds 500 ma n package offered: tssop28 3. quick reference data 4. ordering information the gtl2107 is the intel designation for the gtl2008 and is identical to the gtl2008 except for the type number and the topside markings. table 1. quick...
Description 12-bit GTL to LVTTL translator with power good control and high-impedance LVTTL and GTL outputs

File Size 107.44K  /  20 Page

View it Online

Download Datasheet

    ST Microelectronics
Part No. STLV3243EBJR
OCR Text ... available in so-28, ssop-28, tssop28 and flip-chip28 packages description the stlv3243e device consists of 3 drivers, 5 receivers and a dual charge-pump circuit. all transmitter outputs and receiver inputs are protected up to 8kv using i...
Description 15KV ESD PROTECTED 2.3 TO 5.5V, 400KBPS, RS-232 TRANSCEIVER WITH AUTO-POWERDOWN

File Size 298.34K  /  19 Page

View it Online

Download Datasheet

    ST3237E ST3237EBD ST3237EBDR ST3237EBPR ST3237EBTR ST3237ECD ST3237ECDR ST3237ECPR ST3237ECTR ST3237EC ST3237EB 8785 -87

意法半导
STMICROELECTRONICS[STMicroelectronics]
ST Microelectronics
Part No. ST3237E ST3237EBD ST3237EBDR ST3237EBPR ST3237EBTR ST3237ECD ST3237ECDR ST3237ECPR ST3237ECTR ST3237EC ST3237EB 8785 -8785
OCR Text ...AVAILABLE IN SO-28, SSOP-28 AND tssop28 LOW SUPPLY CURRENT 300A SSOP SOP TSSOP DESCRIPTION The ST3237E is a 3V to 5.5V powered EIA/ TIA-232 and V.28/V.24 communication interfaces high data-rate capability and enhanced electrostati...
Description ??5KV ESD-PROTECTED, 1mA, 3 TO 5.5V, 250KBPS, RS-232 TRANSCEIVER WITH STAND-BY
±15KV ESD-PROTECTED, 1mA, 3 TO 5.5V, 250KBPS, RS-232 TRANSCEIVER WITH STAND-BY
15KV ESP PROTECTED 3 TO 5.5V 250KBPS RS-232 TRANSCEIVER WITH STAND-BY
15KV ESD-PROTECTED 1mA 3 TO 5.5V 250KBPS RS-232 TRANSCEIVER WITH STAND-BY
【15KV ESD-PROTECTED, 1mA, 3 TO 5.5V, 250KBPS, RS-232 TRANSCEIVER WITH STAND-BY
15KV ESP PROTECTED 3 TO 5.5V 250KBPS RS-232 TRANSCEIVER WITH STAND-BY

File Size 316.27K  /  13 Page

View it Online

Download Datasheet

    ST3237 ST3237BD ST3237BDR ST3237BPR ST3237BTR ST3237CD ST3237CDR ST3237CPR ST3237CTR ST3237C ST3237B -ST3237B

STMicroelectronics
ST Microelectronics
Part No. ST3237 ST3237BD ST3237BDR ST3237BPR ST3237BTR ST3237CD ST3237CDR ST3237CPR ST3237CTR ST3237C ST3237B -ST3237B
OCR Text ...AVAILABLE IN SO-28, SSOP-28 AND tssop28 SSOP SOP DESCRIPTION The ST3237 is a 3V to 5.5V powered EIA/TIA-232 and V.28/V.24 communication interfaces high data-rate capabilities. ST3237 is a transceiver (5 drivers, 3 receivers) for fast...
Description 3 TO 5.5V, 250KBPS, RS-232 TRANSCEIVER WITH STAND-BY
3 TO 5.5V, 250KBPS, RS-232 TRANSCEIVER WITH STAND-BY
Stratix FPGA 10K FBGA-672

File Size 282.37K  /  12 Page

View it Online

Download Datasheet

    ST3243CD ST3243CDR ST3243CPR ST3243CTR ST3243C ST3243B ST3243BD ST3243BDR ST3243BPR ST3243BTR ST3243

意法半导
ST Microelectronics
STMICROELECTRONICS[STMicroelectronics]
Part No. ST3243CD ST3243CDR ST3243CPR ST3243CTR ST3243C ST3243B ST3243BD ST3243BDR ST3243BPR ST3243BTR ST3243
OCR Text ...AVAILABLE IN SO-28, SSOP-28 AND tssop28 SOP DESCRIPTION The ST3243 device consists of 3 drivers, 5 receivers and a dual charge-pump circuit. The device meets the requirements of EIA/TIA and V.28/V.24 comunication standards providing h...
Description 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors
CABLE ASSEMBLY; SMA MALE TO SMA MALE; 50 OHM, RG58C/U COAX
Stratix FPGA 25K FBGA-1020
3 TO 5.5V, 400KBPS, RS-232 TRANSCEIVER WITH AUTO-POWERDOWN
3 TO 5.5V 400KBPS, RS-232 TRANSCEIVER WITH AUTO-POWERDOWN
3 TO 5.5V 400KBPS, RS-232 TRANSCEIVER WITH AUTO-POWERDOWN

File Size 273.83K  /  11 Page

View it Online

Download Datasheet

For tssop28 Found Datasheets File :: 161    Search Time::3.266ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of tssop28

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.83515691757202