Part Number Hot Search : 
PM5343 DZTA42 68300 TA8025F EC3H04B TL082MP 0512S EC3H04B
Product Description
Full Text Search
  tssop-24 Datasheet PDF File

For tssop-24 Found Datasheets File :: 12971    Search Time::1.813ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    ICS844801I-24 ICS844801AGI-24 ICS844801AGI-24LF ICS844801AGI-24LFT ICS844801AGI-24T

INTEGRATED DEVICE TECHNOLOGY INC
Part No. ICS844801I-24 ICS844801AGI-24 ICS844801AGI-24LF ICS844801AGI-24LFT ICS844801AGI-24T
OCR Text ...24 is packaged in a small 8-pin TSSOP, making it ideal for use in systems with limited board space. FEATURES * One differential LVDS out...24 8-Lead TSSOP 4.40mm x 3.0mm x 0.925mm package body G Package Top View M = /32 (fixed) The ...
Description 405 MHz, OTHER CLOCK GENERATOR, PDSO8
FEMTOCLOCKS?/a> CRYSTAL-TO-LVDS 400MHZ FREQUENCY SYNTHESIZER
FEMTOCLOCKS CRYSTAL-TO-LVDS 400MHZ FREQUENCY SYNTHESIZER
FEMTOCLOCKS垄芒 CRYSTAL-TO-LVDS 400MHZ FREQUENCY SYNTHESIZER

File Size 182.91K  /  13 Page

View it Online

Download Datasheet





    STATSCHIP[STATS ChipPAC, Ltd.]
Part No. TSSOP MSOP TSSOP-EP MSOP-EP
OCR Text TSSOP and MSOP Small Outline Packages * Wide range of body sizes * 8 to 56 lead counts * Thermally enhanced versions available (TSSOP-ep a...24 38 30 48 56 8, 10 MSOP MSOP Corporate Office Global Offices 10 Ang Mo Kio St. 65, #05-1...
Description SMALL OUTLINE PACKAGES

File Size 97.98K  /  2 Page

View it Online

Download Datasheet

    TSSOP-C48V

Rohm
Part No. TSSOP-C48V
OCR Text TSSOP-C48V * TSSOP-C48V 12.50.1 (MAX 12.85 include BURR) 48 25 41/4 +61/4 -41/4 8.10.2 6.10.1 0.5 1.0MAX 1 1PIN MARK 24 S 0.850.05 0.080.08 0.5 0.08 S 0.22 -0.04 +0.05 0.08 M (Units : mm) The ...
Description LSI Assembly

File Size 73.07K  /  2 Page

View it Online

Download Datasheet

    FAIRCHILD[Fairchild Semiconductor]
Part No. TSSOP-28
OCR Text TSSOP-28 Maximum Minimum Material 1.21E-01 1.14E-01 Weight in grams 4.61E-02 Copper Nickel Silicon Magnesium Silver (DP) Substance in materi...24 8.25 8.25 3.55 3.55 7440-31-5 7439-92-1 7440-31-5 Chip Silicon and inorganic compounds A...
Description TSSOP-28

File Size 98.34K  /  1 Page

View it Online

Download Datasheet

    MAXIM INTEGRATED PRODUCTS INC
Part No. MAX7358EUG
OCR Text ...max7358 are available in 24-pin tssop and tqfn packages and are specified over the extended -40? to +85? temperature range. applications features bus lock-up detection and isolation (max7357, max7358) host notification on detection of l...
Description 1-to-8 I&#178;C Bus Switches/Multiplexers with Bus Lock-up Detection, Isolation, and Notification; Package: TSSOP, 24 pin ; Temperature Range: -40&#176;C to 85&#176;C

File Size 204.99K  /  22 Page

View it Online

Download Datasheet

    NTQD4154Z

ON Semiconductor
Part No. NTQD4154Z
OCR Text ...mmon ? drain, dual n ? channel tssop ? 8 features ? common drain for ease of circuit connection ? low r ds(on) extending battery life ? es...24 3 2 v ds , drain ? to ? source voltage (volts) i d, drain current (amps) 6 0 1 figure 1. on ? r...
Description Power MOSFET 20 V, 7.5 A, Common-Drain, Dual N-Channel TSSOP-8

File Size 189.03K  /  6 Page

View it Online

Download Datasheet

    NTQD4154Z

ON SEMICONDUCTOR
Part No. NTQD4154Z
OCR Text ..., common?drain, dual n?channel tssop?8 features ? common drain for ease of circuit connection ? low r ds(on) extending battery life ? esd ...24 3 2 v ds , drain?to?source voltage (volts) i d, drain current (amps) 6 0 1 figure 1. on?region ...
Description 7.5 A, 20 V, 0.019 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET

File Size 65.73K  /  6 Page

View it Online

Download Datasheet

    AD5203 AD5203AN10 AD5203AN100 AD5203AR10 AD5203AR100 AD5203ARU10 AD5203ARU100 AD5203AR10-REEL

ANALOG DEVICES INC
Analog Devices, Inc.
AD[Analog Devices]
Part No. AD5203 AD5203AN10 AD5203AN100 AD5203AR10 AD5203AR100 AD5203ARU10 AD5203ARU100 AD5203AR10-REEL
OCR Text ... a 24-lead SOIC and the compact tssop-24 packages. Each part contains a fixed resistor with a wiper contact that taps the fixed resistor value at a point determined by a digital code loaded into the controlling serial input register. The re...
Description 10K DIGITAL POTENTIOMETER, 3-WIRE SERIAL CONTROL INTERFACE, 64 POSITIONS, PDSO24
4-Channel, 64-Position Digital Potentiometer 100K DIGITAL POTENTIOMETER, 3-WIRE SERIAL CONTROL INTERFACE, 64 POSITIONS, PDSO24
ECONOLINE: RO & RE - Industry Standard Pinout- 1kVDC & 2kVDC Isolation- UL94V-0 Package Material- Toroidal Magnetics- Fully Encapsulated- Custom Solutions Available- Efficiency to 85%
RECTIFIER SCHOTTKY SINGLE 3A 60V 80A-ifsm 0.74V-vf 0.5mA-ir DO-201AD 500/BULK
2-Channel/ 256-Position Digital Potentiometer
4-Channel 64-Position Digital Potentiometer

File Size 259.09K  /  12 Page

View it Online

Download Datasheet

For tssop-24 Found Datasheets File :: 12971    Search Time::1.813ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of tssop-24

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.7354588508606