Part Number Hot Search : 
001SMB MT800 IN457A B060008 KP110 71WS512 2060CT HBD2C5N
Product Description
Full Text Search
  translators Datasheet PDF File

For translators Found Datasheets File :: 1160    Search Time::1.532ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    MAXIM INTEGRATED PRODUCTS INC
Part No. MAX13034EEBE
OCR Text translators provide the level shifting necessary for 100mbps data transfer in multivoltage systems. the max13030e?ax13035e are ideally suited for memo- ry-card level translation, as well as generic level trans- lation in systems with six ch...
Description SPECIALTY INTERFACE CIRCUIT, PBGA16

File Size 401.04K  /  20 Page

View it Online

Download Datasheet





    MAX3000 MAX3000E MAX3000EEUP MAX3001EAUP MAX3001EEUP MAX3002EUP MAX3003EUP MAX3001EEUPNBSP MAX3001EAUPNBSP MAX3002EUPNBS

MAXIM - Dallas Semiconductor
MAXIM[Maxim Integrated Products]
Maxim Integrated Products, Inc.
Part No. MAX3000 MAX3000E MAX3000EEUP MAX3001EAUP MAX3001EEUP MAX3002EUP MAX3003EUP MAX3001EEUPNBSP MAX3001EAUPNBSP MAX3002EUPNBSP MAX3011EUPNBSP MAX3004EUPNBSP MAX3006EUPNBSP MAX3010EUPNBSP MAX3012EUPNBSP MAX3005EUPNBSP MAX3008EUPNBSP MAX3009EBP-T MAX3012EUP MAX3001E MAX3001EEBP-T MAX3002 MAX3002EBP-T MAX3003 MAX3003EBP-T MAX3004 MAX3004EBP-T MAX3004EUP MAX3005 MAX3005EBP-T MAX3005EUP MAX3006 MAX3006EBP-T MAX3006EUP MAX3007 MAX3007EBP-T MAX3007EUP MAX3008 MAX3008EBP-T MAX3008EUP MAX3009 MAX3009EUP MAX3010 MAX3010EBP-T MAX3010EUP MAX3011 MAX3011EBP-T MAX3011EUP MAX3012 MAX3012EBP-T MAX3.00E MAX3.02EUP MAX3.01EEUP MAX3.01EAUP AX3007 MAX3000EEBP-T
OCR Text translators General Description The MAX3000E/MAX3001E/MAX3002-MAX3012 8channel level translators provide the level shifting necessary to allow data transfer in a multivoltage system. Externally applied voltages, VCC and VL, set the logic ...
Description 1.2V to 5.5V, /-15kV ESD-protected, 0.1mA, 35Mbp, 8-channel level translator
1.2V to 5.5V, 15kV ESD-Protected, 0.1UA, 35Mbps, 8-Channel Level translators
1.2V to 5.5V, ±15kV ESD-Protected, 0.1µA, 35Mbps, 8-Channel Level translators
1.2V to 5.5V / 15kV ESD-Protected / 0.1A / 35Mbps / 8-Channel Level translators
1.2V to 5.5V, ±15kV ESD-Protected, 0.1UA, 35Mbps, 8-Channel Level translators
1.2V to 5.5V, 15kV ESD-Protected, 0.1A, 35Mbps, 8-Channel Level translators
1.2V to 5.5V, 【15kV ESD-Protected, 0.1レA, 35Mbps, 8-Channel Level translators
1.2V to 5.5V, 【15kV ESD-Protected, 0.1UA, 35Mbps, 8-Channel Level translators 
1.2V to 5.5V 15kV ESD-Protected 0.1UA 35Mbps 8-Channel Level translators
RES 2.55K-OHM 1% 0.1W 100PPM THICK-FILM SMD-0603 5K/REEL-7IN-PA
Fixed-Point Digital Signal Processor 532-FCBGA
6 Pin, DIP, Phototransistor Detector w/ Base, CTR 30 min @ 1mA, 5V Optocoupler
1.2V to 5.5V, 5kV ESD-Protected, 0.1UA, 35Mbps, 8-Channel Level translators 1.2V5.5Vamp;plusmn;15kV ESD保护.1&micro;A5Mbps通道电平转换
1.2V to 5.5V, ??5kV ESD-Protected, 0.1UA, 35Mbps, 8-Channel Level translators

File Size 418.53K  /  24 Page

View it Online

Download Datasheet

    Supertex
Part No. HV732DB1
OCR Text ...ntroller logic circuits, level translators, a mosfet driving buffer, gate-clamp circuits and mosfet transistors as the high current and high voltage output stage. there are two pairs of mosfets in the output stage. each pair is consists...
Description Integrated Ultrasound Pulser Demo Board

File Size 817.46K  /  8 Page

View it Online

Download Datasheet

    MAXIM INTEGRATED PRODUCTS INC
Part No. MAX13003EEUE
OCR Text ...x13003e are bidirectional level translators, allowing data translation in either direction (v l ? v cc ) on any single data line without a direction input. the max13001e/max13002e/max13004e/ max13005e unidirectional level translators level ...
Description Ultra-Low-Voltage Level translators

File Size 476.34K  /  25 Page

View it Online

Download Datasheet

    MC100EP35D

ON Semiconductor
Part No. MC100EP35D
OCR Text ...able 3. power supply levels for translators. table 3. power supply levels for translators v cc v ee gnd pecl translators 3.3 v / 5.0 v 0.0 v 0.0 v on the top side of the evaluation board solder the four surface mount test point clips to th...
Description Evaluation Board Manual for High Frequency SOIC 8 100E SERIES, POSITIVE EDGE TRIGGERED J-K FLIP-FLOP, COMPLEMENTARY OUTPUT, PDSO8

File Size 188.65K  /  20 Page

View it Online

Download Datasheet

    AN-784

Fairchild Semiconductor
Part No. AN-784
OCR Text ...2004 an-784 f100k ecl dual rail translators an-784 f100k ecl dual rail translators introduction the complex electronic systems being designed today often require mixed technologies to incorporate the most efficient balance of performance, s...
Description F100K ECL Dual Rail translators

File Size 74.57K  /  6 Page

View it Online

Download Datasheet

    http://
Part No. AN-5001
OCR Text ...t cmos logic. in this case, the translators will insure a clean, fast and valid v ih (voltage input high) sig- nal in both directions. this translation may be problematic with other forms of translation due to the v ih required, typi- cal...
Description LVX Low Voltage Dual Supply CMOS Translating Transceivers

File Size 26.98K  /  3 Page

View it Online

Download Datasheet

For translators Found Datasheets File :: 1160    Search Time::1.532ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of translators

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.59789705276489