Part Number Hot Search : 
2SC42 A102A MAX127 88FH8 94RB08CT SC4524D LA3607 0V404
Product Description
Full Text Search
  transister Datasheet PDF File

For transister Found Datasheets File :: 43    Search Time::1ms    
Page :: | <1> | 2 | 3 | 4 | 5 |   

    EMZ52

ROHM
Part No. EMZ52
OCR Text transister (dual transistors) datasheet <for tr1(npn)> l l outline parameter value emt6 v ceo 50 v i c 100 ma emz52 <for tr2(pnp)> (sc-107c) parameter value v ceo -50 v i c -100 ma l l features l l inner circuit 1) gen...
Description General Purpose transister

File Size 1,728.33K  /  10 Page

View it Online

Download Datasheet





    EMT51

Rohm
Part No. EMT51
OCR Text transister (isolated dual transistors) datasheet l l outline parameter tr1 and tr2 vmt6 emt6 v ceo -20 v i c -200 ma vt6t1 emt51 (sc-107c) l l features l l inner circuit 1) general purpose. 2) two 2sar522 ch...
Description General purpose transister (isolated dual transistors)

File Size 1,237.71K  /  8 Page

View it Online

Download Datasheet

    EMZ51

Rohm
Part No. EMZ51
OCR Text transister (dual transistors) datasheet <for tr1(npn)> l l outline parameter value emt6 v ceo 20 v i c 200 ma emz51 <for tr2(pnp)> (sc-107c) parameter value v ceo -20 v i c -200 ma l l features l l inner circuit 1) gen...
Description General Purpose transister (dual transistors)

File Size 1,726.34K  /  10 Page

View it Online

Download Datasheet

    BC847PN

SeCoS Halbleitertechnologie GmbH
Part No. BC847PN
OCR Text ...al characteristics of tr 1 (npn transister) at ta = 25 c characteristic test condition symbol min. typ. max. unit collector-base breakdown voltage i c =10 a, i e =0 v (br)cbo 50 v collector-emitter breakdown voltage i c = 10 m...
Description Multi-Chip Transistor

File Size 694.54K  /  3 Page

View it Online

Download Datasheet

    VO0600T1 VO0630T

Vishay Siliconix
Part No. VO0600T1 VO0630T
OCR Text ...detector has an open drain NMOS-transister output, providing less leakage compared to an open collector Schottky clamped transister output. For the single channel type, an enable function on pin 7 allows the detector to be strobed. The inte...
Description High Speed Optocoupler, 10 MBd, SOIC-8 Package

File Size 145.99K  /  11 Page

View it Online

Download Datasheet

    VO0611T VO0601T VO0600T VO0630T VO0631T VO0661T

http://
Vishay Siliconix
Part No. VO0611T VO0601T VO0600T VO0630T VO0631T VO0661T
OCR Text ...detector has an open drain NMOS-transister output, providing less leakage compared to an open collector Schottky clamped transister output. For the single channel type, an enable function on pin 7 allows the detector to be strobed. The inte...
Description High Speed Optocoupler, 10 MBd, SOIC-8 Package

File Size 164.87K  /  11 Page

View it Online

Download Datasheet

    VISAY[Vishay Siliconix]
Part No. SFH6757T SFH6756T SFH6755T
OCR Text ...detector has an open drain NMOS-transister output, providing less leakage compared to an open collector Schottky clamped transister output. The internal shield provides a guaranteed common mode transient immunity of 5 kV/s for the SFH6756T ...
Description High Speed Optocoupler, 10 MBd SOIC-8 Package

File Size 148.70K  /  10 Page

View it Online

Download Datasheet

    SFH6755T SFH6755T08 SFH6756T SFH6757T

Vishay Siliconix
Part No. SFH6755T SFH6755T08 SFH6756T SFH6757T
OCR Text ...detector has an open drain NMOS-transister output, providing less leakage compared to an open collector Schottky clamped transister output. The internal shield provides a guaranteed common mode transient immunity of 5 kV/s for the SFH6756T ...
Description High Speed Optocoupler, 10 MBd, SOIC-8 Package

File Size 158.58K  /  10 Page

View it Online

Download Datasheet

    EMT51

ROHM
Part No. EMT51
OCR Text transister (isolated dual transistors) datasheet l l outline parameter tr1 and tr2 vmt6 emt6 v ceo -20 v i c -200 ma vt6t1 emt51 (sc-107c) l l features l l inner circuit 1) general purpose. 2) two 2sar522 ch...
Description General purpose transister

File Size 1,258.50K  /  8 Page

View it Online

Download Datasheet

    DRF1401

List of Unclassifed Manufacturers
ETC[ETC]
Part No. DRF1401
OCR Text ... 4.19 9.95 16.37 23.65 32.08 transister Impedance ZL Zin 20 Zin 15 [] 10 5 0 35 rin ZL 30 [] 25 20 15 RL -5 -10 -15 -20 350 450 xin 10 5 0 350 XL 550 650 Freq [MHz] 450 550 650 Freq [MHz] ...
Description UHF POWER TRANSISTOR

File Size 128.71K  /  7 Page

View it Online

Download Datasheet

For transister Found Datasheets File :: 43    Search Time::1ms    
Page :: | <1> | 2 | 3 | 4 | 5 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of transister

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.87785410881042