|
|
|
Micrel Semiconductor, Inc. MICREL INC
|
Part No. |
MIC39300 MIC39300-1.8BT MIC39300-1.8BU MIC39300-1.8WT MIC39300-1.8WU MIC39300-2.5BT MIC39300-2.5BU MIC39300-2.5WT MIC39300-2.5WU MIC3930009 MIC39301 MIC39301-1.8BT MIC39301-1.8BU MIC39301-1.8WT MIC39301-1.8WU MIC39301-2.5BT MIC39301-2.5BU MIC39302 MIC39301-2.5WU MIC39301-2.5WT MIC39302WU MIC39300-2.5BUTAMPR
|
OCR Text |
... The MIC39300/1/2 also has fast transient response for heavy switching applications. The device requires only 47F of output capacitance to maintain stability and achieve fast transient response. The MIC39300/1/2 is fully protected with over... |
Description |
3A, Low-Voltage Low-Dropout Regulator IC REG LDO 3A 1.8V TO263 1.8 V FIXED POSITIVE LDO REGULATOR, 0.55 V DROPOUT, PSSO3 IC REG LDO 3A 1.8V TO263-5 1.8 V FIXED POSITIVE LDO REGULATOR, 0.55 V DROPOUT, PSSO5 IC REG LDO 3A 2.5V TO263-5 2.5 V FIXED POSITIVE LDO REGULATOR, 0.55 V DROPOUT, PSSO5 2.5 V FIXED POSITIVE LDO REGULATOR, 0.55 V DROPOUT, PSSO3 Linear Voltage Regulator IC; Output Current Max:3A; Package/Case:5-TO-263; Output Voltage:1.8V; Current Rating:3A; Leaded Process Compatible:No; Output Voltage Max:1.8V; Peak Reflow Compatible (260 C):No
|
File Size |
316.47K /
13 Page |
View
it Online |
Download Datasheet |
|
|
|
Qorvo
|
Part No. |
ACT4529
|
OCR Text |
... 5 v - 12 v 100 ms line transient response input 12 v - 40 v C 12 v with 1 v/us slew rate, v out = 5 v, i load = 0 a and 2.4 a 4 . 7 5 5 . 2 5 v load transient response v out = 5 v 80 ma - 1.0 a - 80 ma load with 0.1 ... |
Description |
40 V, 3.0 A CC/CV Step-Down DC/DC Converter with QC 2.0, USB Auto-Detect and USB-PD
|
File Size |
1,439.13K /
16 Page |
View
it Online |
Download Datasheet |
|
Price and Availability
|