Part Number Hot Search : 
PI6C182 DS1235 BCM7320 2N7002DW 200BG 00EL1 1N823 EMIF0
Product Description
Full Text Search
  tr-7-pa Datasheet PDF File

For tr-7-pa Found Datasheets File :: 5054    Search Time::1.531ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    TN2540-800G-TR TN2540-600G-TR TYN1225RG

List of Unclassifed Manufacturers
STMicroelectronics
List of Unclassifed Man...
Part No. TN2540-800G-TR TN2540-600G-TR TYN1225RG
OCR Text ... 600 v 800 v 1200 v tn2540-600g-tr y 40 ma d 2 pa k tn2540-800g-tr y 40 ma d 2 pa k txn625rg y 40 ma to-220ab ins tyn625rg y 40 ma to-220ab ...7. surge peak on-state current versus number of cycles figure 8. non-repetitive surge peak on-state...
Description Standard 25 A SCRs

File Size 96.35K  /  10 Page

View it Online

Download Datasheet





    BU7230SG-TR BU7230G BU7230G-TR BU7233F BU7233SF

Rohm
Part No. BU7230SG-TR BU7230G BU7230G-TR BU7233F BU7233SF
OCR Text ... g f : ssop5 : sop8 tr: embossed tape and reel (ssop5) e2: embossed tape and reel (sop8) line-up t opr channels packa...7 v power dissipation p d ssop5 0.54 (note 1,3) - 0.54 (note 1,3) - w sop8 - 0.55 (no...
Description Input Full Swing, Open Drain Output Low Supply Current CMOS Comparators

File Size 597.82K  /  27 Page

View it Online

Download Datasheet

    T1635H-600G-TR T1635H-600TRG

STMICROELECTRONICS
Part No. T1635H-600G-TR T1635H-600TRG
OCR Text ...5h-600g t1635h-600g t1635h-600g-tr t1635h-600g t1635h-600trg t1635h-600t t1635h-600irg t1635h-600i a2 a2 a1 g a2 a2 a1 g a2 a1 g a2 a1 g to-...7 ms 170 a f = 50 hz t = 20 ms 160 i2t i2t value for fusing tp = 10 ms 128 a 2 s di/dt critical rat...
Description 600 V, 16 A, SNUBBERLESS TRIAC, TO-220AB

File Size 117.50K  /  10 Page

View it Online

Download Datasheet

    STTH10LCD06SG-TR STTH10LCD06D STTH10LCD06FP STTH10LCD06SB-TR

STMicroelectronics
Part No. STTH10LCD06SG-TR STTH10LCD06D STTH10LCD06FP STTH10LCD06SB-TR
OCR Text ...d06d k a a k dpak stth10lcd06sb-tr a a k d 2 pak stth10lcd06sg-tr www.st.com characteristics stth10lcd06 2/10 doc id 15...7 0.8 0.9 1.0 1.e-03 1.e-02 1.e-01 1.e+00 single pulse z/r th(j-c) th(j-c) t (s) p to-220ac, dpak an...
Description Turbo2 ultrafast - high voltage rectifier for flat panel displays
10 A, 600 V, SILICON, RECTIFIER DIODE

File Size 157.24K  /  10 Page

View it Online

Download Datasheet

    BU7291SG-TR BU7294F-E2 BU7294SF-E2 BU7294SFV-E2 BU7294FV-E2 BU7291G-TR

Rohm
Part No. BU7291SG-TR BU7294F-E2 BU7294SF-E2 BU7294SFV-E2 BU7294FV-E2 BU7291G-TR
OCR Text ... and reel (sop14/ ssop-b14) tr: embossed tape and reel (ssop5) pin no. pin name 1 +in 2 vss 3 -in 4 out 5 vdd pin no. pin name 1 out1 2 -in1 3 +in1 4 vdd 5 +in2 6 -in2 7 out2 8 out3 9 -in3 10 +in3 11 vss 12 +in4 ...
Description Input/Output Full Swing High Slew Rate Low Voltage CMOS Operational Amplifiers

File Size 760.07K  /  30 Page

View it Online

Download Datasheet

    BU7250SG-TR BU7250G BU7253F BU7250G-TR BU7253SF BU7253F-E2

Rohm
Part No. BU7250SG-TR BU7250G BU7253F BU7250G-TR BU7253SF BU7253F-E2
OCR Text ... g f : ssop5 : sop8 tr: embossed tape and reel (ssop5) e2: embossed tape and reel (sop8) line-up t opr channels packa...7 v power dissipation p d ssop5 0.54 (note 1,3) - 0.54 (note 1,3) - w sop8 - 0.55 (not...
Description Input Full Swing, Open Drain Output Low Supply Current CMOS Comparators

File Size 620.42K  /  27 Page

View it Online

Download Datasheet

    SAMTEC INC
Part No. SS4-15-3.00-L-D-L-K-TR SS4-10-3.00-L-D-L-PA-TR
OCR Text ... l c 01 02 ss4-xx-x.xx-x-d-x-xx-tr no of positions -10, *-15, -20, -30, -40, -50 (per row) row specification -d: double options -3.00: see f...7) (see table 7) "l" ppp-69 c l fig. 6 -pa: pick & place pad with alignment pins ss4-40-3.00-l-d-p...
Description 30 CONTACT(S), FEMALE, STRAIGHT BOARD STACKING CONNECTOR, SURFACE MOUNT, SOCKET
20 CONTACT(S), FEMALE, STRAIGHT BOARD STACKING CONNECTOR, SURFACE MOUNT, SOCKET

File Size 1,025.88K  /  4 Page

View it Online

Download Datasheet

    STTH10LCD06CG-TR

STMICROELECTRONICS
Part No. STTH10LCD06CG-TR
OCR Text ...0lcd06cfp d 2 pak stth10lcd06cg-tr www.st.com characteristics stth10lcd06c 2/10 doc id 15897 rev 1 1 characteristics ...7.5 table 4. static electrical characteristics symbol parameter test conditions min. typ. max. unit ...
Description 5 A, 600 V, SILICON, RECTIFIER DIODE

File Size 103.77K  /  10 Page

View it Online

Download Datasheet

    TLR341G-TR

Rohm
Part No. TLR341G-TR
OCR Text ...ging and forming specification tr: embossed tape and reel (ssop6) line-up topr package operable part number -40c to +85c ssop6 ...7 20 rl=10k ? to 0.9v maximum output voltage(low) vol 25c - 22 55 mv rl=2k ? to 0.9v - 14 2...
Description Low Voltage Operation Ground sense Operational amplifiers

File Size 428.20K  /  21 Page

View it Online

Download Datasheet

    BU7252F-TR BU7252F-E2 BU7251G-E2 BU7251FVM-TR BU7251FVM-E2 BU7251F-TR BU7251F-E2 BU7231G-TR BU7231F-TR BU7231G-E2 BU7231

Rohm
Part No. BU7252F-TR BU7252F-E2 BU7251G-E2 BU7251FVM-TR BU7251FVM-E2 BU7251F-TR BU7251F-E2 BU7231G-TR BU7231F-TR BU7231G-E2 BU7231FVM-TR BU7231FVM-E2 BU7231F-E2 BU7251SF-TR BU7232SF-TR BU7252SF-TR BU7231SF-TR BU7232G-TR
OCR Text ... rl=10[k ? ] output rise time tr 25 - 50 - - 50 - ns cl=15pf 100mv over drive output fall time tf 25 - 20 - - 20 - ns cl=15pf 10...7) voh 25 vdd-0.1 - - vdd-0.1 - - v rl=10[k ? ] low level output voltage (*7) vol 25 - - vs...
Description Low Voltage CMOS Comparator

File Size 448.94K  /  17 Page

View it Online

Download Datasheet

For tr-7-pa Found Datasheets File :: 5054    Search Time::1.531ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of tr-7-pa

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.79216599464417