|
|
|
SEME-LAB[Seme LAB] Semelab(Magnatec) TT electronics Semelab Limited
|
Part No. |
BDS12IG BDS10IG BDS11IG
|
OCR Text |
...
SILICON NPN EPITAXIAL BASE IN to257 METAL PACKAGE
123
12.07 (0.500) 19.05 (0.750)
FEATURES
* HERMETIC to257 ISOLATED METAL PACKAGES * HIGH RELIABILITY * MILITARY AND SPACE OPTIONS
0.64 (0.025) Dia. 0.89 (0.035)
2.54 (0.100) BS... |
Description |
Silicon NPN Epitiaxial Base Transistor In to257 Metal Package(NPN澶?欢????朵?绠?to257???灏??)) SILICON NPN EPITAXIAL BASE IN to257 METAL PACKAGE Silicon NPN Epitiaxial Base Transistor In to257 Metal Package(NPN外延型硅晶体to257金属封装)) 硅npn型Epitiaxial基地晶体to257金属包(npn型外延型硅晶体管to257金属封装))
|
File Size |
14.52K /
2 Page |
View
it Online |
Download Datasheet |
|
|
|
Semelab(Magnatec) TT electronics Semelab Limited SEME-LAB[Seme LAB]
|
Part No. |
IRFY1310M-T257
|
OCR Text |
...0) BSC
* HERMETICALLY SEALED to257 METAL PACKAGE * SIMPLE DRIVE REQUIREMENTS * LIGHTWEIGHT
to257AA - Metal Package
Pin 1 - Drain Pin 2 - Source Pin 3 - Gate
* SCREENING OPTIONS AVAILABLE * ALL LEADS ISOLATED FROM CASE
ABSOLUTE ... |
Description |
N-Channel Power MOSFET For HI-REL Application(Vds:100V,Id(max):14A,Rds(on):0.055Ω)(N沟道功率MOS场效应管,HI-REL应用(Vds:100V,Id(max):14A,Rds(on):0.055Ω)) N-CHANNEL POWER MOSFET FOR HI-REL APPLICATIONS
|
File Size |
20.65K /
2 Page |
View
it Online |
Download Datasheet |
|
|
|
Solid States Devices, I... SSDI[Solid States Devices, Inc]
|
Part No. |
SPT6235 SPT6233 SPT6234
|
OCR Text |
...lable for `M' (TO-254) and `J' (to257) Packages Only. 5/ Optional Pin Out Configurations are Available for `M' (TO-254) and `J' (TO-257) Packages Only. 6/ Unless Otherwise Specified, All Electrical Characteristics @25C.
Available Part Nu... |
Description |
5 AMP 250 - 350 Volts NPN Transistor
|
File Size |
158.94K /
2 Page |
View
it Online |
Download Datasheet |
|
|
|
SSDI[Solid States Devices, Inc]
|
Part No. |
SSR1645DJ SSR1645CAJ SSR1645CTJ
|
OCR Text |
...
.180 2x .150
CASE OUTLINE: to257 (J)
O.150 .140
.665 .645
.430 .410
1.100 .500
.170 MIN
PIN 3
SUFIX JDB
.420 .410
PIN 2
.105 .095
PIN 1
.170 MIN
.537 .527
3x O.035 .025 .125 .115
.180 .150
... |
Description |
16A 45 V SCHOTTKY RECTIFIER
|
File Size |
28.76K /
2 Page |
View
it Online |
Download Datasheet |
|
|
|
SCHURTER INC
|
Part No. |
6160.0021
|
OCR Text |
...c 481 0 power cordfurther types to257 6 the specifications, descriptions and illustrations indicated in this document are based on current information. all content is subject to modifications and am... |
Description |
2.5A, 250VAC, MALE, MAINS POWER CONNECTOR, SOLDER
|
File Size |
333.05K /
3 Page |
View
it Online |
Download Datasheet |
For
to257 Found Datasheets File :: 11 Search Time::1.141ms Page :: | <1> | 2 | |
▲Up To
Search▲ |
|
Price and Availability
|