Part Number Hot Search : 
XTV12800 LNG35 HZM68MFA XN6534 A1209 2805S TGT20 BTA06
Product Description
Full Text Search
  to-257aa Datasheet PDF File

For to-257aa Found Datasheets File :: 278    Search Time::2.875ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    IRF5Y5305CM

IRF[International Rectifier]
Part No. IRF5Y5305CM
OCR Text to-257aa) IRF5Y5305CM 55V, P-CHANNEL Product Summary Part Number IRF5Y5305CM BVDSS -55V RDS(on) 0.065 ID -18A* Fifth Generation HEXFET(R) power MOSFETs from International Rectifier utilize advanced processing techniques ...
Description POWER MOSFET P-CHANNEL(Vdss=-55V/ Rds(on)=0.065ohm/ Id=-18A*)
POWER MOSFET P-CHANNEL(Vdss=-55V Rds(on)=0.065ohm Id=-18A*)
POWER MOSFET P-CHANNEL(Vdss=-55V, Rds(on)=0.065ohm, Id=-18A*)
-55V Single P-Channel Hi-Rel MOSFET in a to-257aa package

File Size 106.37K  /  7 Page

View it Online

Download Datasheet





    IRFY140CM

IRF[International Rectifier]
Part No. IRFY140CM
OCR Text ...T HEXFET technology is the key to International Rectifier's advanced line of power MOSFET transistors. The efficient geometry design achiev...257AA Pin 1 - Drain Pin 2 - Source Pin 3 - Gate 3 1 2 to-257aa NON-STANDARD PIN CONFIGURATIO...
Description POWER MOSFET N-CHANNEL(BVdss=100V, Rds(on)=0.077ohm, Id=16*A)

File Size 248.13K  /  6 Page

View it Online

Download Datasheet

    OM7671STM

International Rectifier
Part No. OM7671STM
OCR Text ...ut voltage tolerance guaranteed to 1% hermetic to-257aa (isolated tab) package ensures high reliability output current 2.6a this part is also available in smd-1 package as om7671nm to-204aa package as om7671nk 3-pin surface mount (...
Description Low Dropout Positive Voltage Regulator

File Size 179.96K  /  4 Page

View it Online

Download Datasheet

    COM7805T COM7815T COM7812 COM7812T

List of Unclassifed Manufacturers
ETC[ETC]
Omnirel
International Rectifier
Electronic Theatre Controls, Inc.
Part No. COM7805T COM7815T COM7812 COM7812T
OCR Text TO-257 PA C KThree Terminal, Fixed Voltage, 1.5 Amp Precision Positive Regulators In Hermetic JEDEC to-257aa Package FEATURES * * * * * * Isolated Hermetic Package, JEDEC to-257aa Outline Output Voltages: 5V, 12V, 15V Output Voltages Se...
Description Three Terminal, Fixed Voltage, 1.5 AmpVPrecision Positive Regulator(1.5A,5V,固定电压,精密型三端正输出稳压 三端,固定电压,1.5安培V的,精密正稳压器1.5A的,5V的,固定电压,精密型三端正输出稳压器
Three Terminal, Fixed Voltage, 1.5 Amp12VPrecision Positive Regulator(1.5A,12V,固定电压,精密型三端正输出稳压 三端,固定电压,1.5安培12V的,精密正稳压器1.5A的,12V的,固定电压,精密型三端正输出稳压器
COMMERCIAL OFF-THE-SHELF POSITIVE FIXED VOLTAGE REGULATORS IN TO-257 PAC K
Hi-Rel Fixed Voltage 3-Terminal Positive Regulator
Three Terminal, Fixed Voltage, 1.5 Amp Precision Positive Regulators In Hermetic 三端固定电压1.5安培 在密封的精密正稳压器
Three Terminal, Fixed Voltage, 1.5 AmpVPrecision Positive Regulator 三端,固定电压,1.5安培V的,精密正稳压器

File Size 41.59K  /  4 Page

View it Online

Download Datasheet

    16CYQ100C

International Rectifier
Part No. 16CYQ100C
OCR Text ...ier has been expressly designed to meet the rigorous requirements of hirel environments. It is packaged in the hermetic isolated to-257aa package. The device's forward voltage drop and reverse leakage current are optimized for the lowest po...
Description 16A 100V Hi-Rel Schottky Common Cathode Diode in a to-257aa package

File Size 74.82K  /  4 Page

View it Online

Download Datasheet

    OM7815AIH OM7812AIH OM7812H OM7805AIH OM7800IH OM7815IH OM7805H OM7805IH OM7812IH OM7815H OM7805H-AH OM7812H-AH OM7815H-

Electronic Theatre Controls, Inc.
IRF[International Rectifier]
ETC[ETC]
Part No. OM7815AIH OM7812AIH OM7812H OM7805AIH OM7800IH OM7815IH OM7805H OM7805IH OM7812IH OM7815H OM7805H-AH OM7812H-AH OM7815H-AH OM7812SR OM7812HVST OM7812IH-AIH 7812H
OCR Text to-257aa FIXED VOLTAGE REGULATORS Three Terminal, Fixed Voltage, 1.5 Amp Precision Positive Regulators In Hermetic JEDEC to-257aa Package FEATURES * * * * * * Isolated Hermetic Package, JEDEC to-257aa Outline Output Voltages: 5V, 12V, ...
Description ISOLATED HERMETIC to-257aa FIXED VOLTAGE REGULATORS
Hi-Rel Fixed Voltage 3-Terminal Positive Regulator

File Size 38.99K  /  4 Page

View it Online

Download Datasheet

    IRHY54Z30CM

International Rectifier
Part No. IRHY54Z30CM
OCR Text ...rating factor 0.6 w/c v gs gate-to-source voltage 20 v e as single pulse avalanche energy 177 mj i ar avalanche current 18 a e ar repe...257aa radiation hardened jansr2n7482t3 power mosfet ...
Description (IRHY5xZ30CM) RADIATION HARDENED POWER MOSFET

File Size 157.27K  /  8 Page

View it Online

Download Datasheet

    IRFY430C

International Rectifier
Part No. IRFY430C
OCR Text ...rating factor 0.6 w/c v gs gate-to-source voltage 20 v e as single pulse avalanche energy ? 280 mj i ar avalanche current ? 4.5 a e ar rep...257aa) 4/18/01 www.irf.com 1 500v, n-channel hexfet ? mosfet technology to-257aa product summary p...
Description POWER MOSFET THRU-HOLE (to-257aa)

File Size 168.26K  /  7 Page

View it Online

Download Datasheet

For to-257aa Found Datasheets File :: 278    Search Time::2.875ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of to-257aa

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.68685007095337