Part Number Hot Search : 
PS100R Q1265RT P3000 LF222S C3467 Z90104 200238FR HT895006
Product Description
Full Text Search
  tight Datasheet PDF File

For tight Found Datasheets File :: 7234    Search Time::1.485ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    RALTRON[Raltron Electronics Corporation]
Raltron Electronics, Corp.
Part No. CO66705 CO66710 CO63310 CO66 CO66505 CO66510 CO66605 CO66610 CO63305 CO63310-FREQ-EXT-T-TR CO63310-FREQ-EXT-TR CO63310-FREQ-T-TR CO63310-FREQ-TR CO6335-FREQ-EXT-T-TR CO6335-FREQ-EXT-TR CO6335-FREQ-T-TR CO6335-FREQ-TR CO66510-FREQ-EXT-T-TR CO66510-FREQ-EXT-TR CO66510-FREQ-T-TR CO66510-FREQ-TR CO6655-FREQ-EXT-T-TR CO6655-FREQ-EXT-TR CO66510-66.666-TR CO63310-66.666-TR CO66610-66.666-EXT-TR
OCR Text ... MAX 40 TO 60% NORMAL 45 TO 55% tight tr = 8 ns MAX tf = 8 ns MAX 0.5 VDC MAX VDD - 0.5 V MIN 10 TTL OR 50pF(CMOS) MAX 4 ms MAX +5 VDC 0.5 VDC 1.00 MHz TO 26.00 MHz : 25 mA 26.001 MHz TO 67.00 MHz : 35 mA VIH = 3.5 VDC MIN VIL = 0.8 VDC MA...
Description CRYSTAL OSCILLATOR, CLOCK, CMOS OUTPUT
SURFACE MOUNT CRYSTAL OSCILLATORS
CRYSTAL OSCILLATOR, CLOCK, 1 MHz - 70 MHz, CMOS OUTPUT
CRYSTAL OSCILLATOR, CLOCK, 1 MHz - 67 MHz, CMOS OUTPUT

File Size 61.30K  /  1 Page

View it Online

Download Datasheet





    BUD43D2 BUD43D2-1 BUD43D2-D

ON Semiconductor
Part No. BUD43D2 BUD43D2-1 BUD43D2-D
OCR Text ...-of-the-art bipolar transistor. tight dynamic characteristics and lot to lot minimum spread make it ideally suitable for light ballast applications. Main Features: http://onsemi.com * * * * Free Wheeling Diode Built In Flat DC Cur...
Description Bipolar NPN Transistor High Speed, High Gain Bipolar NPN Transistor Integrating an Antisaturation Network and a Transient Voltage Suppression Capability

File Size 140.35K  /  12 Page

View it Online

Download Datasheet

    RHOPOINT[RHOPOINT COMPONENTS]
Part No. CHR CHR2520FC-10MEG-1 CHR2520FC
OCR Text ...or use detection, etc. These as tight amplification MG 660 detection, of Coefficientdetectionchip resistance circuits. Applications include: etc. These precision high resistance chip resistors can Temperature resistance precision high 80 pp...
Description 10 MEG TO 100 MEG, 1 TOLERANCE, TEMPERATURE COEFFICIENT TO AS LOW AS 25 PPM/C

File Size 360.72K  /  1 Page

View it Online

Download Datasheet

    Raltron Electronics, Corp.
RALTRON[Raltron Electronics Corporation]
Part No. CO1100 CO13100 CO1 CO13050 CO1025 CO1050 CO13 CO13025 CO1100-6.144-EXT
OCR Text ...VEL) 40 TO 60% NORMAL 45 TO 55% tight UNDER 9 MHz : 15 ns MAX RISE AND FALL TIME (0.4 - 2.4 VDC) 9 MHz TO 32 MHz : 10 ns MAX 32 MHz TO 80 MHz : 6 ns MAX 80 MHz TO 125 MHz : 4 ns MAX LOGIC "0" LEVEL LOGIC "1" LEVEL LOAD +0.5 V MAX, SINK TO 1...
Description CRYSTAL OSCILLATOR, CLOCK, 6.144 MHz, TTL OUTPUT DIP-14/4
THROUGH HOLE CLOCK OSCILLATORS - TTL COMPATIBLE

File Size 94.14K  /  2 Page

View it Online

Download Datasheet

    Tyco
Part No. T92P7A22-120 T92P7A22-240
OCR Text ...I (dust protected) RT III (wash tight) Relay weight 86 g Packaging unit 30 pcs S0262-AA Dimensions S0262-AI PCB version Only necessary terminals are present on 2 NO models. S0292-A 2 Datasheet Rev. EK1 Issued 2005/11 www.t...
Description T92 Power Relay

File Size 221.80K  /  3 Page

View it Online

Download Datasheet

    Raltron Electronics Cor...
RALTRON[Raltron Electronics Corporation]
Part No. CO15100 CO19 CO19100 CO15 CO15025 CO15050 CO19025 CO19050
OCR Text ... MAX 40 TO 60% NORMAL 45 TO 55% tight 10 ns MAX - 500 KHz TO 25.00 MHz 6ns MAX - 25.10 MHz TO 70.00 MHz 4 ns MAX - 70.1 MHz TO 100.00 MHz +0.5 VDC MAX (10% VDD) +4.5 V MIN (90% VDD) 1-10 TTL OR 15 pF CMOS HIGH OR OPEN LOW ENABLE : HIGH DISA...
Description THROUGH HOLE CLOCK OSCILLATORS - 3 STATE HCMOS COMPATIBLE

File Size 102.36K  /  2 Page

View it Online

Download Datasheet

    Rotary
Part No. SPO18
OCR Text ...crew the ?ttings together ?nger tight. then, using the proper size wrench, rotate the ?tting 2-1/2 hex ?ats (1/3 of a revolution). 2. back the ?tting off one full turn. 3. again tighten the ?ttings ?nger tight; then using a wrench,...
Description (SPO15 / SPO18) Installation Instructions

File Size 2,178.31K  /  12 Page

View it Online

Download Datasheet

    ITT Corporation
ITT[ITT Industries]
Part No. K5V2CL43G K5V1CL43G K5V19043G K5V2YG43G K5V K5V1BU43G K5V1GN43G K5V1OG43G K5V1RD43G K5V1RG43G K5V1WH43G K5V1YE43G K5V1YG43G K5V29043G K5V2BU43G K5V2GN43G K5V2OG43G K5V2RD43G K5V2RG43G K5V2WH43G K5V2YE43G
OCR Text ...CTION: dust protection and flux tight OVERLOAD: 40N min Tolerances of operating force FA is 25%. Packaging 330 pieces per reel Reel o 360mm Process SOLDERING: Compatible with the lead free soldering profile. No washing Materi...
Description Right Angle Lighted SMT Tact Switch

File Size 736.56K  /  6 Page

View it Online

Download Datasheet

    RHOPOINT[RHOPOINT COMPONENTS]
Part No. USG1105-75M-0.10-10PPM USG1115-200M-0.10-10PPM USG1105 USG1105-50M-0.10-10PPM USG1110-100M-0.10-10PPM USG1110-150M-0.10-10PPM USG1115-150M-0.10-10PPM
OCR Text ...e Temperature voltage resistors tight as 80Caddock introduces the * ** Tolerance: 0.10% duty. 10 ppm/C from are based on Excellent 0.10% Long-Term Tolerances. -40C to +85C. Temperature Coefficient: Tolerance: stress voltage levels applied d...
Description Ultra-Stable Precision High Voltage Resistors

File Size 325.64K  /  1 Page

View it Online

Download Datasheet

    SA1A-TN1 SA1A-TN2 SA1A-TP1 SA1A-TP2 SA1B-TP2 PS5R-A12 PS5R-A24 SA1A-DN1 SA1A-DN2 SA1A-DP1 SA1A-DP2 SA1B-DN1 SA1B-DN2 SA1

List of Unclassifed Manufacturers
ETC[ETC]
Part No. SA1A-TN1 SA1A-TN2 SA1A-TP1 SA1A-TP2 SA1B-TP2 PS5R-A12 PS5R-A24 SA1A-DN1 SA1A-DN2 SA1A-DP1 SA1A-DP2 SA1B-DN1 SA1B-DN2 SA1B-DP1 SA1B-DP2 SA1B-TN1 SA1B-TN2 SA1B-TP1
OCR Text ...29, sensors rated IP66 are dust-tight, water-resistant, and perform best when not subjected to heavy particle or water blasts Cable type: 0.2mm2; Vinyl cabtyre cable #26 AWG x 6'-6-3/4" (2m) long Transmitter: 2-core, Receiver: 4-core 328' (...
Description High-Speed, Slim Style Photoelectric Sensors

File Size 118.69K  /  5 Page

View it Online

Download Datasheet

For tight Found Datasheets File :: 7234    Search Time::1.485ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of tight

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
3.3258700370789