Part Number Hot Search : 
8100K CMX990Q1 SR200 SZ6516 2560G J310G 5KE13 76400003
Product Description
Full Text Search
  ten Datasheet PDF File

For ten Found Datasheets File :: 11528    Search Time::3.047ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    CY3125 CY3125R62

Cypress Semiconductor
Part No. CY3125 CY3125R62
OCR Text ...S TYPE drinkState IS (zero,five,ten,fifteen, twenty,twentyfive,owedime); SIGNAL drinkstatus:drinkState; BEGIN PROCESS BEGIN WAIT UNTIL clock = '1'; giveDrink <= '0'; returnDime <= '0'; returnNickel <= '0'; CASE drinkStatus IS WHEN zero => I...
Description Programmable Logic
Warp CPLD Development Tool for UNIX

File Size 80.75K  /  8 Page

View it Online

Download Datasheet





    ADM1064ACP ADM1064 ADM1064ASU ADM1064ASU-REEL EVAL-ADM1064TQEB EVAL-ADM1064LFEB ADM1064ACP-REEL7 ADM1064ASU-REEL7 ADM106

Analog Devices
Part No. ADM1064ACP ADM1064 ADM1064ASU ADM1064ASU-REEL EVAL-ADM1064TQEB EVAL-ADM1064LFEB ADM1064ACP-REEL7 ADM1064ASU-REEL7 ADM1064ACP-REEL
OCR Text ... The device also provides up to ten programmable inputs for monitoring under, over, or out-of-window faults on up to ten supplies. In addition, ten programmable outputs can be used as logic enables. Six of them can also provide up to a 12 V...
Description Multisupply Supervisor/Sequencer with ADC

File Size 527.73K  /  33 Page

View it Online

Download Datasheet

    IDT74CBTLVR3862 IDT74CBTLVR3862PG IDT74CBTLVR3862PY IDT74CBTLVR3862Q IDT74CBTLVR3862Q8

IDT
Integrated Device Technology
Part No. IDT74CBTLVR3862 IDT74CBTLVR3862PG IDT74CBTLVR3862PY IDT74CBTLVR3862Q IDT74CBTLVR3862Q8
OCR Text ...packages The CBTLVR3862 is a ten bit high-speed bus switch. It adds an internal series resistor with each switch to reduce reflection noise in high-speed applications. When closed, the switch acts as a source (series) termination for the...
Description LOW-VOLTAGE 10-BIT BUS SWITCH WITH ACTIVE HIGH AND LOW ENABLES

File Size 51.76K  /  5 Page

View it Online

Download Datasheet

    MIC2870YFT

Micrel Semiconductor
Part No. MIC2870YFT
OCR Text ...t and cathode to led1 . 11 ten torch - mode enable. initiates torch m ode when ten is high. if ten is left floating, it is pulled - down internally by a built - in 1a current source when the device is enabled. 12 out boo...
Description 1.5A Synchronous Boost Flash LED Driver with I2C Interface

File Size 2,127.76K  /  25 Page

View it Online

Download Datasheet

    CY2SSTU877 CY2SSTU877BVI-XXT CY2SSTU877BVXC-XX CY2SSTU877LFC-XX CY2SSTU877LFC-XXT CY2SSTU877BVC-XX CY2SSTU877BVC-XXT CY2

CYPRESS[Cypress Semiconductor]
Part No. CY2SSTU877 CY2SSTU877BVI-XXT CY2SSTU877BVXC-XX CY2SSTU877LFC-XX CY2SSTU877LFC-XXT CY2SSTU877BVC-XX CY2SSTU877BVC-XXT CY2SSTU877LFXI-XXT CY2SSTU877BVI-XX CY2SSTU877BVXC-XXT CY2SSTU877BVXI-XX CY2SSTU877BVXI-XXT CY2SSTU877LFI-XX CY2SSTU877LFI-XXT CY2SSTU877LFXC-XX CY2SSTU877LFXC-XXT CY2SSTU877LFXI-XX CY2SSTU877BGXC
OCR Text ...00 MHz * Supports DDRII SDRAM * ten differential outputs from one differential input * Spread-Spectrum-compatible * Low jitter (cycle-to-cycle): < 40 ps * Very low skew: < 40 ps * Power management control input * 1.8V operation * Fully JEDE...
Description 1.8V, 500-MHz, 10-Output, JEDEC-Compliant Zero Delay Buffer
1.8V, 500-MHz, 10-Output JEDEC-Compliant Zero Delay Buffer

File Size 213.89K  /  9 Page

View it Online

Download Datasheet

    AAT3175 AAT3175IWP-T1

Advanced Analogic Technologies
Part No. AAT3175 AAT3175IWP-T1
OCR Text ...ow VEN(H) Enable Threshold High ten/SET LO EN/SET Low Time ten/SET HI MIN Minimum EN/SET High Time ten/SET HI MAX Maximum EN/SET High Time TOFF EN/SET Off Timeout TLAT EN/SET Latch Timeout IEN/SET EN/SET Input Leakage 100 1000 VIN = 2.7V...
Description High Efficiency 1X/1.5X/2X Charge Pump For White LED Flash Applications

File Size 240.69K  /  12 Page

View it Online

Download Datasheet

    MITSUBISHI
Part No. GOT1000
OCR Text ...nweise, die fr den sachgerech - ten und sicheren umgang mit dem ger?t wichtig sind. die einzelnen hinweise haben folgende bedeutung: weitere informationen weitere informationen zu den bedienger?ten der got1000-serie und der pro - grammier-s...
Description Operator Terminals

File Size 815.71K  /  12 Page

View it Online

Download Datasheet

    MSM6542-01 MSM6542-02 MSM6542-03 MSM6542_01_02_03

OKI electronic components
OKI[OKI electronic componets]
Part No. MSM6542-01 MSM6542-02 MSM6542-03 MSM6542_01_02_03
OCR Text ...ne-day digit register Real time ten-day digit register Real time one-month digit register Real time ten-month digit register Real time one-year digit register Real time ten-year digit register Real time day-of-week register Control D regist...
Description REAL TIME CLOCK WITH PERIODIC AND ALARM OUTPUT
From old datasheet system

File Size 373.38K  /  54 Page

View it Online

Download Datasheet

    AAT3174 AAT3174IWP-T1

Advanced Analogic Technologies
Part No. AAT3174 AAT3174IWP-T1
OCR Text ... TSS VRSET EN/SET VEN(L) VEN(H) ten/SET LO ten/SET HI ten/SET HI MAX TOFF TLAT Input Current VIN Pin Shutdown Current Maximum Output Current Output Current Accuracy Soft-Start Time RSET Pin Voltage Enable Threshold Low Enable Threshold H...
Description High Current, High Efficiency Charge Pump

File Size 270.39K  /  14 Page

View it Online

Download Datasheet

For ten Found Datasheets File :: 11528    Search Time::3.047ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of ten

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.5730140209198