Part Number Hot Search : 
TA1126A MBJ90A IQ1205SA 10181 CS844 Z1SMA5V1 AMDL20G ZR39140
Product Description
Full Text Search
  te-cooled Datasheet PDF File

For te-cooled Found Datasheets File :: 674    Search Time::1.578ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    SD303C04S10C12

Vishay Siliconix
Part No. SD303C04S10C12
OCR Text ... (k/w) stea d y s ta te va lue r = 0.1 6 k/w (sin gle side c oole d) r = 0.0 8 k/w (d ouble side c ooled) (d c ope ration ) thj-hs thj-h s sd 303 c ..c se rie s 0 20 40 60 80 100 120 0 200 400 600 800 1000 ...
Description Fast Recovery Diodes (Hockey PUK Version), 350 A

File Size 274.07K  /  11 Page

View it Online

Download Datasheet





    SD2000C04L SD2000C08L SD2000C10L

Vishay Siliconix
Part No. SD2000C04L SD2000C08L SD2000C10L
OCR Text ... m A llo w a b le H e a ts in k Te m p e ra t u re (C ) 160 140 120 100 80 60 40 0 2 00 40 0 6 00 8 0 0 10 0 0 1 2 00 1 4 00 A v e ra g e F ...Cooled) R thJ-h s (DC) = 0.031 K/W 30 Fig. 1 - Current Ratings Characteristics Fig. 4 - Cur...
Description Standard Recovery Diodes (Hockey PUK Version), 2100 A

File Size 120.74K  /  6 Page

View it Online

Download Datasheet

    ST650C24L0 ST650C24L0L ST650C24L1 ST650C24L1L ST650C24L2 ST650C24L2L ST650C24L3 ST650C24L3L

Vishay Siliconix
Part No. ST650C24L0 ST650C24L0L ST650C24L1 ST650C24L1L ST650C24L2 ST650C24L2L ST650C24L3 ST650C24L3L
OCR Text ...u m A llo w a b le H e a tsin k Te m p e ra tu re ( C ) 1 20 1 10 1 00 90 80 70 60 0 50 1 00 1 50 20 0 2 5 0 3 0 0 35 0 4 00 A v e ra g e O ...Cooled Fig. 8 - Maximum Non-Repetitive Surge Current Single and Double Side Cooled 10000 Insta...
Description Phase Control Thyristors (Hockey PUK Version), 790 A

File Size 128.20K  /  7 Page

View it Online

Download Datasheet

    S9736

Hamamatsu Corporation
Part No. S9736
OCR Text ...ype (S9736-02) has a four-stage te-cooled element built into the same package for thermoelectric cooling. At room temperature operation, the device can be cooled down to -70 C with using forced air cooling. In addition, since both the CCD c...
Description CCD area image sensor 512 × 512 pixels, front-illuminated FFT-CCDs
CCD area image sensor 512 】 512 pixels, front-illuminated FFT-CCDs

File Size 794.75K  /  9 Page

View it Online

Download Datasheet

    G9208-256W G9206-256W

Hamamatsu Corporation
Part No. G9208-256W G9206-256W
OCR Text ... Defective pixel One-stage te-cooled 0.9 to 1.67 (-10 C) 1 % Max. * 3 Two-stage te-cooled 256 50 50 x 250 0.9 0.9 0.9 0.9 to to to to 1.85 2.05 2.25 2.55 (-20 C) (-20 C) (-20 C) (-20 C) 5 % Max. ...
Description InGaAs linear image sensor

File Size 129.34K  /  4 Page

View it Online

Download Datasheet

    1ML06-023-05 1ML06-023-09 1ML06-023-12

RMT Ltd.
Part No. 1ML06-023-05 1ML06-023-09 1ML06-023-12
OCR Text ...pplication tips 1. never heat te module more than 200?c (tec assembled at 230?c). 2. never use te module without attached heat...cooled object being cooled heatsink heatsink tec tec soldering gluing screw mounting performance plo...
Description Thermoelectric Module

File Size 1,589.21K  /  13 Page

View it Online

Download Datasheet

    ST203C10CFJ0 ST203C12CFJ0

International Rectifier
Part No. ST203C10CFJ0 ST203C12CFJ0
OCR Text ...120 180 a ve ra g e o n -sta te c urre nt (a ) cond uction p eriod maxim um allowable heatsink tem perature ( c) st203c ..c series (si...cooled fig. 8 - maximum non-repetitive surge current single and double side cooled 20 30 40 50 60 70...
Description 1000V 700A Inverter Thyristor in a TO-200AB (A-Puk) package
1200V 700A Inverter Thyristor in a TO-200AB (A-Puk) package

File Size 171.66K  /  9 Page

View it Online

Download Datasheet

    Hamamatsu Photonics K.K.
Part No. S9038-0902S
OCR Text ... 0.096 s9038-1002s one-stage te-cooled 1044 8 1024 4 24.576 0.096 specifications parameter s9037-0902 s9037-1002 s9038-0902s s9038-1002s line rate 16 khz 8 khz 16 khz 8 khz data rate 10 mhz vertical ...
Description CCD image sensor High-speed operation, back-thinned FFT-CCD CCD图像传感器高速运行,备份薄FFT的,防治荒漠化公

File Size 173.12K  /  9 Page

View it Online

Download Datasheet

    S7986-0109

Hamamatsu Corporation
Part No. S7986-0109
OCR Text ...non-cooled s7987-01 one-stage te-cooled 680 500 658 490 9.212 6.860 general ratings parameter specification ccd structure frame transfer (2/3-inch ntsc b/w tv correspondence) pixel size 14 (h) 14 (v) m vertical clock ph...
Description CCD area image sensor Back-thinned FT-CCD for low-light-level NTSC B/W TV application

File Size 199.89K  /  8 Page

View it Online

Download Datasheet

    P3207-05 P791-11 P791-13 P2038-02 P2038-03 P2680-02 P2680-03

Hamamatsu Photonics K.K.
HAMAMATSU[Hamamatsu Corporation]
Part No. P3207-05 P791-11 P791-13 P2038-02 P2038-03 P2680-02 P2680-03
OCR Text te-cooled type) Hamamatsu provides various types of PbSe photoconductive cells including room temperature operation types and thermoelectrically cooled types. Cooled type PbSe photoconductive cells offer higher sensitivity and improved S/N...
Description PbSe photoconductive detector 硒化铅光电探测器
SX Series Subminiature Basic Switch, Single Pole Double Throw (SPDT), 125 Vac, 1 A, Offset Flag lever Actuator, PCB Solder Termination 硒化铅光电探测器

File Size 171.74K  /  4 Page

View it Online

Download Datasheet

For te-cooled Found Datasheets File :: 674    Search Time::1.578ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of te-cooled

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.44337391853333