|
|
|
MICROCHIP[Microchip Technology] Microchip Technology Inc. Microchip Technology, Inc.
|
Part No. |
tc1047a TC1047VNB tc1047aVNB TC1047 tc1047aVNBTR
|
OCR Text |
tc1047a
Precision Temperature-to-Voltage Converter
Features
* Supply Voltage Range: - TC1047: 2.7V to 4.4V - tc1047a: 2.5V to 5.5V * Wide Temperature Measurement Range: -40oC to +125oC * High Temperature Converter Accuracy: 2oC, Max, at... |
Description |
Precision Temperature-to-Voltage Converter The tc1047a is a linear output temperature sensor whose output voltage is directly proportional to measured temperature. The tc1047a can accurately measure temperature from -40C to 125C. For the tc1047a, the output voltage range is typica The TC1047 is a linear output temperature sensor whose output voltage is directly proportional to measured temperature. The TC1047 can accurately measure temperature from -40C to 125C. For the TC1047, the output voltage range is typically The tc1047a is a linear output temperature sensor whose output voltage is directly proportional to measured temperature. The tc1047a ... IC,TEMPERATURE SENSOR,TO-236,3PIN,PLASTI Precision Temperature-to-Voltage Converter 精密温度至电压转换器
|
File Size |
407.34K /
12 Page |
View
it Online |
Download Datasheet |
For
tc1047a Found Datasheets File :: 2 Search Time::1.047ms Page :: | <1> | |
▲Up To
Search▲ |
|
Price and Availability
|