Part Number Hot Search : 
KE39A 2160B KE39A P4407 KE39A D4812 44200 KE39A
Product Description
Full Text Search
  super-247 Datasheet PDF File

For super-247 Found Datasheets File :: 353    Search Time::4.094ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    IRGPS40B120UP IRGPS40B120UPBF IRGPS40B120UP-15

International Rectifier
http://
Part No. IRGPS40B120UP IRGPS40B120UPBF IRGPS40B120UP-15
OCR Text ...(on) Temperature Coefficient. * super-247 Package. * Lead-Free C VCES = 1200V VCE(on) typ. = 3.12V G E @ VGE = 15V, n-channel Benefits * Benchmark Efficiency for Motor Control. * Rugged Transient Performance. * Low EMI. * Sig...
Description INSULATED GATE BIPOLAR TRANSISTOR
80 A, 1200 V, N-CHANNEL IGBT

File Size 107.50K  /  10 Page

View it Online

Download Datasheet





    70TPS16 70TPS12

Vishay Siliconix
Part No. 70TPS16 70TPS12
OCR Text ... i tsm 1400 a v rrm 1200/1600 v super-247 (g) 3 2 (a) 1 (k) major ratings and characteristics parameter test conditions values units i t(av) sinusoidal waveform 70 a i rms lead current limitation 75 v rrm /v drm range 1200/1600 v i tsm 1400...
Description Phase Control SCR, 70 A

File Size 109.31K  /  7 Page

View it Online

Download Datasheet

    List of Unclassifed Man...
Part No. ST4000NM0033
OCR Text ...? enhanced error correction, super parity and end-to-end sas-based data integrity for accurate data storage ? best-in-class rotationa...247) 8,760 (247) 8,760 (247) 8,760 (247) bytes per sector 512 native 512 native 512 native 512 nativ...
Description Capacity-Optimised Enterprise Hard Drive for Bulk-Data Applications

File Size 539.02K  /  3 Page

View it Online

Download Datasheet

    70TPS12PBF10

Vishay Siliconix
Part No. 70TPS12PBF10
OCR Text ...ations. product summary package super to-247 diode variation single scr i t(av) 70 a v drm 1200 v, 1600 v v tm 1.4 v i gt 100 a t j - 40 c to 125 c (g) 3 2 (a) 1 (k) super to-247 major ratings and characteristics parameter test conditions v...
Description Phase Control SCR, 70 A

File Size 130.73K  /  8 Page

View it Online

Download Datasheet

    MGA

Schurter Inc.
Part No. MGA
OCR Text super-quick-acting ff, 125 vac, 125 vdc, 150 c see below: approvals and compliances ul 248-14 125 vac 125 vdc super-quick-acting ff ...247 0.0042 l 3410.0027.01 0.5 125 125 1) 150 247 0.0042 l 3410.0027.02 0.5 125 125 1) 150 247 0.004...
Description Solid State, Thin Film, SMD 1206, Super-Quick-Acting FF, 125 VAC, 125 VDC, 150

File Size 303.02K  /  4 Page

View it Online

Download Datasheet

    IRG4PSC71U

IRF[International Rectifier]
Part No. IRG4PSC71U
OCR Text ...enerations * Industry-benchmark super-247 package with higher power handling capability compared to same footprint TO-247 * Creepage distance increased to 5.35mm C UltraFast Speed IGBT VCES = 600V G E VCE(on) typ. = 1.67V @VGE =...
Description INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.67V, @Vge=15V, Ic=60A)

File Size 142.75K  /  8 Page

View it Online

Download Datasheet

    IRG4PSC71U

International Rectifier, Corp.
Part No. IRG4PSC71U
OCR Text ...nerations ? industry-benchmark super-247 package with higher power handling capability compared to same footprint to-247 ? creepage distance increased to 5.35mm ? generation 4 igbt's offer highest efficiencies available ? maxi...
Description INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.67V, @Vge=15V, Ic=60A) 绝缘栅双极晶体管(VCES和\u003d 600V电压的Vce(on)典\u003d 1.67V,@和VGE \u003d 15V的,集成电路\u003d 60A条)
600V UltraFast 8-60 kHz Discrete IGBT in a TO-274AA package

File Size 156.58K  /  8 Page

View it Online

Download Datasheet

    IRF[International Rectifier]
Part No. IRG4PSH71U IRG4PSH71UPBF
OCR Text ...enerations * Industry-benchmark super-247 package with higher power handling capability compared to same footprint TO-247 * Creepage distance increased to 5.35mm C UltraFast Speed IGBT VCES = 1200V G E VCE(on) typ. = 2.50V @VGE ...
Description 99 A, 1200 V, N-CHANNEL IGBT
INSULATED GATE BIPOLAR TRANSISTOR
1200V UltraFast 8-40 kHz Discrete IGBT in a TO-274AA package

File Size 268.45K  /  8 Page

View it Online

Download Datasheet

    70TPS16

International Rectifier
Part No. 70TPS16
OCR Text ...c characteristics 70tps.. units super-247 description/ features the 70tps... safe ir series of silicon controlled rectifiers are specifically designed for high and medium power switching and phase control appli- cations. typical applicati...
Description 1600V 70A Phase Control SCR in a super-247 package

File Size 127.41K  /  7 Page

View it Online

Download Datasheet

For super-247 Found Datasheets File :: 353    Search Time::4.094ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of super-247

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.1530790328979