|
|
|
Molex, Inc. MOLEX INC
|
Part No. |
68301-1006 68301-1069 68301-1035 68301-1028 68301-1037 68301-1013 68301-1113 68301-1056 68301-1020
|
OCR Text |
...aterial no pin no optional sub assy plt ref dim m mating final no. of ckts void ckt no pack per pick & place cap cut pin ckt no. obsolete 68301-1006 42663- abb208 42375-0040 208 .240 6.10 5 none pk-44743-006 - - ... |
Description |
Header; No. of Contacts:5; Pitch Spacing:2.54mm; No. of Rows:1; Series:KK; Connector Body Material:Nylon; Mounting Type:PC Board; Terminal Type:Surface Mount RoHS Compliant: Yes 5 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT .100 SR Vert SMT Custom Hdr 18 Ckt Tin 18 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT Custom Header 100 SMT 7 ckt 7 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT .100 SR SB Vert SMT Hdr 8Ckt 8 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT Custom Header 100 SMT 3 ckt 3 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CONN HEADER 8POS .100 VERT 15AU 8 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT .100 SR Vert SMT Custom Hdr 14 Ckt Tin 14 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CH 100 Single Row Vert SMT 2ckt 30au CH 100 Single Row Vert SMT 3ckt 30au
|
File Size |
134.04K /
4 Page |
View
it Online |
Download Datasheet |
|
|
|
LG
|
Part No. |
LP140WH1-TLC3
|
OCR Text |
...vided into red, green and blu e sub- pixels or dots which are arranged in vertical strip es. gray scale or the brightness of the sub-pixel ...assy tclks lvds 1port vcc led driver block led driver block fb1~6 eeprom block for tcon operating ee... |
Description |
Liquid Crystal Display
|
File Size |
619.99K /
28 Page |
View
it Online |
Download Datasheet |
|
|
|
LG
|
Part No. |
LP140WH1-TLC1
|
OCR Text |
...vided into red, green and blu e sub- pixels or dots which are arranged in vertical strip es. gray scale or the brightness of the sub-pixel ...assy, i-pex or its compatibles 2.2 mating : cabline-vs plug cable assy or equivalent. 2.3 connector ... |
Description |
Display Module
|
File Size |
581.34K /
27 Page |
View
it Online |
Download Datasheet |
|
|
|
Samtec, Inc.
|
Part No. |
HPSTP-29-0500-M-S HPSTP-29-5000-M-S
|
OCR Text |
...00 max .551 5.25 .207 overmold sub-mhdmc-19-x 2.42 ref .095 8.40 max .331 'c' j1 j2 'a' detail 'c' (latching option only) 01 19 detail 'a'...assy by: hpstp-xx-xxxx-xx-xx dwg. no. description: proprietary note this document contains informat... |
Description |
INTERCONNECTION DEVICE LEAD FREE
|
File Size |
651.55K /
7 Page |
View
it Online |
Download Datasheet |
|
|
|
LG
|
Part No. |
LP156WH3-TLB1
|
OCR Text |
... ided into red, green and blue sub-pixels or dots which are ar ranged in vertical stripes. gray scale or the brigh tness of the sub-pixel ...assy, i-pex gt05q-40s-h10, lsm is050-l40b-c10, uju or equivalant 2.2 mating : cabline-vs plug cable ... |
Description |
Liquid Crystal Display
|
File Size |
496.21K /
26 Page |
View
it Online |
Download Datasheet |
|
|
|
LG
|
Part No. |
LD070WS2-SL02
|
OCR Text |
...vided into red, green and blue sub-pixels or dots which a re arranged in vertical stripes. gray scale or the brightness of the sub-pixel c...assy led backlight assy lvds_clk 1 pair lvds_data 4 pair gate driver vled_a vled_c dimo dimi 3 line ... |
Description |
Display Module
|
File Size |
473.45K /
26 Page |
View
it Online |
Download Datasheet |
|
|
|
LG
|
Part No. |
LP156WH3-TLA3
|
OCR Text |
... ided into red, green and blue sub-pixels or dots which are ar ranged in vertical stripes. gray scale or the brigh tness of the sub-pixel ...assy, i-pex gt05q-40s-h10, lsm is050-l40b-c10, uju or equivalant 2.2 mating : cabline-vs plug cable ... |
Description |
Liquid Crystal Display
|
File Size |
535.64K /
27 Page |
View
it Online |
Download Datasheet |
For
sub-assy Found Datasheets File :: 51 Search Time::1.109ms Page :: | <1> | 2 | 3 | 4 | 5 | 6 | |
▲Up To
Search▲ |
|
Price and Availability
|