|
|
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
Part No. |
X4005S8-2.7 X4005S8-2.7A X4005S8-4.5A X4005S8I X4003 X4005S8I-2.7A X4003M8-1.8 X4003M8I X4003M8I-2.7 X4003M8I-2.7A X4003M8I-4.5A X4003S8 X4003S8-1.8 X4003S8-2.7 X4003S8-2.7A X4003S8-4.5A X4003S8I X4003S8I-2.7 X4003S8I-2.7A X4003S8I-4.5A X4005M8-1.8 X4005M8I X4005M8I-2.7 X4005M8I-2.7A X4005M8I-4.5A X4005S8 X4005S8-1.8 X4005S8I-2.7 X4005S8I-4.5A
|
Description |
RTC Module With CPU Supervisor 1-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDSO8 DIODE, stud 95A 1200VDIODE, stud 95A 1200V; Voltage, Vrrm:1200V; Current, If av:95A; Current, Ifs max:1150A; Voltage, forward at If:1.5V; Case style:E12; Thread size:M8; Diode type:Standard recovery; Polarity, diode:stud Catho thyristor, CAPSULE 600Athyristor, CAPSULE 600A; Voltage, Vrrm:1200V; Current, It av:600A; Case style:TO-200; Current, It rms:1400A; Current, Itsm:11500A; Voltage, Vgt:2.0V; Current, Igt:200mA; Diameter, External:57.3mm; Length / thyristor Module; Current, It av:150A; Repetitive Reverse Voltage Max, Vrrm:1600V; Peak Surge Current:1250A; di/dt:100A/ s; Package/Case:G62 thyristor Diode Module; Repetitive Reverse Voltage Max, Vrrm:1200V; Current Rating:220A
|
File Size |
256.09K /
17 Page |
View
it Online |
Download Datasheet |
|
|
|
Intersil, Corp. XICOR[Xicor Inc.]
|
Part No. |
X4005S8 X4005S8-1.8 X4005S8-2.7 X4005S8-2.7A X4005S8-4.5A X4005S8I X4005S8I-2.7 X4005S8I-2.7A X4005S8I-4.5A X4003 X4003M8-1.8 X4003M8I X4003M8I-2.7 X4003M8I-2.7A X4003M8I-4.5A X4003S8 X4003S8-1.8 X4003S8-2.7 X4003S8-2.7A X4003S8-4.5A X4003S8I X4003S8I-2.7 X4003S8I-2.7A X4003S8I-4.5A X4005 X4005M8-1.8 X4005M8I X4005M8I-2.7 X4005M8I-2.7A X4005M8I-4.5A
|
Description |
RTC Module With CPU Supervisor 时钟模块CPU监控 DIODE, stud 95A 400VDIODE, stud 95A 400V; Voltage, Vrrm:400V; Current, If av:95A; Current, Ifs max:1150A; Voltage, forward at If:1.5V; Case style:E12; Thread size:M8; Diode type:Standard recovery; Polarity, diode:stud Cathode MODULE DROP IN FOR XE1203 868MHZ Standard Recovery Rectifier; Repetitive Reverse Voltage Max, Vrrm:1600V; Forward Current Avg Rectified, IF(AV):70A; Non Repetitive Forward Surge Current Max, Ifsm:1150A; Forward Voltage Max, VF:1.5V; Package/Case:DO-203AB thyristor, CAPSULE, 550A; thyristor/Triac type:thyristor; Voltage, Vdrm:1200V; Current, It rms:1200A; Current, Itsm:9000A; Current, Igt:250mA; Voltage, Vgt:1.65V; Case style:TO-200; Current, It av:550A; Diameter, External:41mm; RoHS Compliant: Yes
|
File Size |
375.89K /
18 Page |
View
it Online |
Download Datasheet |
|
Price and Availability
|