Part Number Hot Search : 
AU9254 MC101 KSE13005 MA4000N SBM39PT 1909E L6416 U2Z13
Product Description
Full Text Search
  ST2245 Datasheet PDF File

For ST2245 Found Datasheets File :: 2+       Page :: | <1> |   

    Pletronics
Part No. ST2244 ST2245
Description (ST2244 / ST2245) ST2000 Series Crystal Oscillator

File Size 113.97K  /  2 Page

View it Online

Download Datasheet

HUA FENG CIRCUIT





    Pletronics
Part No. ST2245P-4.000MHZ ST2245E-4.000MHZ ST2245EP-4.000MHZ-SMD ST2245-4.000MHZ-SMD ST2245P-4.000MHZ-SMD ST2244-60.000MHZ-SMD ST2244EP-60.000MHZ-SMD ST2245P-60.000MHZ-SMD ST2244-4.000MHZ-SMD ST2245EP-60.000MHZ-SMD ST2244EP-4.000MHZ-SMD ST2244E-4.000MHZ-SMD ST2245E-60.000MHZ-SMD ST2244E-60.000MHZ-SMD ST2244P-60.000MHZ-SMD ST2245-60.000MHZ-SMD ST2244P-4.000MHZ-SMD
Description IC ACEX 1K FPGA 50K 208-PQFP
Crystal Oscillator
FPGA, FLEX 6000, 24K GATES, PQFP208; Logic IC family:FPGA; Logic IC Base Number:6024; Logic IC function:EPF6024A; Voltage, supply:3.30V; Case style:PQFP; Gates, No. of:24000; I/O lines, No. of:171; Pins, No. of:208; Temp, op. RoHS Compliant: Yes
IC MAX 7000 CPLD 128 100-TQFP
IC ACEX 1K FPGA 30K 208-PQFP
MAX 3000A CPLD 64 MC 44-PLCC
Cyclone II FPGA 5K TQFP-144
Stratix II FPGA 60K FBGA-1020
Cyclone II FPGA 5K PQFP-208
Stratix II FPGA 30K FBGA-672
Cyclone FPGA 12K PQFP-240
MAX II CPLD 1270 LE 256-FBGA
Stratix II FPGA 15K FBGA-484
IC APEX 20KE FPGA 100K
Programmable Logic IC; Logic Type:Programmable; No. of Macrocells:176; Package/Case:256-FBGA; Leaded Process Compatible:No; Number of Circuits:1728; Peak Reflow Compatible (260 C):No RoHS Compliant: No
Cyclone II FPGA 35K FBGA-672
CONFIGURATION DEVICE, 1.6MBIT, PLCC20; Memory type:Configuration FLASH; Interface type:Serial; Memory size:1.6Mbit; Frequency:16.7MHz; Temp, op. min:0(degree C); Temp, op. max:70(degree C); Case style:PLCC; Temperature, operating RoHS Compliant: Yes
MAX 3000A CPLD 256 MC 144-TQFP 晶体振荡
Programmable Logic IC; Logic Type:Programmable; No. of Macrocells:147; Package/Case:208-PQFP; Leaded Process Compatible:No; Number of Circuits:1728; Peak Reflow Compatible (260 C):No; Mounting Type:surface mount RoHS Compliant: No

File Size 80.80K  /  2 Page

View it Online

Download Datasheet

For ST2245 Found Datasheets File :: 2+       Page :: | <1> |   

▲Up To Search▲

 



Bom2Buy.com




Price and Availability



JITONG TECHNOLOGY
(CHINA HK & SZ)
Datasheet.hk's Sponsor

Part: ST2221C-2
Maker: ST
Pack: SOP24
Stock: 940
Unit price for :
    50: $0.78
  100: $0.74
1000: $0.70

Email: oulindz@gmail.com

Contact us

 
Price & Availability of ST2245

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.42857694625854