Part Number Hot Search : 
UT54A VN16B UNRF1A1 4AM04MH5 UF1004 MMBT3906 RLM682M3 BY296
Product Description
Full Text Search
  ss14 Datasheet PDF File

For ss14 Found Datasheets File :: 99    Search Time::4.234ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 |   

    SS14-T1 SS14-T3 SS13-T1 SS13-T3 SS12 SS19-T3 S100-T1 S100-T3 SS12-T1 SS12-T3 SS15-T1 SS15-T3 SS16-T1 SS16-T3 SS18-T1 SS1

Won-Top Electronics Co., Ltd.
WTE[Won-Top Electronics]
Part No. ss14-T1 ss14-T3 SS13-T1 SS13-T3 SS12 SS19-T3 S100-T1 S100-T3 SS12-T1 SS12-T3 SS15-T1 SS15-T3 SS16-T1 SS16-T3 SS18-T1 SS18-T3 SS19-T1
OCR Text ...C unless otherwise specified ss14 SS15 SS16 SS18 SS19 S100 Unit 20 14 30 21 40 28 50 35 1.0 60 42 80 56 90 64 100 71 V V A IFSM VFM IRM RJA Tj TSTG 0.55 30 0.70 0.5 20 88 -65 to +125 -65...
Description    1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
CONTACTOR 600VAC 18AMP IEC OPTIONS
(SS12 - SS19) 1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
USB Type A - Horizontal Female PC Tail, selective gold tin

File Size 40.78K  /  3 Page

View it Online

Download Datasheet





    SS14-L SS12-L SS13-L SS110-L SS15-L SS16-L SS18-L

Micro Commercial Components
Part No. ss14-L SS12-L SS13-L SS110-L SS15-L SS16-L SS18-L
OCR Text ...20v ss13-l ss13 30v 21v 30v ss14-l ss14 40v 28v 40v ss15-l ss15 50v 35v 50v ss16-l ss16 60v 42v 60v ss18-l ss18 80v 56v 80v ss110-l ss110 100v 70v 100v electrical characteristics @ 25 c unless otherwise specified av...
Description 1 Amp Schottky Rectifier 20 to 100 Volts

File Size 249.61K  /  3 Page

View it Online

Download Datasheet

    SS14

ON Semiconductor
Part No. ss14
OCR Text ss14 surface mount schottky power rectifier sma power surface mount package these devices employ the schottky barrier principle in a large area metal?to?silicon power diode. state of the art geometry features epitaxial construction with oxi...
Description (SS12 / ss14) Surface Mount Schottky Power Rectifier

File Size 112.29K  /  4 Page

View it Online

Download Datasheet

    SS14-M3-5AT SS14-M3-61T

Vishay Siliconix
Part No. ss14-M3-5AT ss14-M3-61T
OCR Text ...ted) parameter symbol ss12 ss13 ss14 ss15 ss16 unit device marking code s2 s3 s4 s5 s6 v maximum repetitive pe ak reverse voltage v rrm 20 30 40 50 60 v maximum rms voltage v rms 14 21 28 35 42 v maximum dc blocking voltage v dc 20 30 40 50...
Description Surface Mount Schottky Barrier Rectifier

File Size 76.65K  /  4 Page

View it Online

Download Datasheet

    SS14-E3

Vishay Siliconix
Part No. ss14-E3
OCR Text ss14, ss15, ss16 www.vishay.com vishay general semiconductor revision: 28-apr-14 1 document number: 88746 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this docu...
Description Surface Mount Schottky Barrier Rectifier

File Size 76.59K  /  4 Page

View it Online

Download Datasheet

    SS14 SS13 SS16 SS100

Diotech Company.
Part No. ss14 SS13 SS16 SS100
OCR Text ...e SYMBOLS SS12 SS13 ss14 SS15 SS16 SS18 SS100 UNITS V V V A A VRRM VRMS VDC I(AV) IFSM VF IR CJ R JA TJ, TSTG 20 14 20 30 21 30 40 28 40 50 35 50 1.0 40.0 60 42 60 80 56 80 100 70 100 0.50 ...
Description SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER

File Size 603.01K  /  2 Page

View it Online

Download Datasheet

    SS14 SS13 S100 SS19 SS15 SS19-T3 S100-T3 SS12 SS12_06 SS12-T3 SS13-T3 SS14-T3 SS15-T3 SS16 SS16-T3 SS18 SS18-T3

WTE[Won-Top Electronics]
Part No. ss14 SS13 S100 SS19 SS15 SS19-T3 S100-T3 SS12 SS12_06 SS12-T3 SS13-T3 ss14-T3 SS15-T3 SS16 SS16-T3 SS18 SS18-T3
OCR Text ...C unless otherwise specified ss14 SS15 SS16 SS18 SS19 S100 Unit 20 14 30 21 40 28 50 35 1.0 60 42 80 56 90 64 100 71 V V A IFSM VFM IRM RJL RJA Tj TSTG 0.50 30 0.70 0.5 20 28 88 -65 to +...
Description 1.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE

File Size 42.51K  /  4 Page

View it Online

Download Datasheet

    Vishay
Part No. ss14
OCR Text ...ted) parameter symbol ss12 ss13 ss14 ss15 ss16 unit device marking code s2 s3 s4 s5 s6 v maximum repetitive peak reverse voltage v rrm 20 30 40 50 60 v maximum rms voltage v rms 14 21 28 35 42 v maximum dc blocking voltage v dc 20 30 40 50 ...
Description Surface Mount Schottky Barrier Rectifier, Forward Current 1.0A, Reverse Voltage 40V

File Size 171.26K  /  2 Page

View it Online

Download Datasheet

    SS14

Fairchild Semiconductor
Part No. ss14
OCR Text ...ard Characteristics 20 SS12 - ss14 0.75 SINGLE PHASE HALF WAVE 60Hz RESISTIVE OR INDUCTIVE LOAD P.C.B. MOUNTED ON 0.2x0.2"(5.0x5.0mm) COPPER PAD AREAS FORWARD CURRENT (A) 10 5 SS15 - SS16 0.5 1 SS18 - S100 0.25 0...
Description 1.0 Ampere Schottky Barrier Rectifiers

File Size 36.50K  /  3 Page

View it Online

Download Datasheet

    SS14 SS110 SS16 SS15 SS12 SS13

CHONGQING PINGYANG ELECTRONICS CO.,LTD
Part No. ss14 SS110 SS16 SS15 SS12 SS13
OCR Text ...M VRMS VDC 20 14 20 30 21 30 ss14 40 28 40 SS15 50 35 50 SS16 60 42 60 SS18 80 56 80 SS110 100 70 100 units V V V 1.Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A 2.Measured at 1MHz and applied reverse voltage of 4.0 volt...
Description SCHOTTKY BARRIER RECTIFIER

File Size 36.28K  /  1 Page

View it Online

Download Datasheet

For ss14 Found Datasheets File :: 99    Search Time::4.234ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of ss14

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
2.401172876358