Part Number Hot Search : 
D1764 13012 SG3526J FDRH20 7555ID 14D821K SFH4391 18N06
Product Description
Full Text Search
  spherical Datasheet PDF File

For spherical Found Datasheets File :: 231    Search Time::0.984ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    ITT Corporation
ITT[ITT Industries]
Part No. KSJ KSJ0M210 KSJ0M211 KSJ0V210 KSJ0V211 KSJ1M210 KSJ1M211 KSJ0M410 KSJ0M411 KSJ1V431 KSJ0M230 KSJ0M231 KSJ0M430 KSJ0M431 KSJ0V230 KSJ0V231 KSJ0V410 KSJ0V411 KSJ0V430 KSJ0V431 KSJ1M230 KSJ1M231 KSJ1M411 KSJ1M430 KSJ1M431 KSJ1V210 KSJ1V211 KSJ1V230 KSJ1V231 KSJ1V410 KSJ1V411 KSJ1V430 KSJ1M410
OCR Text spherical Actuator Tact Switches Features/Benefits * spherical actuator allows actuation force off center 30 with regard to vertical * Total travel 1.6 mm * Sealed against flux Typical Applications * * * * Automotive Cranes, off road...
Description spherical Actuator Tact Switches

File Size 70.13K  /  3 Page

View it Online

Download Datasheet





    Optima Precision
Part No. 310-0065-780
OCR Text ...ations, a three or four element spherical lens achieves a level of optical performance difficult to obtain with any single element lens. To assure diffraction-limited performance, start by collimating the diode with one of the Optima 336 Se...
Description Laser Diode, 780nm Wave Length

File Size 173.60K  /  4 Page

View it Online

Download Datasheet

    LZ0P3610 LZ0P3611 LZ0P3616

Sharp Electrionic Components
Part No. LZ0P3610 LZ0P3611 LZ0P3616
OCR Text ...using SPECIFICATION Single (non-spherical, plastic) 4.0 mm [TYP. : reference] 2.85% H : 52, V : 40, Diagonal : 65 [TYP. : reference] -3.2% to 10 cm 0.00005 to 0.001 N*m NOTE 1 2 3 NOTES : 1. TV distortion is defined by the formula,...
Description 1/4-type Built-in Lens Color CCD Area Sensors with 270 k Pixels

File Size 119.63K  /  14 Page

View it Online

Download Datasheet

    SHARP
Part No. LZ0P3622 LZ0P3625
OCR Text ...cation construction single (non-spherical, plastic) focal length 4.0 mm [typ. : reference] note 2.85% f no. focus adjustment range to 10 cm 2 tv distortion 2 e3.2% 1 viewing angle h : 52?, v : 40?, diagonal : 65? [typ. : reference] notes :...
Description 1/4-type Built-in Lens Color CCD Area Sensors with 320 k Pixels

File Size 126.99K  /  14 Page

View it Online

Download Datasheet

    SHARP
Part No. LZ0P3615 LZ0P3612
OCR Text ...cation construction single (non-spherical, plastic) focal length 4.0 mm [typ. : reference] note 2.85% f no. focus adjustment range to 10 cm 2 tv distortion 2 e3.2% 1 viewing angle h : 52?, v : 40?, diagonal : 65? [typ. : reference] notes :...
Description 1/4-type Built-in Lens Color CCD Area Sensors with 270 k Pixels

File Size 125.22K  /  14 Page

View it Online

Download Datasheet

    LZ0P3620 LZ0P3621

Sharp Electrionic Components
Part No. LZ0P3620 LZ0P3621
OCR Text ...using SPECIFICATION Single (non-spherical, plastic) 4.0 mm [TYP. : reference] 2.85% H : 52, V : 40, Diagonal : 65 [TYP. : reference] -3.2% to 10 cm 0.00005 to 0.001 N*m NOTE 1 2 3 NOTES : 1. TV distortion is defined by the formula,...
Description 1/4-type Built-in Lens Color CCD Area Sensors with 320 k Pixels

File Size 113.45K  /  14 Page

View it Online

Download Datasheet

    G6854-01

HAMAMATSU[Hamamatsu Corporation]
Part No. G6854-01
OCR Text spherical lens window package for efficient fiber coupling Features Applications High degree of base positioning accuracy allows easy positioning. l Package weldable by YAG laser l spherical lens window with AR coating minimizes return ...
Description InGaAs PIN photodiode

File Size 173.25K  /  2 Page

View it Online

Download Datasheet

    GREATECS
Part No. PB161B1TS1AGW PB161B1TS1ABW PB161B1TS1AEW PB161B1TS1AFW PB161B1TS1DGW PB161B1TS1EBW PB161B1TS1BFW PB161B1TS1BCW PB161B1TS1BGW PB161B1TS1CGW PB161B1TS1CNW PB161B1TS1EFW PB161B1TS1BNW PB161B1TS1CEW PB161B1TS1CFW PB161B1TS1DBW PB161B1TS1DCW PB161B1TS1DNW PB161B1TS1ECW PB161B1TS1EGW PB161B1TS1ENW PB161B1TS1ANW PB161B1TS1BBW PB161B1TS1BEW PB161B1TS1CBW PB161B1TS1CCW PB161B1TS1DEW PB161B1TS1DFW PB161B1TS1EEW PB161B1TS1GEW
OCR Text ...ce 7 blank r actuator: flat top spherical top (only without led) 2 n c f no led b white red e yellow green g blue additional cap: 8 blank w no cap with cap 8 features : > sealed protection degree ip67 > snap-in and threaded bushing > comp...
Description SPST Sealed Round Pushbutton Switches

File Size 685.28K  /  3 Page

View it Online

Download Datasheet

    Vishay Semiconductors
Part No. BPV22F
OCR Text ...ode in a plastic package with a spherical side view lens. the epoxy package itself is an ir filter, spec- trally matched to gaas or gaas/gaalas ir emitters ( p = 950 nm). lens radius and chip position are perfectly matched to the chip s...
Description
File Size 128.78K  /  6 Page

View it Online

Download Datasheet

    LED1200-35M32

ETC
Part No. LED1200-35M32
OCR Text ... mounted on a TO-18 stem with a spherical glass lens being designed for high output power uses. On forward bias, it emits a spectral band of radiation, which peaks at 1200nm. Outer dimension [Unit:mm] Features 1) High radiated intensity 2)...
Description Stem type LED

File Size 92.68K  /  1 Page

View it Online

Download Datasheet

For spherical Found Datasheets File :: 231    Search Time::0.984ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of spherical

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.5961229801178