Part Number Hot Search : 
P6KE170A TDA5737 74LVT543 IP79M00 GS73024A 01089 2SK2078 1EJHS1
Product Description
Full Text Search
  spacer Datasheet PDF File

For spacer Found Datasheets File :: 1317    Search Time::1.203ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    SPX2732T SPX2732T-3.3 SPX2732T-5.0 SPX2732U SPX2732U-3.3 SPX2732U-5.0 SPX2733U-5.0 SPX2730 SPX2730T-3.3 SPX2730T-5.0 SPX

TE Connectivity, Ltd.
SIPEX[Sipex Corporation]
Part No. SPX2732T SPX2732T-3.3 SPX2732T-5.0 SPX2732U SPX2732U-3.3 SPX2732U-5.0 SPX2733U-5.0 SPX2730 SPX2730T-3.3 SPX2730T-5.0 SPX2730U-3.3 SPX2730U-5.0 SPX2731T-3.3 SPX2731T-5.0 SPX2731U-3.3 SPX2731U-5.0 SPX2733T SPX2733T-3.3 SPX2733T-5.0 SPX2733U SPX2733U-3.3
OCR Text ...solated, a thermally conductive spacer can be used. However do not forget to consider its contribution to thermal resistance. Assuming: VIN = 10V, VOUT = 5V, IOUT = 1.5A, TA = 50C/W, Heatsink Case= 6C/W, Heatsink Case = 0.5C/W, JC = 3C/W P...
Description 3.3 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PSFM5
3A High Current Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response A高电流低压差稳压器可调节
3A High Current Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
3A High Current Low Dropout Voltage Regulator Adjustable & Fixed Output Fast Response

File Size 169.26K  /  9 Page

View it Online

Download Datasheet





    TEA1507 TEA1507P TEA1507P/N1

PHILIPS[Philips Semiconductors]
Part No. TEA1507 TEA1507P TEA1507P/N1
OCR Text ...iver output high voltage safety spacer, not connected drain of external MOS switch, input for start-up current and valley sensing Fig.3 Pin configuration. DESCRIPTION supply voltage handbook, halfpage TEA1507 VCC 1 GND 2 8 DRAIN 7...
Description TEA1507; GreenChip(tm)II SMPS control IC
GreenChipII SMPS control IC
GreenChip?II SMPS control IC

File Size 109.05K  /  20 Page

View it Online

Download Datasheet

    FAN1589 FAN1589MX FAN1589MCX FAN1589DX

Fairchild Semiconductor Corporation
FAIRCHILD[Fairchild Semiconductor]
Part No. FAN1589 FAN1589MX FAN1589MCX FAN1589DX
OCR Text ...ded. Use a thermally conductive spacer if the case of the device must be electrically isolated and include its contribution to the total thermal resistance. The case of the FAN1589 is directly connected to the output of the device. VIN 3...
Description FETs - Nch 700V<VDSS; Surface Mount Type: N; Package: TO-220NIS; R DS On (&#206;&#169;): (max 6.4); P D (W): (max 2.5)
FETs - Nch 700VFETs - Nch 700V2.7A/ 1.2V Low Dropout Linear Regulator for VRM8.5
2.7A, 1.2V Low Dropout Linear Regulator for VRM8.5
FETs - Nch 700V<VDSS; ; Package: TO-3P(N)IS; R DS On (&#206;&#169;): (max 1.4); P D (W): (max 8)

File Size 80.93K  /  12 Page

View it Online

Download Datasheet

    LCX037BLT

SONY[Sony Corporation]
Part No. LCX037BLT
OCR Text ...anical Polish) and OCS (On Chip spacer) structures contribute to high picture quality. This panel has a polysilicon TFT high-speed scanner and built-in function to display images up/down and/or right/left inverse. The built-in 5V interface ...
Description 3.4cm (1.35 Type) Black-and-White LCD Panel

File Size 388.68K  /  25 Page

View it Online

Download Datasheet

    SPX2810 SPX2810AM3 SPX2810AM3-1.5 SPX2810AM3-2.5 SPX2810AM3-3.0 SPX2810AM3-3.3 SPX2810AM3-5.0 SPX2810AR SPX2810AR-1.5 SP

SIPEX[Sipex Corporation]
Part No. SPX2810 SPX2810AM3 SPX2810AM3-1.5 SPX2810AM3-2.5 SPX2810AM3-3.0 SPX2810AM3-3.3 SPX2810AM3-5.0 SPX2810AR SPX2810AR-1.5 SPX2810AR-2.5 SPX2810AR-3.0 SPX2810AR-3.3 SPX2810AR-5.0 SPX2810AT-1.5 SPX2810AT-2.5 SPX2810AT-3.0 SPX2810AT-3.3 SPX2810AT-5.0 SPX2810AU SPX2810AU-1.5 SPX2810AU-2.5 SPX2810AU-3.0 SPX2810AU-3.3 SPX2810AU-5.0 SPX2810M3 SPX2810M3_TR SPX2810M3-1.5 SPX2810M3-2.5 SPX2810M3-3.0 SPX2810M3-3.3 SPX2810M3-3.3_TR SPX2810M3-5.0 SPX2810R SPX2810R-1.5 SPX2810R-2.5 SPX2810R-2.5_TR SPX2810R-3.0 SPX2810R-3.3 SPX2810R-3.3_TR SPX2810R-5.0 SPX2810T SPX2810T-1.5 SPX2810T-2.5 SPX2810T-3.0 SPX2810T-3.0_TR SPX2810T-3.3 SPX2810T-5.0 SPX2810U SPX2810U-1.5 SPX2810U-2.5 SPX2810U-3.0 SPX2810U-3.3 SPX2810U-5.0 SPX1202AT
OCR Text ...olated, a thermal nonconductive spacer should be used between the case and the board. It thermal resistance must be taken into account. For example: VIN =10V, VOUT =5V. IOUT =1.5A and TA =50C/W ThetaJC=3C/W, thetaSinkCase= 6C/W thetaSink=0....
Description 1A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
1A Low Dropout Positive Linear Regulator
1A Low Dropout Voltage Regulator Adjustable & Fixed Output Fast Response

File Size 91.09K  /  13 Page

View it Online

Download Datasheet

    UBA2021 UBA2021P UBA2021T

PHILIPS[Philips Semiconductors]
Part No. UBA2021 UBA2021P UBA2021T
OCR Text ... supply voltage high-voltage spacer, not to be connected low voltage supply gate low transistor (T2) power ground timing/averaging capacitor current monitoring input reference resistor signal ground oscillator capacitor start-up resistor...
Description From old datasheet system
630 V driver IC for CFL and TL lamps

File Size 93.30K  /  20 Page

View it Online

Download Datasheet

    LM2940J LM2940N LM2940S LM2940T LM2941S LM2941J LM2940 LM2941T LM2941 LM2941N

List of Unclassifed Man...
BayLinear
ETC[ETC]
List of Unclassifed Manufacturers
Electronic Theatre Controls, Inc.
Part No. LM2940J LM2940N LM2940S LM2940T LM2941S LM2941J LM2940 LM2941T LM2941 LM2941N
OCR Text ...solated, a thermally conductive spacer can be used. However do not forget to consider its contribution to thermal resistance. Assuming: VIN = 10V, VOUT = 5V, IOUT = 1.5A, TA = 90C, CASE= 1C/W (no external heat sink, no wind) Power dissipati...
Description 1.25A High Current Low Dropout Voltage Regulator Adjustable

File Size 194.14K  /  5 Page

View it Online

Download Datasheet

    L6301 L6565 L7307 L2D2 L6302 L6303 L6304 L6305 L6306 L6307 L6308 L6309 L6310 L6311 L6311-50 L6312 L6312-50 L6566 L6999 L

Hamamatsu Photonics K.K.
HAMAMATSU[Hamamatsu Corporation]
Part No. L6301 L6565 L7307 L2D2 L6302 L6303 L6304 L6305 L6306 L6307 L6308 L6309 L6310 L6311 L6311-50 L6312 L6312-50 L6566 L6999 L6999-50 L7174 L7292 L7293 L7295 L7296 L7296-50 L7298 L7306
OCR Text ... kept fixed by a molded ceramic spacer. This reduces the lamp to lamp variations in the light output to one half of that obtained with our lamps having a conventional all metal structure. L2D2 LAMPS 3 2.5 2 1.5 1 0.5 0 190 CONVENTIONA...
Description The best light source is supported by the best electrode technology 最好的光源是支持最好的电极技
XTAL CER SMT 6X3.5 2PAD

File Size 1,116.84K  /  7 Page

View it Online

Download Datasheet

    REJ10B0089SH7058

ETC
Part No. REJ10B0089SH7058
OCR Text ................. 5 Exchanging the spacer of the EV-Chip Board.................................................................. 6 Connecting User System Interface Board to EV-Chip Board ........................................... 7 Recommende...
Description SH7058 Group FP-256H User System Interface Board

File Size 490.36K  /  20 Page

View it Online

Download Datasheet

For spacer Found Datasheets File :: 1317    Search Time::1.203ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of spacer

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
3.264014005661