Part Number Hot Search : 
2SC5043 T2525 MC1200 ANTXV2 XVT9003 MC1200 CXX0G PG203
Product Description
Full Text Search
  sot-199 Datasheet PDF File

For sot-199 Found Datasheets File :: 125    Search Time::1.015ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 |   

    ADP3300 ADP3300ART-27 ADP3300ART-3 ADP3300ART-32 ADP3300ART-33 ADP3300ART-5

Analog Devices, Inc.
AD[Analog Devices]
Part No. ADP3300 ADP3300ART-27 ADP3300ART-3 ADP3300ART-32 ADP3300ART-33 ADP3300ART-5
OCR Text ...ixed Voltage Options Ultrasmall SOT-23 6-Lead Package Excellent Line and Load Regulations APPLICATIONS Cellular Telephones Notebook, Palmtop...199 VOUT = 3.2V 3.202 3.201 3.200 3.199 3.198 3.197 \ 800 GROUND CURRENT - A VOUT = ...
Description High Accuracy anyCAP 50 mA Low Dropout Linear Regulator 高精度anyCAP 50毫安低压差线性稳压器
Circular Connector; No. of Contacts:3; Series:; Body Material:Aluminum Alloy; Connecting Termination:Solder; Connector Shell Size:20; Circular Contact Gender:Socket; Circular Shell Style:Cable Receptacle; Insert Arrangement:20-19 RoHS Compliant: No
Contact Gender:Socket; Circular Shell Style:Cable Receptacle; Insert Arrangement:20-15 RoHS Compliant: No

File Size 128.03K  /  8 Page

View it Online

Download Datasheet





    ADP3307 ADP3307ART-27 ADP3307ART-3 ADP3307ART-32 ADP3307ART-33

AD[Analog Devices]
Part No. ADP3307 ADP3307ART-27 ADP3307ART-3 ADP3307ART-32 ADP3307ART-33
OCR Text ...ixed Voltage Options Ultrasmall SOT-23-6 (RT-6) Package Excellent Line and Load Regulations APPLICATIONS Cellular Telephones Notebook, Palmt...199 3.198 3.197 3.196 IL = 100mA 3.195 4 5 6 7 8 9 10 11 12 13 14 INPUT VOLTAGE - Volts 0 10 20 30 4...
Description High Accuracy anyCAP⑩ 100 mA Low Dropout Linear Regulator
High Accuracy anyCAP 100 mA Low Dropout Linear Regulator

File Size 144.91K  /  8 Page

View it Online

Download Datasheet

    XC6201 XC6201P XC6201P132 XC6201P182 XC6201P272 XC6201P332 XC6201P502 XC6201P521 XC6201P521LB XC6201P312ML XC6201P312MR

TOREX[Torex Semiconductor]
Part No. XC6201 XC6201P XC6201P132 XC6201P182 XC6201P272 XC6201P332 XC6201P502 XC6201P521 XC6201P521LB XC6201P312ML XC6201P312MR XC6201P312PH XC6201P312PL XC6201P312PR XC6201P312PB XC6201P312TH XC6201P312TL XC6201P312TB XC6201P312TR XC6201P352TH XC6201P551ML XC6201PB302LB XC6201PB302LH XC6201PB302MH XC6201PB302ML XC6201PB302MR XC6201PB302PB XC6201PB302PH XC6201PB302PL XC6201PB302PR XC6201P342PR XC6201P302PR XC6201P302LB XC6201P302LH XC6201P302LL XC6201P302LR XC6201P302MR XC6201P302PH XC6201P302PL XC6201P302TB XC6201P332MR XC6201P212MR XC6201P242MB XC6201P242ML XC6201P262ML XC6201P252MH XC6201P502PR XC6201P242MH XC6201P242MR XC6201P252MB XC6201P252ML XC6201P252MR XC6201P332PB XC6201P332PH XC6201P332PL XC6201P332PR XC6201P262MB XC6201P262MH XC6201P262MR XC6201P442MB XC6201P442MH XC6201P442ML XC6201P442MR XC6201P602TR XC6201P131LB XC6201P131LH XC6201P131LL XC6201P131LR XC6201P131MB XC6201P131MH XC6201P131ML XC6201P131MR XC6201P131PB XC6201P131PH XC6201P131PL XC6201P131PR XC6201P131TB XC6201P131TH XC6201P131TL XC6201P131TR XC6201P132LB XC6201P132LH XC6201P132LL XC6201P132LR XC6201P132MB XC6201P132MH XC6201P132ML XC6201P132MR XC6201P132PB XC6201P132PH XC6201P132PL XC6201P132PR XC6201P132TB XC620
OCR Text ...e Range : 1.3V ~ 6.0V NSOT-25 / SOT-89 / TO-92 Package NCapacitors can be Tantalum or Ceramic 3 The XC6201 series are highly precise, ...199 (4) SUPPLY CURRENT vs. INPUT VOLTAGE C C C C C C 3 C C C C C C ...
Description 250mA positive voltage regulator, tolerance 2%, output 6.0V
250mA positive voltage regulator, tolerance 2%, output 4.0V
Positive Voltage Regulators
250mA positive voltage regulator, tolerance 2%, output 1.3V
250mA positive voltage regulator, tolerance 2%, output 1.4V
250mA positive voltage regulator, tolerance 2%, output 4.1V

File Size 477.41K  /  22 Page

View it Online

Download Datasheet

    MMBR521LT1 MRF5211LT1

MOTOROLA[Motorola, Inc]
MOTOROLA[Motorola Inc]
Part No. MMBR521LT1 MRF5211LT1
OCR Text ...RF Parameters * Surface Mounted SOT-23 (MMBR521LT1) & SOT-143 (MRF5211LT1) Offer Improved RF Performance Lower Package Parasitics Higher Gai...199 0.985 0.843 0.749 0.690 0.656 0.649 17.255 8.143 5.139 3.741 2.947 2.670 1.856 1.431 1.177 1.008...
Description HIGH-FREQUENCY TRANSISTOR PNP SILICON

File Size 151.95K  /  8 Page

View it Online

Download Datasheet

    BFQ67R BFQ67 BFQ67W

Vishay Intertechnology,Inc.
Vishay Telefunken
Vishay Siliconix
Part No. BFQ67R BFQ67 BFQ67W
OCR Text ...BFQ67 Marking: V2 Plastic case (SOT 23) 1 = Collector, 2 = Base, 3 = Emitter BFQ67R Marking: R67 Plastic case (SOT 23) 1 = Collector, 2 =...199 0.195 0.202 0.219 0.235 0.252 0.274 0.300 0.326 0.357 0.301 0.219 0.201 0.198 0.201 0.204 0.222 ...
Description Silicon NPN Planar RF Transistor(集电极电0mA,低噪声小信号放大器应用的NPN平面型晶体管)
MINILINK UK ;
From old datasheet system

File Size 184.90K  /  12 Page

View it Online

Download Datasheet

    BFR92AR BFR92A BFR92AW

Vishay Intertechnology,Inc.
TFUNK[Vishay Telefunken]
Part No. BFR92AR BFR92A BFR92AW
OCR Text ...R92A Marking: +P2 Plastic case (SOT 23) 1 = Collector, 2 = Base, 3 = Emitter BFR92AR Marking: +P5 Plastic case (SOT 23) 1 = Collector, 2 ...199 0.113 0.093 0.090 0.118 0.137 0.155 0.576 0.286 0.177 0.113 0.101 0.107 0.136 0.160 0.181 ANG de...
Description From old datasheet system
Silicon NPN Planar RF Transistor

File Size 162.58K  /  10 Page

View it Online

Download Datasheet

    Agilent (Hewlett-Packard)
HP[Agilent(Hewlett-Packard)]
Part No. MGA-53543
OCR Text ...ace mount small plastic package SOT-343 (4-lead SC-70) * Tape-and-Reel packaging option available Pin Connections and Package Marking INPUT...199 0.201 0.205 0.212 0.216 0.221 0.229 0.235 0.241 0.25 0.293 0.342 0.394 0.445 0.497 0.534 0.565 0...
Description MGA-53543 · 5V High Linearity LNA, 39dBm OIP3, 0.45-6GHz, SOT343(SC-70)
50 MHz to 6 GHz High Linear Amplifier

File Size 177.58K  /  14 Page

View it Online

Download Datasheet

    LINER[Linear Technology]
Part No. LTC1734L LTC1734LES6-4.2 LTC1734L-4.2
OCR Text ... a few external components, the SOT-23 package forms a very small, low cost charger for single cell lithium-ion batteries. The LTC1734L is a...199 0 25 50 75 100 IBAT (mA) 125 150 175 48 -50 -25 50 25 0 75 TEMPERATURE (C) 100 125 ...
Description Lithium-Ion Linear Battery Charger in ThinSOT

File Size 181.19K  /  12 Page

View it Online

Download Datasheet

    LTC1734 LTC1734ES6-4.2 LTC1734ES6-4.1 LTC1734-4.2 LTC1734-4.1

Linear Technology
Part No. LTC1734 LTC1734ES6-4.2 LTC1734ES6-4.1 LTC1734-4.2 LTC1734-4.1
OCR Text ... a few external components, the SOT-23 package forms a very small, low cost charger for single cell lithium-ion batteries. The LTC1734 is av...199 0 100 200 300 400 IBAT (mA) 500 600 700 190 -50 -25 50 25 0 75 TEMPERATURE (C) 100 1...
Description 700mA Linear Lithium Battery Charger in SOT-23
Lithium-Ion Linear Battery Charger in ThinSOT

File Size 180.46K  /  12 Page

View it Online

Download Datasheet

For sot-199 Found Datasheets File :: 125    Search Time::1.015ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of sot-199

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.0588068962097