Part Number Hot Search : 
AN56NN0 CPF5US15 MAX90 MAX791 MCP9509C CHL8203 XFATM6 TLUR4401
Product Description
Full Text Search
  sod80 Datasheet PDF File

For sod80 Found Datasheets File :: 103    Search Time::1.375ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 |   

    BA67908 BA679S

Vishay Siliconix
Part No. BA67908 BA679S
OCR Text sod80 Features * Wide frequency range 10 MHz to 1 GHz * Lead (Pb)-free component * Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC e2 Applications * Current controlled HF resistance in adjustable attenuators 94 93...
Description RF PIN Diodes - Single in MiniMELF sod80

File Size 135.28K  /  5 Page

View it Online

Download Datasheet





    KTY85-1 KTY85-110 KTY85-120 KTY85-121 KTY85-122 KTY85-150 KTY85-151 KTY85-152

PHILIPS[Philips Semiconductors]
NXP Semiconductors N.V.
Part No. KTY85-1 KTY85-110 KTY85-120 KTY85-121 KTY85-122 KTY85-150 KTY85-151 KTY85-152
OCR Text ...sensors are encapsulated in the sod80 glass SMD package. Tolerances of 0.5% or other special selections are available on request. MARKING TYPE NUMBER KTY85-110 KTY85-120 KTY85-121 KTY85-122 KTY85-150 KTY85-151 KTY85-152 QUICK REFERENCE DATA...
Description Silicon temperature sensors

File Size 57.26K  /  12 Page

View it Online

Download Datasheet

    BB215

NXP Semiconductors
PHILIPS[Philips Semiconductors]
Philipss
Part No. BB215
OCR Text ...nology, and encapsulated in the sod80 glass SMD package. Cathode side indicated by a white band. Second green band for type identification. MAM186 - 1 BB215 handbook, 4 columns k a Fig.1 Simplified outline (sod80) and symbo...
Description UHF variable capacitance diode

File Size 25.03K  /  4 Page

View it Online

Download Datasheet

    VISAY[Vishay Siliconix]
Part No. 23226338 23226333 23226335
OCR Text ...glass envelope: 2322 633 5.... (sod80) without leads and suitable for surface mounting 2322 633 8.... (SOD27) with tinned copper-clad iron leads 2322 633 3.... is the bandoiler version of 2322 633 8.... series Rated dissipation Dissipati...
Description NTC Thermistors, High Temperature Sensors

File Size 77.16K  /  6 Page

View it Online

Download Datasheet

    BA683 BA682

NXP Semiconductors
Philips Semiconductors
Part No. BA683 BA682
OCR Text ...and-switching diodes in a glass sod80 SMD package. handbook, 4 columns k a APPLICATION * Band-switching in VHF television tuners. Fig.1 Simplified outline (sod80) and symbol. LIMITING VALUES In accordance with the Absolute Ma...
Description Band-switching diodes

File Size 27.56K  /  5 Page

View it Online

Download Datasheet

    BA980-GS18 BA98008 BA980-GS08 BA980

Vishay Siliconix
Part No. BA980-GS18 BA98008 BA980-GS08 BA980
OCR Text sod80 Features * Wide frequency range 10 MHz to 1 GHz * Lead (Pb)-free component * Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC e2 Applications * Current controlled HF resistance in adjustable attenuators 961...
Description RF PIN Diode - Single in QuadroMELF sod80

File Size 316.11K  /  4 Page

View it Online

Download Datasheet

    LL4148

Fairchild Semiconductor
Part No. LL4148
OCR Text sod80 Absolute Maximum Ratings * T Symbol VRRM IF(AV) IFSM a = 25C unless otherwise noted Parameter Maximum Repetitive Reverse Voltage Average Rectified Forward Current Non-repetitive Peak Forward Surge Current Pulse Width = ...
Description Small Signal Diode

File Size 60.29K  /  5 Page

View it Online

Download Datasheet

    BZV81 BZV80

PHILIPS[Philips Semiconductors]
NXP Semiconductors
Part No. BZV81 BZV80
OCR Text ...eference diode in a small glass sod80 SMD package. k a APPLICATION * Voltage reference sources. MAM215 Fig.1 Simplified outline (sod80) and symbol. LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 1...
Description ECONOLINE: RQS & RQD - 1kVDC Isolation- Internal SMD Construction- UL94V-0 Package Material- Toroidal Magnetics- Efficiency to 80%
VOLTAGE REFERENCE DIODES

File Size 20.55K  /  4 Page

View it Online

Download Datasheet

    LL4148 MCL4148 LS4148

TEMIC Semiconductors
Part No. LL4148 MCL4148 LS4148
OCR Text sod80 package (LL4148), Quadro MELF package (LS4148) and Micro MELF (MCL4148) versions of the 1N4148. Electrical specification as axial lead shown on the previous page. Supplied taped and reeled in quantities of 2K5 or 10Kpcs. Dimensions...
Description DIODES, Signal(Surface Mount)

File Size 29.98K  /  1 Page

View it Online

Download Datasheet

    Vishay
Part No. 23226333
OCR Text ...glass envelope: 2322 633 5.... (sod80) without leads and suitable for surface mounting 2322 633 8.... (SOD27) with tinned copper-clad iron leads 2322 633 3.... is the bandoiler version of 2322 633 8.... series Rated dissipation Dissipati...
Description NTC Thermistors High Temperature Sensors

File Size 82.23K  /  7 Page

View it Online

Download Datasheet

For sod80 Found Datasheets File :: 103    Search Time::1.375ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of sod80

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.3842000961304