Part Number Hot Search : 
2SC460 RW7S0 DWR2G SMM0207 LPRG253 74ALS1 SF104C 24010
Product Description
Full Text Search
  smd-8 Datasheet PDF File

For smd-8 Found Datasheets File :: 31054    Search Time::2.031ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    ADS944 ADS-944_883 ADS-944MC ADS-944MM ADS-944/883 ADS-944 ADS-B944

Murata Power Solutions Inc.
List of Unclassifed Manufacturers
ETC[ETC]
Electronic Theatre Controls, Inc.
Datel
Part No. ADS944 ADS-944_883 ADS-944MC ADS-944MM ADS-944/883 ADS-944 ADS-B944
OCR Text ...e MIL-STD-883 screening or DESC SMD available INPUT/OUTPUT CONNECTIONS GENERAL DESCRIPTION The low-cost ADS-944 is a high-performance, 1...8 9 10 11 12 13 14 15 16 FUNCTION +5V ANALOG SUPPLY -5.2V DIGITAL SUPPLY ANALOG INPUT ANALOG GROUND ...
Description 14-Bit, 5MHz, sampling A/D converter
14-Bit, 5MHz Sampling A/D Converters
14-Bit/ 5MHz Sampling A/D Converters

File Size 156.14K  /  8 Page

View it Online

Download Datasheet





    BAT54CFILM BAT54SFILM BAT54AFILM BAT54FILM 5505 BAT54S BAT54C BAT54A BAT54 BAT54.A.C.S

SGS Thomson Microelectronics
ST Microelectronics
STMICROELECTRONICS[STMicroelectronics]
Part No. BAT54CFILM BAT54SFILM BAT54AFILM BAT54FILM 5505 BAT54S BAT54C BAT54A BAT54 BAT54.A.C.S
OCR Text ... encapsulated in a SOT-23 small SMD packages. Double diodes with different pining are available. K A1 A2 A2 A1 A1 K2 BAT54A A2 K ...8 0.7 0.6 0.5 0.4 0.3 IM 0.2 0.1 0.0 1E-3 = 0.2 Ta=25C = 0.1 Ta=50C 0.10 T Single p...
Description SMALL SIGNAL SCHOTTKY DIODE
SMALL SIGNAL SCHOTTKY DIODE
From old datasheet system

File Size 82.55K  /  5 Page

View it Online

Download Datasheet

    BAT54CW BAT54SW BAT54AW BAT54W BAT54CWT/R BAT54WSERIES

NXP Semiconductors / Philips Semiconductors
PHILIPS[Philips Semiconductors]
Part No. BAT54CW BAT54SW BAT54AW BAT54W BAT54CWT/R BAT54WSERIES
OCR Text ...ard ring protected * Very small SMD package. APPLICATIONS * Ultra high-speed switching * Voltage clamping * Protection circuits * Blocking d...8 240 320 400 500 800 2 5 mV mV mV mV mV A ns PARAMETER CONDITIONS MAX. UNIT Cd Note diode cap...
Description Schottky barrier (double) diodes - Cd max.: 10@VR=1V pF; Configuration: dual c.c. ; IF max: 200 mA; IFSM max: 600 A; IR max: 2@VR=25VA; VFmax: 400@IF=10mA mV; VR max: 30 V
Schottky barrier double diodes

File Size 29.07K  /  5 Page

View it Online

Download Datasheet

    BTS117

INFINEON TECHNOLOGIES AG
SIEMENS AG
SIEMENS[Siemens Semiconductor Group]
Part No. BTS117
OCR Text ...ion - case: junction - ambient: SMD version, device on PCB: 3) R thJC R thJA R thJA 2.5 75 45 K/W 1A sensor holding current of ...8 0.6 0.4 0.2 0.0 -50 125 100 75 50 25 0 -50 typ. -25 0 25 50 75 100 C ...
Description 10 A BUF OR INV BASED PRPHL DRVR, PSFM3
Smart Lowside Power Switch (Logic Level Input Input Protection ESD Thermal Shutdown Overload protection)
From old datasheet system

File Size 137.31K  /  10 Page

View it Online

Download Datasheet

    BTS118D

Infineon Technologies A...
INFINEON[Infineon Technologies AG]
Part No. BTS118D
OCR Text ...mal resistance junction - case: SMD: junction - ambient @ min. footprint @ 6 cm 2 cooling area 4) 1For input voltages beyond these limits I...8 1.7 10 2.2 30 A mW IDSS 1.5 4 8 12 V A VDS(AZ) 42 55 V Symbol min. Values typ. max. Unit 1@ 6 c...
Description Smart Lowside Power Switch

File Size 331.57K  /  10 Page

View it Online

Download Datasheet

    IRF130SMD

TT electronics Semelab Limited
SEME-LAB[Seme LAB]
Part No. IRF130SMD
OCR Text ... * SIMPLE DRIVE REQUIREMENTS SMD 1 Pad 1 - Gate Pad 2 - Drain Pad 3 - Source * LIGHTWEIGHT * SCREENING OPTIONS AVAILABLE * ALL LEADS ...8 1.0 3.8 28.5 6.3 16.6 30 75 40 45 11 43 4 V / C W V S(W )W( VGS(th) Gate Threshold Volta...
Description N-CHANNEL POWER MOSFET FOR HI.REL APPLICATIONS

File Size 22.36K  /  2 Page

View it Online

Download Datasheet

    IRF1310S

IRF[International Rectifier]
Part No. IRF1310S
OCR Text ...de variety of applications. The SMD-220 is a surface mount power package capable of accommodating die sizes up to HEX-4. It provides the hig...8 1.1 0.025 20 230 41 17 5.5 -55 to + 175 300 (1.6mm from case) Units A W W/C V mJ A mJ V/ns ...
Description Power MOSFET(Vdss=100V, Rds(on)=0.04ohm, Id=41A)

File Size 319.11K  /  8 Page

View it Online

Download Datasheet

    IRF2804S-7P

IRF[International Rectifier]
Part No. IRF2804S-7P
OCR Text ...meter V(BR)DSS VDSS/TJ RDS(on) SMD VGS(th) gfs IDSS IGSS Qg Qgs Qgd td(on) tr td(off) tf LD LS Ciss Coss Crss Coss Coss Coss eff. Drain-to-...8.0V 7.0V 6.0V 5.5V 5.0V 4.5V 10000 TOP VGS 15V 10V 8.0V 7.0V 6.0V 5.5V 5.0V 4.5V ID, Drain-t...
Description AUTOMOTIVE MOSFET

File Size 260.32K  /  10 Page

View it Online

Download Datasheet

    IRF2804 IRF2804L IRF2804S

IRF[International Rectifier]
Part No. IRF2804 IRF2804L IRF2804S
OCR Text ...meter V(BR)DSS VDSS/TJ RDS(on) SMD Drain-to-Source Breakdown Voltage Breakdown Voltage Temp. Coefficient Static Drain-to-Source On-Resistan...8 --- --- --- --- --- --- 160 41 66 13 120 130 130 4.5 7.5 6450 1690 840 5350 1520 2210 --- --- 2.0 ...
Description 40V Single N-Channel HEXFET Power MOSFET in a D2-Pak package
40V Single N-Channel HEXFET Power MOSFET in a TO-262 package
40V Single N-Channel HEXFET Power MOSFET in a TO-220AB package

File Size 273.77K  /  12 Page

View it Online

Download Datasheet

For smd-8 Found Datasheets File :: 31054    Search Time::2.031ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of smd-8

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
5.79705286026