Part Number Hot Search : 
2SJ46407 LT48512 7843N ATS45CS3 IN493 S6B1741 EFD20 MM1Z8B2
Product Description
Full Text Search
  six-output Datasheet PDF File

For six-output Found Datasheets File :: 13432    Search Time::1.766ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    LXMG1960-28-01 LXMG1960-28-03 LXMG1960-28-0X

Microsemi Corporation
Part No. LXMG1960-28-01 LXMG1960-28-03 LXMG1960-28-0X
OCR Text .... It is designed to drive up to six strings of LEDs to a maximum of 35V at up to 25mA per string. The module consists of a boost converter a...output LED string voltage. The module provides a dimming input: BRITE_A which adjusts the LED displa...
Description 6-String 5W LED Backlight Boost Driver Module

File Size 191.30K  /  8 Page

View it Online

Download Datasheet





    AM20E-4805SC AM20E-2402SC AM20E-2403SC AM20E-2405SC AM20E-4802SC AM20E-4803SC AM20E-C

AIMTEC
Part No. AM20E-4805SC AM20E-2402SC AM20E-2403SC AM20E-2405SC AM20E-4802SC AM20E-4803SC AM20E-C
OCR Text ... converters are shielded on all six sides and encapsulated with a nickel-coated copper with a non-conductive base and dimensions of 50.8x25....output voltages of 2.5, 3,3 & 5VDC. The normal operation is specified over the full operating temper...
Description 20 watt dc-dc converters

File Size 279.07K  /  2 Page

View it Online

Download Datasheet

    CAT3626HV4-T2 CAT3626HS4-T2 CAT3626

CATALYST[Catalyst Semiconductor]
Part No. CAT3626HV4-T2 CAT3626HS4-T2 CAT3626
OCR Text ...programmable dimming current in six LED channels. To ensure uniform brightness in LCD backlight applications, each LED channel delivers an a...Output Resistance (open loop) Charge Pump Frequency Output short circuit Current Limit Input Current...
Description 6-Channel LED Driver with I2C Interface

File Size 803.88K  /  14 Page

View it Online

Download Datasheet

    80C51GB 8XC51 8XC51GB 8XC51GB-1 83C51GB N83C51GB N87C51GB 87C51GB N80C51GB N8XC51GB-1 N8XC51GB

INTEL[Intel Corporation]
Part No. 80C51GB 8XC51 8XC51GB 8XC51GB-1 83C51GB N83C51GB N87C51GB 87C51GB N80C51GB N8XC51GB-1 N8XC51GB
OCR Text ...I O PORTS The 8XC51GB contains six 8-bit parallel I O ports All six ports are bidirectional and consist of a latch an output driver and an input buffer Many of the port pins have multiplexed I O and control functions Port Pins as Inputs...
Description CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER

File Size 300.18K  /  22 Page

View it Online

Download Datasheet

    SL2524C SL2524LC SL2524 SL2524NA SL25241C SL2524B SL2524HP

MITEL[Mitel Networks Corporation]
Mitel Semiconductor
Part No. SL2524C SL2524LC SL2524 SL2524NA SL25241C SL2524B SL2524HP
OCR Text ...be operated independently. When six stages (three SL2524s) are cascaded the strip can be used for IFs between 30-650MHz whilst achieving gre...output also offers accurate phase information with input amplitude. FEATURES s s s s s s 1.3GHz ...
Description 7V; 1.3GHz dual wideband logarithmic amplifier. For ultra wideband log receivers, channelised receivers, monopulse applications

File Size 376.56K  /  17 Page

View it Online

Download Datasheet

    SN11116

SONiX Technology Company
Part No. SN11116
OCR Text Six Channel Audio Controller SN11116 DATA SHEET SN11116 USB Six Channel Audio Controller Revision 1.0 Copyright (c) 2004, Sonix Tech...output low after power on reset, toggle during operation Input pin for SPDIF signal Recording mute, ...
Description USB Six Channel Audio Controller

File Size 181.44K  /  12 Page

View it Online

Download Datasheet

    IDT5T930608 IDT5T9306NLI

Integrated Device Technology
Integrated Device Techn...
Part No. IDT5T930608 IDT5T9306NLI
OCR Text ...electable differential input to six lvds outputs. the fanout from a differential input to six lvds outputs reduces loading on the preceding...output voltage (2) ?0.5 to v dd +0.5 v t stg storage temperature ?65 to +150 c t j junction temper...
Description 2.5V LVDS 1:6 CLOCK BUFFER TERABUFFER II
2.5V LVDS 1:6 CLOCK BUFFER TERABUFFER?/a> II

File Size 212.80K  /  14 Page

View it Online

Download Datasheet

    FSG15N1A

Honeywell Solid State Electronics Center
Part No. FSG15N1A
OCR Text ...ime through extensive work with six sigma* plus and lean manufacturing programs, honeywell is able to boast on-time to promise delivery stat...output signal accuracy temperature range smt pressure products (1.0 psi to 100 psi) sx bare sensor s...
Description Pressure Airflow Force

File Size 386.68K  /  10 Page

View it Online

Download Datasheet

    ATMEL[ATMEL Corporation]
Part No. T681605 T6816-TIQY T6816
OCR Text Six High-side and Six Low-side Drivers * Outputs Freely Configurable as Switch, Half Bridge or H-bridge * Capable to Switch all Kinds of Loa...Output, Open Load, Overtemperature and Power Supply Fail Serial Data Interface Operation Voltage up ...
Description 40-V Dual Hex Output Driver with Serial Input Control

File Size 195.35K  /  16 Page

View it Online

Download Datasheet

For six-output Found Datasheets File :: 13432    Search Time::1.766ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of six-output

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
3.7120809555054