Part Number Hot Search : 
ICM50000 LD7515L UPD6P4B LRS13 F2010 EL5423 DLL5530 ICM50000
Product Description
Full Text Search
  sillicon Datasheet PDF File

For sillicon Found Datasheets File :: 155    Search Time::2.453ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    TMP86FS49FG

Toshiba Semiconductor
Part No. TMP86FS49FG
OCR Text ...echnology under the licence of sillicon storage technology,inc. super flash ? is registered trademark of sillicon storage technology,inc. purchase of toshiba i 2 c components conveys a license under the philips i 2 c patent rights to use...
Description 8 Bit Microcontroller

File Size 581.13K  /  42 Page

View it Online

Download Datasheet





    CXA3001N

SONY[Sony Corporation]
Part No. CXA3001N
OCR Text ...ellular phone Structure Bipolar sillicon monolithic IC 24 pin SSOP (Plastic) VCC Topr Tstg PD 6 -40 to +85 -65 to +150 420 -0.3 to 6 -0.3 to VCC +0.3 -0.3 to VCC +0.3 0 to 2.5 V C C mW V V V V 3.1 to 3.8 V Sony reserves th...
Description RX Gain Control Amplifier

File Size 252.58K  /  12 Page

View it Online

Download Datasheet

    CXA3002N

SONY[Sony Corporation]
Part No. CXA3002N
OCR Text ...ellular phone Structure Bipolar sillicon monolithic IC 24 pin SSOP (Plastic) VCC Topr Tstg PD 6 -40 to +85 -65 to +150 420 -0.3 to 6 -0.3 to VCC +0.3 -0.3 to VCC +0.3 0 to 2.5 V C C mW V V V V 3.1 to 3.8 V Sony reserves th...
Description RX Gain Control Amplifier

File Size 233.01K  /  12 Page

View it Online

Download Datasheet

    UPC8110GR UPC8110GR-E1 UPC8101 UPC8101GR UPC8104GR UPC8105GR

NEC[NEC]
Part No. UPC8110GR UPC8110GR-E1 UPC8101 UPC8101GR UPC8104GR UPC8105GR
OCR Text ... DESCRIPTION The PC8110GR is a sillicon monolithic integrated circuit designed as 1 GHz direct quadrature modulator for digital mobile communication systems. This modulator housed in a 20 pin plastic SSOP that easy to install and contribut...
Description 1 GHz DIRECT QUADRATURE MODULATOR FOR DIGITAL MOBILE COMMUNICATION

File Size 245.75K  /  28 Page

View it Online

Download Datasheet

    SB30-03P

Sanyo Semicon Device
Part No. SB30-03P
OCR Text sillicon Epitaxial Schottky Barrier Diode 30V, 3A Rectifier Applications * High frequency rectification (switching regulators, converters, choppers). Package Dimensions unit:mm 1244 [SB30-03P] Features * Low forward voltage (V...
Description sillicon Epitaxial Schottky Barrier Diode 30V, 3A Rectifier
30V/ 3A Rectifier

File Size 65.76K  /  2 Page

View it Online

Download Datasheet

    DCC010 DCC010-TB-E

Sanyo Semicon Device
Part No. DCC010 DCC010-TB-E
OCR Text sillicon Epitaxial Planar Type (Series Connection) Ultrahigh-Speed Switching Diode Features * Ideally suited for use in hybrid ICs because of very small package. * Fast switching speed. * Small interterminal capacitance. Package Dim...
Description sillicon Epitaxial Planar Type (Series Connection)
Ultrahigh-Speed Switching Diode

File Size 52.76K  /  2 Page

View it Online

Download Datasheet

    CPH5805

SANYO[Sanyo Semicon Device]
Part No. CPH5805
OCR Text ...omposite type with an N-Channel sillicon MOSFET unit : mm (MCH3412) and a Schottky Barrier Diode (SBS006) 2171 contained in one package facilitating high-density mounting. [MOSFET] * Low ON-resistance. * Ultrahigh-speed switching. * 4V driv...
Description Nch SBD
DC / DC Converter Applications

File Size 49.84K  /  5 Page

View it Online

Download Datasheet

    UPC8105GR UPC8105GR-E1 UPC8101GR UPC8104GR

NEC[NEC]
Part No. UPC8105GR UPC8105GR-E1 UPC8101GR UPC8104GR
OCR Text ... DESCRIPTION The PC8105GR is a sillicon monolithic integrated circuit designed as quadrature modulator for digital mobile communication systems. This modulator housed in a 16 pin plastic SSOP that is easy to install and contributes to mini...
Description 400 MHz QUADRATURE MODULATOR FOR DIGITAL MOBILE COMMUNICATION

File Size 127.70K  /  16 Page

View it Online

Download Datasheet

    1SS345

SANYO[Sanyo Semicon Device]
Part No. 1SS345
OCR Text sillicon Epitaxial Schottky Barrier Diode UHF Detector, Mixer Applications Features * Small interterminal capacitance (C=0.45pF typ). * Low forward voltage and excellent detection efficiency (VF=0.35V max) * High breakdown voltage (VR=...
Description UHF Detector, Mixer Applications

File Size 60.34K  /  2 Page

View it Online

Download Datasheet

    VEC2803

SANYO[Sanyo Semicon Device]
Part No. VEC2803
OCR Text ...Composite type with a P-Channel sillicon MOSFET and a Schottky Barrier Diode contained in one package facilitating high-density mounting. [MOSFET] * Low ON-resistance. * 4V drive. [SBD] * Short reverse recovery time. * Low forward voltage. ...
Description General-Purpose Switching Device Applications

File Size 48.40K  /  6 Page

View it Online

Download Datasheet

For sillicon Found Datasheets File :: 155    Search Time::2.453ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of sillicon

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.3619158267975