Part Number Hot Search : 
MT620 A304RUI L5985 144EE 5YN210 DTCSP TE0109A BT3904
Product Description
Full Text Search
  shrinkdip Datasheet PDF File

For shrinkdip Found Datasheets File :: 4    Search Time::1.406ms    
Page :: | <1> |   

    Precid-Dip Durtal
Part No. 117-97-668-41-005 117-91-668-41-005 117-93-668-41-005 117-99-668-41-005
OCR Text shrinkdip sockets Open and closed frame Solder tail 61 High density Dual-in-line sockets for devices featuring 0.07 (1.778 mm) lead spacing. Four-finger beryllium copper contact meets high vibration and shock requirements Insertion ch...
Description shrinkdip sockets Open and closed frame Solder tail

File Size 51.17K  /  2 Page

View it Online

Download Datasheet





    MILL-MAX MFG CORP
Part No. 327-13-121-41-003000
OCR Text shrinkdip(.070spacing) throughhole accepts.015.025"leads plating code: 13 shell plating: 10"goldover100"nickel inner contact plating: 30"goldover50"nickel # of pins a l mill-max part number rohs compliant 21 1.482 0.510 327 13 12141003...
Description 21 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, WIRE WRAP, SOCKET

File Size 78.18K  /  2 Page

View it Online

Download Datasheet

    SERIES150

Precid-Dip Durtal SA
Part No. SERIES150
OCR Text ...&quot; (1.778 mm) lead spacing shrinkdip pin header, solder tail technical specs.: insulator black glass filled polyester pct-gf30-fr flammability ul 94v-o contact brass cuzn36pb3 (c36000) connecting pin ? 0.47 mm mechanical life min. 10...
Description High density DIL sockets for devices featuring (1.778 mm) lead spacing shrinkdip pin header, solder tail

File Size 20.10K  /  4 Page

View it Online

Download Datasheet

    117-97-620-41-005 117-97-624-41-005 217-99-764-41-005 117-91-316-41-005 117-91-428-41-005 117-91-430-41-005 117-91-432-4

PRECI-DIP SA
Precid-DipDurtalSA
PREDIP[Precid-Dip Durtal SA]
Part No. 117-97-620-41-005 117-97-624-41-005 217-99-764-41-005 117-91-316-41-005 117-91-428-41-005 117-91-430-41-005 117-91-432-41-005 117-91-448-41-005 117-91-620-41-005 117-91-624-41-005 117-91-628-41-005 117-91-640-41-005 117-91-642-41-005 117-91-648-41-005 117-91-652-41-005 117-91-656-41-005 117-91-664-41-005 117-91-668-41-005 117-91-764-41-005 117-93-316-41-005 117-93-428-41-005 117-93-430-41-005 117-93-432-41-005 117-93-448-41-005 117-93-620-41-005 117-93-624-41-005 117-93-628-41-005 117-93-640-41-005 117-93-642-41-005 117-93-648-41-005 117-93-652-41-005 117-93-656-41-005 117-93-664-41-005 117-93-668-41-005 117-93-764-41-005 117-97-316-41-005 117-97-428-41-005 117-97-430-41-005 117-97-432-41-005 117-97-448-41-005 117-97-628-41-005 117-97-640-41-005 117-97-642-41-005 117-97-648-41-005 117-97-652-41-005 117-97-656-41-005 117-97-664-41-005 117-97-668-41-005 117-97-764-41-005 117-99-316-41-005 117-99-428-41-005 117-99-430-41-005 117-99-432-41-005 117-99-448-41-005 117-99-620-41-005 117-99-624-41-005 117-99-628-41-005 117-99-640-41-005 117-99-642-41-005 117-99-648-41-005 117-99-652-41-005 117-99-656-41-005 117-99-664-41-005 117-99-668-41-005 117-99-764-41-005 217-91-764-41-005 217-93-764-4
OCR Text shrinkdip sockets Open and closed frame Solder tail 61 High density Dual-in-line sockets for devices featuring 0.07 (1.778 mm) lead spacing. Four-finger beryllium copper contact meets high vibration and shock requirements Insertion ch...
Description Cable; Number of Conductors:3; Conductor Size AWG:20; No. Strands x Strand Size:19 x 32; Jacket Material:Polyethylene; Conductor Material:Copper; Jacket Color:Chrome; Temperature Max:80 C; Voltage Nom.:600V RoHS Compliant: Yes shrinkdip插座,公开和非公开框架焊尾
Cable; Leaded Process Compatible:Yes RoHS Compliant: Yes shrinkdip插座,公开和非公开框架焊尾
Multiconductor Cable; Jacket Material:Rubber; Leaded Process Compatible:Yes RoHS Compliant: Yes shrinkdip插座,公开和非公开框架焊尾
Portable Cordage; Number of Conductors:4; Conductor Size AWG:16; No. Strands x Strand Size:19 x 29; Jacket Material:FEP Teflon; Leaded Process Compatible:Yes RoHS Compliant: Yes shrinkdip插座,公开和非公开框架焊尾
2#20 TYPE J THERMOCOUPLE RoHS Compliant: Yes shrinkdip插座,公开和非公开框架焊尾
shrinkdip sockets Open and closed frame Solder tail shrinkdip插座,公开和非公开框架焊尾
Paired Cable; Number of Conductors:2; Conductor Size AWG:16; No. Strands x Strand Size:65 x 34; Jacket Material:Rubber; Features:Tinned Copper Braid; Impedance:59ohm; Leaded Process Compatible:Yes; Temperature Max:60 C RoHS Compliant: Yes
Paired Cable; Number of Conductors:3; Conductor Size AWG:24; No. Strands x Strand Size:40 x 45; Jacket Material:Rubber; Leaded Process Compatible:Yes; Features:Tinned Copper Braid; Temperature Max:90 C; Voltage Nom.:300V RoHS Compliant: Yes
Belden Microphone Cable, Wire Size: 20 AWG, Number of Conductors: 2, Length: 500 feet, Conductor Material: Tinned Copper, Shielding: Copper Braid, Jacket: Black Rubber
Multiconductor Paired Cable; Number of Conductors:3; Conductor Size AWG:24; No. Strands x Strand Size:40 x 45; Jacket Material:Rubber; Leaded Process Compatible:Yes; Features:Tinned Copper Braid; Temperature Max:90 C RoHS Compliant: Yes
Cable; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No
Multiconductor Power-Limited Fire Protective, Control & Instrumentation Cable; Number of Conductors:4; Conductor Size AWG:12; No. Strands x Strand Size:7 x 20; Jacket Material:FEP RoHS Compliant: Yes
Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:16; No. Strands x Strand Size:65 x 34; Jacket Material:Rubber; Leaded Process Compatible:No; Conductor Material:Copper; Features:Tinned Copper Braid RoHS Compliant: Yes
Multiconductor Audio, Control & Instrumentation Cable; Number of Conductors:6; Conductor Size AWG:16; No. Strands x Strand Size:19 x 29; Jacket Material:FEP; Shielding Material:Aluminum Foil/Polyester Tape/Tinned Copper Braid RoHS Compliant: Yes
Paired Cable; Number of Conductors:4; Conductor Size AWG:20; No. Strands x Strand Size:19 x 32; Jacket Material:Polyethylene; Features:Tinned Copper Braid; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: Yes
Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:20; No. Strands x Strand Size:19 x 32; Jacket Material:Polyethylene; Leaded Process Compatible:No; Conductor Material:Copper; Features:Tinned Copper Braid RoHS Compliant: Yes
Paired Cable; Number of Conductors:4; Conductor Size AWG:20; No. Strands x Strand Size:19 x 32; Jacket Material:Polyethylene; Features:Tinned Copper Braid; Leaded Process Compatible:Yes; Temperature Max:60 C; Voltage Nom.:300V RoHS Compliant: Yes
Cable; Conductor Size AWG:20; No. Strands x Strand Size:26 x 34; Conductor Material:Copper; Conductor Plating:Tin; Leaded Process Compatible:Yes RoHS Compliant: Yes
Multiconductor, Paired Thermocouple Extension Cable; Number of Conductors:2; Conductor Size AWG:20; No. Strands x Strand Size:7 x 28; Jacket Material:FEP; Shielding Material:Aluminum Foil/Polyester Tape/Aluminum Foil RoHS Compliant: Yes
Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:16; No. Strands x Strand Size:65 x 34; Jacket Material:Rubber; Features:Tinned Copper Braid; Leaded Process Compatible:Yes; Temperature Max:60 C; Voltage Nom.:300V RoHS Compliant: Yes
Paired Cable; Number of Conductors:2; Conductor Size AWG:20; No. Strands x Strand Size:26 x 34; Jacket Material:Rubber; Features:Tinned Copper Braid; Impedance:52ohm; Leaded Process Compatible:Yes; Temperature Max:90 C RoHS Compliant: Yes
Cable; Number of Conductors:3; Conductor Size AWG:20; No. Strands x Strand Size:19 x 32; Jacket Material:Polyethylene; Conductor Material:Copper; Jacket Color:Chrome; Leaded Process Compatible:Yes; Temperature Max:80 C RoHS Compliant: Yes
Connector assemblies, Outlet; Leaded Process Compatible:Yes RoHS Compliant: Yes
2#12 FEP SH FEP RoHS Compliant: Yes
Paired Cable; Number of Conductors:2; Conductor Size AWG:24; No. Strands x Strand Size:40 x 45; Jacket Material:Rubber; Features:Tinned Copper Braid; Impedance:55ohm; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No
shrinkdipsocketsOpenandclosedframeSoldertail

File Size 44.64K  /  1 Page

View it Online

Download Datasheet

For shrinkdip Found Datasheets File :: 4    Search Time::1.406ms    
Page :: | <1> |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of shrinkdip

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.98588705062866