Part Number Hot Search : 
FM25CL DPLS350Y 2SK38 TLE6258 MPS4126 MX7224LN GK2171 ML6695CQ
Product Description
Full Text Search
  self-test Datasheet PDF File

For self-test Found Datasheets File :: 22079    Search Time::1.938ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    AD9255

Analog Devices
Part No. AD9255
OCR Text ...ol user-configurable, built-in self-test (bist) capability energy-saving power-down modes applications communications multimode digital receivers (3g) gsm, edge, w-cdma, lte, cdma2000, wimax, and td-scdma smart antenna systems gen...
Description 14-Bit, 125 MSPS/105 MSPS/80 MSPS,1.8 V Analog-to-Digital Converter

File Size 2,780.53K  /  44 Page

View it Online

Download Datasheet





    HMP112V7EFR8C-C4 HMP112V7EFR8C-S6 HMP112V7EFR8C-Y5 HMP351V7EMR4C-C4 HMP351V7EMR4C-S6 HMP351V7EMR4C-Y5 HMP125V7EFR4C-C4 H

Hynix Semiconductor
Part No. HMP112V7EFR8C-C4 HMP112V7EFR8C-S6 HMP112V7EFR8C-Y5 HMP351V7EMR4C-C4 HMP351V7EMR4C-S6 HMP351V7EMR4C-Y5 HMP125V7EFR4C-C4 HMP125V7EFR4C-Y5
OCR Text ... < TCASE 95 High Temperature Self-Refresh Entry enable features PASR (Partial Array Self- Refresh) 8192 refresh cycles / 64ms Serial pres...TEST IN IN Supply I/O I/O IN I/O IN Supply IN IN OUT Active High Negative Negative line of ...
Description 240pin DDR2 VLP Registered DIMMs

File Size 543.53K  /  24 Page

View it Online

Download Datasheet

    ADIS16135 ADIS16135_PCBZ ADIS16135BMLZ ADIS16135/PCBZ

Analog Devices
Part No. ADIS16135 ADIS16135_PCBZ ADIS16135BMLZ ADIS16135/PCBZ
OCR Text ...KIN RST VCC POWER MANAGEMENT self-test I/O ALARMS GND MEMS SENSOR CONTROLLER TEMP SENSOR CLOCK CALIBRATION USER CONTROL REGISTERS SPI PORT OUTPUT DATA REGISTERS CS SCLK DIN DOUT 08888-001 FILTER ADIS16135 Figure...
Description Precision Angular Rate Sensor

File Size 456.55K  /  20 Page

View it Online

Download Datasheet

    ATMEL CORP
Part No. AT93C46A-10PQ-2.7
OCR Text ...clock rate (5v) compatibility  self-timed write cycle (10 ms max)  high reliability ? endurance: 1 million write cycles ? data retention: ...test conditions max units conditions c out output capacitance (do) 5 pf v out = 0v c in input capac...
Description 64 X 16 MICROWIRE BUS SERIAL EEPROM, PDIP8

File Size 404.27K  /  14 Page

View it Online

Download Datasheet

    TS2GSSD10-M TS4GSSD10-M TS8GSSD10-M TS16GSSD10-M TS32GSSD10-M

Transcend Information. Inc.
Part No. TS2GSSD10-M TS4GSSD10-M TS8GSSD10-M TS16GSSD10-M TS32GSSD10-M
OCR Text ...nds Support S.M.A.R.T function (self-definition) Lower Power Consumption Shock resistance Power Supply: 3.3V 5% Dimensions Side A B C ...test on ASUS M2N-MX, 1GB RAM, Windows XP Version 2002 SP2. (R) Power Requirements Input Voltage...
Description 1.0隆卤 Solid State Disk
1.0 Solid State Disk

File Size 291.15K  /  11 Page

View it Online

Download Datasheet

    Atmel, Corp.
Part No. AT93C46C-10SU-2.7
OCR Text ...ssion  2 mhz clock rate (5v)  self-timed write cycle (10 ms max)  high reliability ? endurance: 1 million write cycles ? data retention: ...test conditions max units conditions c out output capacitance (do) 5 pf v out = 0v c in input capac...
Description 10MS, SOIC, IND, GREEN SCHMITT TRIG 2.7V(SERIAL EE) 64 X 16 MICROWIRE BUS SERIAL EEPROM, PDSO8

File Size 204.23K  /  14 Page

View it Online

Download Datasheet

    IR4322 IRAUDAMP22

International Rectifier
Part No. IR4322 IRAUDAMP22
OCR Text ...otection (otp) pwm modulator: self-oscillating half-bridge topology with optional clock synchronization specifications general test conditions (unless othe rwise noted) notes / conditions 12v~13.5v bipolar power supply; with...
Description 50W/2 x 2 Channel Class D Audio Power Amplifier Using the IR4322

File Size 791.43K  /  22 Page

View it Online

Download Datasheet

    LPY550ALTR LPY550AL

STMicroelectronics
Part No. LPY550ALTR LPY550AL
OCR Text ...on Embedded power-down Embedded self-test High shock and vibration survivability ECOPACK(R) RoHS and "Green" compliant (see Section 5) LGA-16L (5x5x1.5mm) The LPY550AL has a full scale of 500 /s and is capable of detecting rates with a ...
Description MEMS motion sensor: dual axis pitch and yaw ±500°/s analog output gyroscope
MEMS motion sensor: dual axis pitch and yaw 隆戮500隆?/s analog output gyroscope

File Size 203.56K  /  12 Page

View it Online

Download Datasheet

    LSM320HAY30 LSM320HAY30TR

STMicroelectronics
Part No. LSM320HAY30 LSM320HAY30TR
OCR Text ...gh shock survivability Embedded self-test Embedded power-down Embedded low-power mode ECOPACK(R) RoHS and "Green" compliant (see Section 9) LGA-28L (4.4x7.5x1.1mm) Description The LSM320HAY30 is a low-power system-inpackage featuring...
Description MEMS motion sensor module: 3D digital accelerometer and 2D pitch and yaw analog gyroscope

File Size 446.19K  /  42 Page

View it Online

Download Datasheet

For self-test Found Datasheets File :: 22079    Search Time::1.938ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of self-test

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.4174678325653