|
|
|
|
|
GE[General Semiconductor] GE Security, Inc.
|
Part No. |
SA43 SA22 SA45A SA40A SA10 SA45 SA14 SA18 SA26 SA30 SA36 SA16 SA20 SA33 SA12 SA24 SA11 SA28 SA15 SA13 SA17 SA70A SA85 SA60 SA48 SA150 SA15A SA14A SA8.0 SA64 SA75 SA7.0A SA8.5A SA9.0A SA6.5A SA6.0 SA160 SA110 SA90 SA130 SA10A SA5.0 SA78 SA78A SA48A SA22A SA24A SA33A SA90A SA170
|
Description |
TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR TRANSZORB TRANSIENT VOLTAGE SUPPRESSOR TRANSZORB⑩ TRANSIENT VOLTAGE SUPPRESSOR TransZorb Transient Voltage Suppressor(TransZorb瞬变电压抑制 1/4 JACK PHONE MONO OPEN W/SWITCH 1 CONDUCTOR RES 3.4K OHM 1/10W .5% 0805 SMD /Case:1206; Series:VJ; Leaded Process Compatible:Yes; Mounting Type:Surface Mount /Case:1206; Series:VJ; Features:Multilayer Ceramic Chip Capacitor TP Series Rocker Switch, 4 pole, 3 position, Screw terminal, Flush Panel Mounting SX Series Subminiature Basic Switch, Single Pole Double Throw (SPDT), 250 Vac, 7 A, Pin Plunger Actuator, Solder Termination IGBT with Anti-Parallel Diode; Package: PG-TO247-3; Switching Frequency: RC Soft Switching Series 8-60 kHz; Package: TO-247; VCE (max): 1,600.0 V; IC(max) @ 25°: 60.0 A; IC(max) @ 100°: 30.0 A TRANSZORBTRANSIENT VOLTAGE SUPPRESSOR TRANSZORB⑩瞬态电压抑制器
|
File Size |
85.47K /
6 Page |
View
it Online |
Download Datasheet |
|
|
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
Part No. |
SA90CA SA50 SA8.0CA SA8.0A SA7.0A SA6.0A SA5.0A SA90_CA SA9V0 SA10_CA SA100_CA SA100A SA10A SA11_CA SA110_CA SA110A SA11A SA12_CA SA120_CA SA120A SA12A SA13_CA SA130_CA SA130A SA13A SA14_CA SA14A SA15_CA SA150_CA SA150A SA15A SA16_CA SA160_CA SA160A SA16A SA17_CA SA170_CA SA170A SA17A SA18_CA SA18A SA20_CA SA20A SA22_CA SA22A SA24_CA SA24A SA26_CA SA26A SA28_CA SA28A SA30_CA SA30A SA33_CA SA33A SA36_CA SA36A SA40_CA SA40A SA43_CA SA43A SA45_CA SA45A SA48_CA SA48A SA5.0_CA SA51_CA SA51A SA54_CA SA54A SA58_CA SA58A SA6.0_CA SA6.5_CA SA6.5A SA60_CA SA60A SA64_CA SA64A SA7.0_CA SA7.5_CA SA7.5A SA70_CA SA70A SA75_CA SA75A SA78_CA SA78A SA8.5_CA SA85_CA SA85A SA9.0_CA SA9.0A SA90A SA8.5A SA45CA SA70CA SA6.5CA SA100CA SA30CA SA13CA SA10CA SA150CA SA64CA SA75CA SA130CA SA58CA SA22CA SA12CA SA5.0CA SA7.5CA SA7.0CA SA16CA SA110CA SA24CA SA33CA SA36CA SA6.0CA SA14CA SA17CA SA11CA SCA100CA SA48CA SA60CA SA9.0CA SA26CA SA78CA SA170CA SA8.5CA
|
Description |
DEVICES FOR BIPOLAR APPLICATIONS 500 Watt Transient Voltage Suppressors(500瓦瞬变电压抑制器) 500瓦瞬态电压抑制器00瓦瞬变电压抑制器 500 Watt Transient Voltage Suppressors(500瓦瞬变电压抑制器) 500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-15 500 Watt Transient Voltage Suppressors(500瓦瞬变电压抑制器) 500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-15 RES 511 OHM 1/10W .1% 0805 SMD 双极器件中的应用 DEVICES FOR BIPOLAR APPLICATIONS 双极器件中的应用 4AV Series Hall-Effect Vane with 24 AWG irradiated polyethelene 558,8 mm [22 in] lead wires CONNECTOR ACCESSORY
|
File Size |
55.73K /
5 Page |
View
it Online |
Download Datasheet |
|
Bom2Buy.com
Price and Availability
|