Part Number Hot Search : 
ATTIN ST16N10 MB95F 74LVCH MC9S12DG 101KL 2N5330 MC9S12DG
Product Description
Full Text Search
  rtu Datasheet PDF File

For rtu Found Datasheets File :: 143    Search Time::1.469ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    MA28139

Dynex Semiconductor
Part No. MA28139
OCR Text ...the OBT provides the core of an rtu. The Interrogation and Response bus data streams of the two functions may be either coupled together (in RT mode) or isolated (in CT mode). The device may hence be used as a modem only, an rtu kernel only...
Description OBDH Bus Terminal

File Size 415.47K  /  34 Page

View it Online

Download Datasheet





    CT2553 CT2553-FP CT2554 CT2554-FP CT2555 CT2555-FP CT2556 CT2556-FP

AEROFLEX[Aeroflex Circuit Technology]
Part No. CT2553 CT2553-FP CT2554 CT2554-FP CT2555 CT2555-FP CT2556 CT2556-FP
OCR Text ...Low Power Dual Transceiver * BC/rtu/MT Protocol * 8K x 16 Shared Ram * Interrupt Logic Compatible with MIL-STD- 1750 and other Standard CPUs DIP or Flatpack Hybrid Minimizes CPU Overhead Provides Memory Mapped 1553 Interface On-Line & Off-L...
Description CT2553 / 2554 / 2555 / 2556 Advanced Integrated MUX (AIM) Hybrid FOR MIL-STD-1553

File Size 349.85K  /  36 Page

View it Online

Download Datasheet

    Aeroflex Inc.
AeroflexCircuitTechnology
AEROFLEX[Aeroflex Circuit Technology]
Part No. 2561 CT2561 CT2561-FP
OCR Text ...-65610 16MHz CT2565 Replacement rtu implements all dual redundant mode codes Selective mode code illegalization available 16 bit microprocessor compatibility BC checks status word for correct address and set flags rtu illegal mode codes ext...
Description CT2561BusController/RemoteTerminalandBUSMonitorFORMIL-STD-1553B
CT2561 Bus Controller Remote Terminal and BUS Monitor FOR MIL-STD-1553B
CT2561 Bus Controller, Remote Terminal and BUS Monitor FOR MIL-STD-1553B
CT2561 Bus Controller, Remote Terminal and BUS Monitor FOR MIL-STD-1553B

File Size 102.11K  /  9 Page

View it Online

Download Datasheet

    Aeroflex, Inc.
Aeroflex Inc.
AEROFLEX[Aeroflex Circuit Technology]
Part No. 1775 CT1775
OCR Text rtu Hybrid PRELIMINARY DATA SHEET www.aeroflex.com/Avionics FEATURES CT1775 Replaces DDC BUS-65201 Includes: - Universal Transceiver - Encoder/decoder - Dual Rank I/O Registers - Fail-safe Timer - Clock Oscillator Simple Controls fo...
Description Universal MacAir/1553 Dumb rtu Hybrid PRELIMINARY DATA SHEET 通用MacAir/1553哑rtu的杂交初步的数据资料
CT1775 Universal MacAir/1553 Dumb rtu Hybrid

File Size 179.36K  /  14 Page

View it Online

Download Datasheet

    DATA DEVICE CORP
Part No. BUS-65142-850L DATADEVICECORP-BUS-65142-370S
OCR Text rtu). the device is based upon two ddc custom ics, which includes two monolithic bi-polar low power trans- ceivers and one cmos protocol containing data buffers and timing control logic. it supports all 13 mode codes for dual redundant oper...
Description 2 CHANNEL(S), 1M bps, MIL-STD-1553 CONTROLLER, QIP78

File Size 249.79K  /  26 Page

View it Online

Download Datasheet

    AEROFLEX[Aeroflex Circuit Technology]
Part No. CT1611 CT1611-FP
OCR Text ... FEATURES Full Bus Control and rtu Operation Low Software Overhead Complete BI-Directional Message Buffer Memory-Mapped DMA Message Transfers Simple Programmable Polling Operation in Bus Controller Mode Pin Programmable for both 8 and 16 B...
Description From old datasheet system
DMA Controller with Buffer Memory,MIL-STD-1750A Compatible

File Size 286.67K  /  24 Page

View it Online

Download Datasheet

    EKI-1224

Advantech Co., Ltd.
Part No. EKI-1224
OCR Text ...ration of modbus tcp and modbus rtu/ascii networks ? supports baud rates up to 921.6 kbps ? supports up to 16 connections and 32 requests simultaneously ? supports 31 slaves per serial port ? easy-managing advantech serial device se...
Description 4-port Modbus Gateway

File Size 181.53K  /  1 Page

View it Online

Download Datasheet

    EKI-1222 EKI-1221

Advantech Co., Ltd.
Part No. EKI-1222 EKI-1221
OCR Text ...ration of modbus tcp and modbus rtu/ascii networks supports baud rates up to 921.6 kbps supports up to 16 connections and 32 requests simultaneously supports 31 slaves per serial port easy-managing advantech serial device server confguratio...
Description 1-port Modbus Gateway

File Size 554.12K  /  1 Page

View it Online

Download Datasheet

    SST-ESR2-CLX-RLL 1120730001 E-112073-0001

Molex Electronics Ltd.
Part No. SST-ESR2-CLX-RLL 1120730001 E-112073-0001
OCR Text ... Modbus Serial Master or Slave (rtu / ASCII) Configuration and Diagnostics Save your time, the SST module doesn't require any ladder logic programming to be used. The configuration is created using a PC-based Windows console software co...
Description BradCommunications SST 1 Ethernet and 2 Serial ports PLC communications module

File Size 2,388.36K  /  3 Page

View it Online

Download Datasheet

For rtu Found Datasheets File :: 143    Search Time::1.469ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of rtu

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.38695287704468