Part Number Hot Search : 
AK2572 QS5U12TR 411KFE0 RE0208DA 32S64A MSK4222 12B24D 4073B
Product Description
Full Text Search
  rotor Datasheet PDF File

For rotor Found Datasheets File :: 1188    Search Time::1.36ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    EBARA
Part No. 9700K-46-215
OCR Text ...ge Bend Oil Plug Impeller screw rotor Stator MATERIAL Cast iron EN-GHJL-200 - EN 1561 Cast iron EN-GHJL-200 - EN 1561 Cast iron EN-GHJL-200 - EN 1561 Steel Cast iron EN-GHJL-200 - EN 1561 NBR/Stainless Steel Stainless steel A2-70 class I...
Description SUBMERSIBLE SEWAGE PUMPS

File Size 456.07K  /  21 Page

View it Online

Download Datasheet





    AH29310 AH293-YG-13 AH293-WL-7

Diodes Incorporated
Diodes Inc.
Part No. AH29310 AH293-YG-13 AH293-WL-7
OCR Text ...and recovery protections. Also, rotor-state detection (RD) output is for speed detection. rotor-lock shutdown detection circuit turns off the output driver when the rotor is blocked to avoid coil overheat. Then, the automatic recovery circu...
Description LOW VOLTAGE HALL-EFFECT SMART FAN MOTOR

File Size 63.37K  /  8 Page

View it Online

Download Datasheet

    AH29210 AH292-YG-13

Diodes Incorporated
Part No. AH29210 AH292-YG-13
OCR Text ... available for speed detection. rotor-lock shutdown detection circuit turns off the output driver when the rotor is blocked to avoid coil overheat. Then, the automatic recovery circuit will restart the motor. These protected actions are rep...
Description LOW VOLTAGE HALL-EFFECT SMART FAN MOTOR CONTROLLER

File Size 63.22K  /  8 Page

View it Online

Download Datasheet

    AH291 AH291-YG-13 AH291-WL-7

Diodes Incorporated
Diodes Inc.
Diodes, Inc.
Part No. AH291 AH291-YG-13 AH291-WL-7
OCR Text ...nd restart function relatively. rotor-lock shutdown detection circuit turns off the output driver when the rotor is blocked to avoid coil overheat. Then, the automatic recovery circuit will restart the motor. These protected actions are rep...
Description LOW VOLTAGE HALL-EFFECT SMART FAN MOTOR
BRUSHLESS DC MOTOR CONTROLLER, 0.7 A, PDSO5 GREEN, SOT-89, 5 PIN

File Size 146.47K  /  9 Page

View it Online

Download Datasheet

    AH28810 AH288-YG-13

Diodes Incorporated
Part No. AH28810 AH288-YG-13
OCR Text rotor-locked shutdown Automatically restart Frequency generator (FG) output Built-in Zener protection for output driver Operating voltage: 3.8V~28V Output current: IO(AVE) = 400mA Lead Free Package: SOT89-5L (Note 1) SOT89-5L: Available in ...
Description HIGH VOLTAGE HALL-EFFECT SMART FAN MOTOR

File Size 120.57K  /  9 Page

View it Online

Download Datasheet

    AH287-PG-B AH287-PL-B AH287-YG-13 DIODESINC-AH287-YL-13

Diodes Incorporated
Part No. AH287-PG-B AH287-PL-B AH287-YG-13 DIODESINC-AH287-YL-13
OCR Text rotor-Locked Shutdown Automatically Restart Built-in Zener Protection for Output Driver Operating Voltage: 3.8V~28V Output Current: IO(AVE) = 400mA Lead Free Packages: SIP-4L and SOT89-5L (Note 1) SIP-4L and SOT89-5L: Available in "Green" M...
Description HIGH VOLTAGE HALL-EFFECT SMART FAN MOTOR CONTROLLER

File Size 203.60K  /  11 Page

View it Online

Download Datasheet

    SGS Thomson Microelectronics
ST Microelectronics
Part No. AN1321
OCR Text .... . . . . . . . . . . . . 6 2.1 rotor POSITION . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6 2.2 OUTPUT THE FIRST PHASE STEP . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ....
Description ST7 - USING THE ST72141 MOTOR CONTROL MCU IN SENSOR MODE

File Size 88.03K  /  17 Page

View it Online

Download Datasheet

    ST Microelectronics
Part No. AN1327
OCR Text ...C, Sensorless, Permanent Magnet rotor, Speed control, Main supply. 1. INTRODUCTION In the last years the home appliance market is becoming a strong competitive field. The growing performances/costs ratio is leading the industry to new a...
Description BRUSHLESS DC MOTOR: SENSORLESS FUZZY CONTROL BY ST52X420

File Size 374.43K  /  19 Page

View it Online

Download Datasheet

    Siemens
Part No. 1FT7064 1FT7062 1FT7044 1FT7084
OCR Text ...t7 selbstkhlung pol- paar- zahl rotor- tr?gheits- moment (ohne bremse) gewicht (ohne bremse) n n ah p n bei ? t =100 k m 0 bei ? t =100 k m n bei ? t =100 k i n bei ? t =100 k bestell-nr. kerntyp j m min -1 kw nm nm ...
Description Servomotors

File Size 676.28K  /  17 Page

View it Online

Download Datasheet

    VCS5 VCS0.6 VCS10 VCS20 VCS2.5 VCS2.2

List of Unclassifed Manufacturers
Part No. VCS5 VCS0.6 VCS10 VCS20 VCS2.5 VCS2.2
OCR Text ... 90 110 85 95 130 155 3600 3000 rotor 0.9 1 2.6 2.9 8.1 9.1 24.1 27 58 182 armature 0.5 0.5 1.5 1.6 4.8 5.1 14.3 15.1 45 136 1.2 1.5 62x10 7 120x10 7 170x10 7 320x10 7 d h7 30 40 b js9 8 12 t 33.3 +0.2/0 43.3 +0.2/0 a 178 225 c 83 107 e 100...
Description EM Clutch

File Size 306.31K  /  8 Page

View it Online

Download Datasheet

For rotor Found Datasheets File :: 1188    Search Time::1.36ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of rotor

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.52744698524475