|
|
|
Micro Commercial Compon... Micro Commercial Components Corp. MCC[Micro Commercial Components] Micro Commercial Components, Corp.
|
Part No. |
RM12 RM2000E RM1200E RM15 RM1500E RM18 RM1800E RM20
|
OCR Text |
...2000E
Device Marking
RM12 RM15 RM18 RM20
Maximum Recurrent Peak Reverse Voltage 1200V 1500V 1800V 2000V
Maximum RMS Voltage 840V 1050V 1260V 1400V
Maximum DC Blocking Voltage 1200V 1500V 1800V 2000V
G
J
A
C
E
... |
Description |
500 Milliamp High Voltage Silicon Rectifier 1200 to 2000 Volts 0.5 A, 1500 V, SILICON, SIGNAL DIODE, DO-214AC
|
File Size |
68.62K /
3 Page |
View
it Online |
Download Datasheet |
For
rm1.5 Found Datasheets File :: 3 Search Time::4.171ms Page :: | <1> | |
▲Up To
Search▲ |
|
Price and Availability
|