Part Number Hot Search : 
DRC4143T 2SD2179 MCJ16CA 2SJ387 P4KE11C 0F0FZ00 PNZ155 508AF
Product Description
Full Text Search
  rg-174 Datasheet PDF File

For rg-174 Found Datasheets File :: 571    Search Time::2.11ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    GA75TS120U GA75TS120UPBF

IRF[International Rectifier]
Part No. GA75TS120U GA75TS120UPBF
OCR Text ... C 125C I C = 75A 100 RG = 15Ohm RG1=15;RG2 = 0 VGE = 15V VCC = 720V IC = 150 A IC = 75 A IC=37.5 A = 37A 35 10 30 25 10 20 30 40 50 RG , Gate Resistance (Ohm) ( ) 1 -60 -40 -20 0 20 40 60 80 100 ...
Description    Ultra-FastTM Speed IGBT
1200V UltraFast 10-30 kHz Half-Bridge IGBT in a INT-A-Pak package
75 A, 1200 V, N-CHANNEL IGBT

File Size 255.15K  /  10 Page

View it Online

Download Datasheet





    IRF1302L IRF1302S

IRF[International Rectifier]
Part No. IRF1302L IRF1302S
OCR Text ... VDD = 11V --- ID = 104A ns --- RG = 4.5 --- VGS = 10V D Between lead, --- 6mm (0.25in.) nH G from package --- and center of die contact S ...174 showing the A G integral reverse --- --- 700 S p-n junction diode. --- --- 1.3 V TJ = 25C, IS = ...
Description Power MOSFET(Vdss=20V, Rds(on)=4.0mohm, Id=174A?
Power MOSFET(Vdss=20V, Rds(on)=4.0mohm, Id=174A?)
Power MOSFET(Vdss=20V, Rds(on)=4.0mohm, Id=174A)
Power MOSFET(Vdss=20V/ Rds(on)=4.0mohm/ Id=174A)

File Size 225.99K  /  11 Page

View it Online

Download Datasheet

    IRF3315S IRF3315L

IRF[International Rectifier]
Part No. IRF3315S IRF3315L
OCR Text ...- VDD = 75V --- ID = 12A ns --- RG = 5.1 --- RD = 5.9, See Fig. 10 Between lead, nH --- and center of die contact --- VGS = 0V --- pF VDS =...174 260 ns TJ = 25C, IF = 43A --- 1.2 1.7 C di/dt = 100A/s Intrinsic turn-on time is negligible (tu...
Description Power MOSFET(Vdss=150V Rds(on)=0.082ohm Id=21A)
Power MOSFET(Vdss=150V, Rds(on)=0.082ohm, Id=21A)

File Size 193.12K  /  10 Page

View it Online

Download Datasheet

    IRF3315

International Rectifier
Part No. IRF3315
OCR Text ...- VDD = 75V --- ID = 12A ns --- RG = 5.1 --- RD = 5.9, See Fig. 10 Between lead, --- 6mm (0.25in.) nH G from package --- and center of die ...174 260 ns TJ = 25C, IF = 12A --- 1.2 1.7 C di/dt = 100A/s Intrinsic turn-on time is negligible (tu...
Description Power MOSFET(Vdss=150V, Rds(on)=0.07ohm, Id=27A)

File Size 121.12K  /  8 Page

View it Online

Download Datasheet

    R2658P R2658

HAMAMATSU[Hamamatsu Corporation]
Part No. R2658P R2658
OCR Text ... C1 SIGNAL GND SIGNAL OUTPUT rg-174/U (BLACK) POWER SUPPLY GND AWG22 (BLACK) 3.5 9 R9 8 R8 5 29 4 DY5 DY4 R6 R to R10 : 330k C1 to C3 : 0.01F R5 TACCA0064EA 18 4 POTTING COMPOUND Warning-Personal Safet...
Description PHOTOMULTIPLIER TUBES

File Size 69.27K  /  4 Page

View it Online

Download Datasheet

    2SC5343S

AUK corp
Part No. 2SC5343S
OCR Text ...=1MHz VCE=6V, IC=0.1mA, f=1KHz, Rg=10K Min. Typ. Max. 60 50 5 70 80 2 0.1 0.1 700 0.25 3.5 10 Unit V V V A A V MHz pF dB VCE(sat) * : hFE rank / O : 70 ~ 140, Y : 120 ~ 240, G : 200 ~ 400, L : 300 ~ 700 KST-2034-004 2 ...
Description General small signal amplifier (General small signal amplifier)

File Size 211.47K  /  4 Page

View it Online

Download Datasheet

    APT50M65 APT50M65B2FLL APT50M65LFLL

ADPOW[Advanced Power Technology]
Part No. APT50M65 APT50M65B2FLL APT50M65LFLL
OCR Text ...ID [Cont.] @ 25C VDD = 0.5 VDSS RG = 0.6W ID = ID [Cont.] @ 25C MIN TYP 2 ns MAX UNIT Amps Volts V/ns ns 67 268 1.3 5 270 540 (VGS = 0V, IS = -ID [Cont.]) Tj = 25C Tj = 25C Tj = 125C 1.8 6.2 16 29 Tj = 125C Tj = ...
Description Power MOS 7TM is a new generation of low loss, high voltage, N-Channel enhancement mode power MOSFETS

File Size 53.95K  /  2 Page

View it Online

Download Datasheet

    IXTN21N100 IXTK21N100

IXYS[IXYS Corporation]
Part No. IXTN21N100 IXTK21N100
OCR Text ...S = 0.5 * VDSS, ID = 0.5 * ID25 RG = 1 (External), 50 100 40 250 VGS = 10 V, VDS = 0.5 * VDSS, ID = 0.5 * ID25 60 100 TO-264 AA TO-264 AA m...174 0.191 0.987 0.004 (c) 2000 IXYS All rights reserved IXYS MOSFETS and IGBTs are covered by ...
Description Discrete MOSFETs: Standard N-channel Types
High Voltage MegaMOSTMFETs

File Size 136.10K  /  4 Page

View it Online

Download Datasheet

For rg-174 Found Datasheets File :: 571    Search Time::2.11ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of rg-174

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.48805999755859