Part Number Hot Search : 
66LE606 NJM7805 CONTROL R2060 R2060 41HA60 MLL977B DTC014EM
Product Description
Full Text Search
  relay-safety Datasheet PDF File

For relay-safety Found Datasheets File :: 2635    Search Time::1.672ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    2SA2013 2SC5566

SANYO[Sanyo Semicon Device]
Part No. 2SA2013 2SC5566
OCR Text ...r Applications Applications * Relay drivers, lamp drivers, motor drivers, strobes. Package Dimensions unit:mm 2038A [2SA2013/2SC5566]...safety measures so that these kinds of accidents or events cannot occur. Such measures include but a...
Description    DC/DC Converter Applications
PNP/NPN Epitaxial Planar Silicon Transistors
PNP Epitaxial Planar Silicon Transistors DC/DC Converter Applications
NPN Epitaxial Planar Silicon Transistors DC/DC Converter Applications

File Size 48.85K  /  5 Page

View it Online

Download Datasheet





    2SA2016 2SC5569

SANYO[Sanyo Semicon Device]
Part No. 2SA2016 2SC5569
OCR Text ...r Applications Applications * Relay drivers, lamp drivers, motor drivers, strobes. Package Dimensions unit:mm 2163 [2SA2016/2SC5569] ...safety measures so that these kinds of accidents or events cannot occur. Such measures include but a...
Description    DC/DC Converter Applications
PNP Epitaxial Planar Silicon Transistors DC/DC Converter Applications
PNP/NPN Epitaxial Planar Silicon Transistors
DC/DC Converter Applications 直流/直流转换器应

File Size 48.94K  /  5 Page

View it Online

Download Datasheet

    2SA2022 2SC5610

Sanyo Semiconductor Corp
SANYO[Sanyo Semicon Device]
Part No. 2SA2022 2SC5610
OCR Text ...r Applications Applications * Relay drivers, lamp drivers, motor drivers, strobes. Package Dimensions unit:mm 2041A [2SA2022/2SC5610]...safety measures so that these kinds of accidents or events cannot occur. Such measures include but a...
Description NPN Epitaxial Planar Silicon Transistors DC/DC Converter Applications
PNP Epitaxial Planar Silicon Transistors DC/DC Converter Applications
PNP/NPN Epitaxial Planar Silicon Transistors
TRANSISTOR,BJT,NPN,50V V(BR)CEO,7A I(C),TO-220ML
From old datasheet system

File Size 50.43K  /  5 Page

View it Online

Download Datasheet

    2SA2025

SANYO[Sanyo Semicon Device]
Part No. 2SA2025
OCR Text Relay drivers, lamp drivers, motor drivers, strobes. Package Dimensions unit:mm 2033A [2SA2025] 4.0 3.0 Features * Adoption of MB...safety measures so that these kinds of accidents or events cannot occur. Such measures include but a...
Description PNP Epitaxial Planar Silicon Transistors DC/DC Converter Applications

File Size 37.46K  /  4 Page

View it Online

Download Datasheet

    2SA2037 2SC5694

SANYO[Sanyo Semicon Device]
Part No. 2SA2037 2SC5694
OCR Text ...nsions unit : mm 2042B 8.0 Relay drivers, lamp drivers, motor drivers and printer drivers. [2SA2037 / 2SC5694] 1.4 Features * *...safety measures so that these kinds of accidents or events cannot occur. Such measures include but a...
Description DC / DC Converter Applications

File Size 37.73K  /  5 Page

View it Online

Download Datasheet

    PS7142-1C PS7142L-1C PS7142L-1C-E3 PS7142L-1C-E4

NEC[NEC]
NEC Corp.
NEC, Corp.
Part No. PS7142-1C PS7142L-1C PS7142L-1C-E3 PS7142L-1C-E4
OCR Text Relay OCMOS FET PS7142-1C,PS7142L-1C 8-PIN DIP, 400 V BREAK DOWN VOLTAGE, TRANSFER TYPE 2-ch Optical Coupled MOS FET DESCRIPTION The...Safety Standard, following part number should be used. ABSOLUTE MAXIMUM RATINGS (TA = 25 C, unles...
Description DUAL TRANSISTOR OUTPUT SOLID STATE RELAY, 1500 V ISOLATION-MAX
8-PIN DIP 400 V BREAK DOWN VOLTAGE TRANSFER TYPE 2-ch Optical Coupled MOS FET
Optical Coupled MOS FET Photocoupler(MOS 场效应管输出光光隔离器)
8-PIN DIP, 400 V BREAK DOWN VOLTAGE, TRANSFER TYPE 2-ch Optical Coupled MOS FET 8引脚DIP00伏电压分解,转移2型通道光学耦合场效应晶体管

File Size 73.77K  /  12 Page

View it Online

Download Datasheet

    TLP227GA TLP227GA-2

TOSHIBA[Toshiba Semiconductor]
Part No. TLP227GA TLP227GA-2
OCR Text Relay TLP227GA, TLP227GA-2 Modem Telecommunications PBXs The Toshiba TLP227GA series consist of a gallium arsenide infrared-emitting di...safety in making a safe design for the entire system, and to avoid situations in which a malfunction...
Description TOSHIBA Photocoupler Photo Relay

File Size 139.32K  /  6 Page

View it Online

Download Datasheet

    TLP3020 TLP3021 TLP3022 TLP3023 TLP3030

TOSHIBA[Toshiba Semiconductor]
Part No. TLP3020 TLP3021 TLP3022 TLP3023 TLP3030
OCR Text ...IPMENT TRIAC DRIVER SOLID STATE RELAY The TOSHIBA TLP3020, TLP3021, TLP3022 and TLP3023 consist of a photo-triac optically coupled to a gal...safety in making a safe design for the entire system, and to avoid situations in which a malfunction...
Description TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRIAC

File Size 182.47K  /  6 Page

View it Online

Download Datasheet

    TLP3051F TLP3051FS TLP3052F TLP3052FS TLP3052F_S TLP3051F_S

TOSHIBA[Toshiba Semiconductor]
Part No. TLP3051F TLP3051FS TLP3052F TLP3052FS TLP3052F_S TLP3051F_S
OCR Text ...UIPMENT TRIAC DRIVERSOLID STATE RELAY The TOSHIBA TLP3051F(S) and TLP3052F(S) consists of a photo-triac optically coupled to a gallium arse...safety in making a safe design for the entire system, and to avoid situations in which a malfunction...
Description PHOTOCOUPLER GaAs IRED & PHOTO-TRIAC
OFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVERSOLID STATE RELAY

File Size 27.58K  /  2 Page

View it Online

Download Datasheet

For relay-safety Found Datasheets File :: 2635    Search Time::1.672ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of relay-safety

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.49595785140991