Part Number Hot Search : 
200BG TDA2030 00145 1N4151 EC3597 H25N12 MM74H L74LS
Product Description
Full Text Search
  recognized Datasheet PDF File

For recognized Found Datasheets File :: 13593    Search Time::1.953ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    东电中国)投资有限公司
Part No. TF3524V-502Y5R0-01 TF2628V-502Y3R0-01 TF3524B-102Y10R0-01
OCR Text ... * However, this product is not recognized by each regulations. PACKAGING QUANTITIES TF1028S 900pieces/box * All specifications are subject to change without notice. (3/14) 003-04 / 20050805 / e93_tf.fm TF Series Common Mode Chok...
Description 280 V, SINGLE PHASE EMI FILTER

File Size 292.23K  /  14 Page

View it Online

Download Datasheet





    Cypress Semiconductor, Corp.
Cypress Semiconductor Corp.
CYPRESS[Cypress Semiconductor]
Part No. CY7C1352B-133AC CY7C1352B-80AC CY7C1352B CY7C1352B-100AC CY7C1352B-143AC CY7C1352B-150AC CY7C1352B-166AC
OCR Text ...qualified with CEN. CLK is only recognized if CEN is active LOW. Chip Enable 1 Input active LOW. Sampled on the rising edge of CLK. Used in conjunction with CE2 and CE3 to select/deselect the device. Chip Enable 2 Input active HIGH. Sampled...
Description 256K x 18 Pipilined SRAm with NoBL Architecture 256K X 18 ZBT SRAM, 3.8 ns, PQFP100
256K x 18 Pipilined SRAm with NoBL Architecture 256K X 18 ZBT SRAM, 4 ns, PQFP100
256K x 18 Pipilined SRAm with NoBL Architecture 256K X 18 ZBT SRAM, 4.2 ns, PQFP100
256K x 18 Pipilined SRAm with NoBL Architecture 256K X 18 ZBT SRAM, 5 ns, PQFP100
256K x 18 Pipilined SRAm with NoBL Architecture 256K X 18 ZBT SRAM, 7 ns, PQFP100

File Size 187.09K  /  12 Page

View it Online

Download Datasheet

    HCS27DMSR FN3054 HCS27MS HCS27D HCS27HMSR HCS27K HCS27KMSR

Intersil, Corp.
INTERSIL[Intersil Corporation]
Part No. HCS27DMSR FN3054 HCS27MS HCS27D HCS27HMSR HCS27K HCS27KMSR
OCR Text ...or functional tests VO 4.0V is recognized as a logic "1", and VO 0.5V is recognized as a logic "0". Spec Number 64 518766 Specifications HCS27MS TABLE 2. AC ELECTRICAL PERFORMANCE CHARACTERISTICS GROUP A SUBGROUPS 9 10, 11 Input...
Description FF-ST4 Basic Series, Type 4 Safety Light Curtains With Automatic Restart HC/UH SERIES, TRIPLE 3-INPUT NOR GATE, CDIP14
Radiation Hardened Triple 3-Input NOR Gate
From old datasheet system

File Size 179.11K  /  8 Page

View it Online

Download Datasheet

    ROHM[Rohm]
Part No. BU9728AKV BU9728
OCR Text ...the 8th SCK pulse, the input is recognized as display data, and if HIGH, the input is recognized as command data. These are the common output pins for LCD drive. They are connected to the LCD panel commons. This is the reset input pin. When...
Description LCD driver for segment-type LCDs

File Size 101.46K  /  10 Page

View it Online

Download Datasheet

    Harris
Part No. V18ZA05 V18ZA1 V18ZA2 V18ZA3 V18ZA40
OCR Text ...d information. Features * recognized as "Protectors for Data Communications and Fire Alarm Circuits", UL File #E135010 to Std. 497B * VDE Certified. License Number 116895E * Wide Operating Voltage Range VM(AC)RMS . . . . 4V to 460V * ...
Description (V18ZAxx) Radial Lead Metal Oxide Varistors

File Size 309.61K  /  12 Page

View it Online

Download Datasheet

    MOTOROLA
Part No. XC68341FT25
OCR Text ...ctly control which edge each is recognized on, or asynchronously with HALT asserted for time [spec 47A+spec 47B] ns before BERR to guarantee recognition on or before the same clock edge as BERR. 13. Active Negate on Bus Arbitration The ...
Description Integrated Processor Users Man

File Size 122.74K  /  22 Page

View it Online

Download Datasheet

    ACNW3130 ACPLJ313

AVAGO TECHNOLOGIES LIMITED
AVAGO TECHNOLOGIES LIMI...
Part No. ACNW3130 ACPLJ313
OCR Text ...urrent. ? safety approval: ul recognized - 3750 v rms for 1 min. for acpl-3130/acpl-j313 - 5000 v rms for 1 min. for acnw3130 csa approval iec/en/din en 60747-5-5 approved - v iorm = 630 v peak for acpl-3130 (option 060) - v i...
Description Very High CMR 2.5 Amp Output Current IGBT Gate Driver Optocoupler

File Size 462.17K  /  20 Page

View it Online

Download Datasheet

    INTERSIL[Intersil Corporation]
Intersil, Corp.
Part No. HCTS138MS HCTS138KMSR HCTS138DMSR FN2462 HCTS138D HCTS138HMSR HCTS138K
OCR Text ...or functional tests VO 4.0V is recognized as a logic "1", and VO 0.5V is recognized as a logic "0". Spec Number 512 518605 Specifications HCTS138MS TABLE 2. AC ELECTRICAL PERFORMANCE CHARACTERISTICS GROUP A SUBGROUPS 9 10, 11 TP...
Description Decoder/Demultiplexer, 3-to-8, Inverter, TTL Inputs, Rad-Hard, High-Speed, CMOS, Logic
From old datasheet system
TVS 300W 6V SOT23
Radiation Hardened Inverting 3-to-8 Line Decoder/Demultiplexer HCT SERIES, OTHER DECODER/DRIVER, INVERTED OUTPUT, UUC20

File Size 153.38K  /  9 Page

View it Online

Download Datasheet

For recognized Found Datasheets File :: 13593    Search Time::1.953ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of recognized

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.92238092422485