Part Number Hot Search : 
BC160 MUN22 C1024 KRF7530 EMPCD081 331E3 C3216X7R 2SB12
Product Description
Full Text Search
  quiescent-current Datasheet PDF File

For quiescent-current Found Datasheets File :: 48218    Search Time::1.875ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    5962-89805012A 5962-8980501CA 5962-8980501IA AD536A AD536AJCHIPS AD536AJD AD536AJH AD536AJQ AD536AKD AD536AKH AD536AKQ A

AD[Analog Devices]
Analog Devices, Inc.
Part No. 5962-89805012A 5962-8980501CA 5962-8980501IA AD536A AD536AJCHIPS AD536AJD AD536AJH AD536AJQ AD536AKD AD536AKH AD536AKQ AD536ASCHIPS AD536ASD AD536ASE AD536ASH 5962-89805 AD536 AD883B AD536AKH_ AD536AKH/
OCR Text ...h 60 dB Range Low Power: 1.2 mA Quiescent Current Single or Dual Supply Operation Monolithic Integrated Circuit -55 C to +125 C Operation (AD536AS) PRODUCT DESCRIPTION VIN 1 Integrated Circuit True RMS-to-DC Converter AD536A PIN CONFIG...
Description Complete Monolithic IC Which Performs True RMS-to-DC Conversion
Circular Connector; MIL SPEC:MIL-C-26482, Series I; Body Material:Aluminum Alloy; Series:MS3126; No. of Contacts:15; Connector Shell Size:14; Connecting Termination:Crimp; Circular Shell Style:Straight Plug RoHS Compliant: No
JT 28C 26#20 2#16 SKT PLUG
Integrated Circuit True RMS-to-DC Converter RMS TO DC CONVERTER, 0.09 MHz, CDIP14
Integrated Circuit True RMS-to-DC Converter RMS TO DC CONVERTER, 0.09 MHz, MBCY10

File Size 149.33K  /  8 Page

View it Online

Download Datasheet





    A3944

Allegro MicroSystems
Part No. A3944
OCR Text ...ly voltage v dr 3.0 ? 6.0 v vdd quiescent current i ddq ??3ma vbb quiescent current i bbq ??4ma v dd = 0, v bb 30 v ? ? 10 a vdr quiescent current i drq ??4ma regulator voltage v reg v bb > 19.5 v 17.5 ? 18.5 v regulator dropout v do ...
Description Automotive, Low-Side FET Pre-Driver

File Size 609.76K  /  31 Page

View it Online

Download Datasheet

    PAM3131

Power Analog Micoelectronics
Part No. PAM3131
OCR Text ...ulator that features a low quiescent current, low dropout voltage: 300mv@ 3a ultra low input, output, and dropout voltages, as output voltage adjustable from 0.9v-3.3v well as over temperature protection. it is available sta...
Description 3A Adjustable Low Voltage Low Dropout CMOS Regulator

File Size 1,355.23K  /  14 Page

View it Online

Download Datasheet

    PA88

Cirrus Logic
Part No. PA88
OCR Text ...gh voltage 450v (225v) ? low quiescent current 2ma ? high output current 100ma ? programmable current limit ? low bias current fet input applications ? piezoelectric positioning ? high voltage instrumentation ? electrostatic...
Description HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS

File Size 257.48K  /  4 Page

View it Online

Download Datasheet

For quiescent-current Found Datasheets File :: 48218    Search Time::1.875ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of quiescent-current

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
2.3568530082703