Part Number Hot Search : 
S3F9454 R5005CNJ 2SK42 MMBT2369 FR014 470M0 CSP1027 74458002
Product Description
Full Text Search
  qfn-48 Datasheet PDF File

For qfn-48 Found Datasheets File :: 3533    Search Time::1.344ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    MAX1020 MAX1020BETX MAX1021 MAX1021BETX MAX1022 MAX1022BETX MAX1023 MAX1023BETX MAX1057 MAX1057BETM MAX1058 MAX1058BETM

MAXIM[Maxim Integrated Products]
Part No. MAX1020 MAX1020BETX MAX1021 MAX1021BETX MAX1022 MAX1022BETX MAX1023 MAX1023BETX MAX1057 MAX1057BETM MAX1058 MAX1058BETM
OCR Text ...58 are available in 48-pin thin QFN packages. The MAX1020-MAX1023 are available in 36pin thin QFN packages. All devices are specified over the -40C to +85C temperature range. Features 10-Bit, 300ksps ADC Analog Multiplexer with True-Di...
Description 10-Bit Multichannel ADCs/DACs with FIFO Temperature Sensing and GPIO Ports
10-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports

File Size 1,321.21K  /  47 Page

View it Online

Download Datasheet





    MAX5038A MAX5038AEAI12 MAX5038AEAI15 MAX5038AEAI18 MAX5038AEAI25 MAX5041AEAI MAX5038AEAI33 MAX5041A

MAXIM - Dallas Semiconductor
MAXIM[Maxim Integrated Products]
Part No. MAX5038A MAX5038AEAI12 MAX5038AEAI15 MAX5038AEAI18 MAX5038AEAI25 MAX5041AEAI MAX5038AEAI33 MAX5041A
OCR Text ...ontroller in a 44-pin MQFP/thin QFN or 28-pin SSOP package. Features o +4.75V to +5.5V or +8V to +28V Input Voltage Range o Up to 60A Ou...48 51 -0.2 130 mV mV mV ns SYMBOL PHASE = VCC CONDITIONS PHASE = unconnected PHASE = SGND ICLKIN VCL...
Description Dual-Phase, Parallelable, Average-Current-Mode Controllers
Dual-Phase Parallelable Average-Current-Mode Controllers
Dual-Phase / Parallelable / Average-Current-Mode Controllers

File Size 676.45K  /  26 Page

View it Online

Download Datasheet

    MAX5038 MAX5041EAI MAX5041 MAX5038EAI25 MAX5038EAI18 MAX5038EAI12

MAXIM - Dallas Semiconductor
MAXIM[Maxim Integrated Products]
Part No. MAX5038 MAX5041EAI MAX5041 MAX5038EAI25 MAX5038EAI18 MAX5038EAI12
OCR Text ... controller in a 44-pin MQFP or QFN package. Features o +4.75V to +5.5V or +8V to +28V Input Voltage Range o Up to 60A Output Current o ...48 112 260 51 130 mV mV ns SYMBOL PHASE = VCC CONDITIONS PHASE = unconnected PHASE = SGND ICLKIN VCL...
Description Dual-Phase / Parallelable / Average Current-Mode Controllers
Dual-Phase Parallelable Average Current-Mode Controllers
"Dual-Phase, Parallelable, Average Current-Mode Controllers"

File Size 643.34K  /  26 Page

View it Online

Download Datasheet

    HD74HC323

HITACHI[Hitachi Semiconductor]
Part No. HD74HC323
OCR Text ...n QEn QEn d L L QE0 QE0 QDn QDn QFn QFn e L L QF0 QF0 QEn QEn QGn QGn f L L QG0 QG0 QFn QFn QHn QHn g L L QH0 QH0 QGn QGn H L h L L QA0 QA0 ...48 0.10 0.25 - 0.05 0 - 15 + 0.11 Hitachi Code JEDEC EIAJ Weight (reference value) DP-2...
Description 8-bit Universal Shift/Storage Register (with 3-state Outputs)

File Size 67.42K  /  10 Page

View it Online

Download Datasheet

    MAX1227-MAX1231 MAX1231 MAX1231ACEG-T MAX1231AEEG-T MAX1231BCEG-T MAX1231BCGI-T MAX1231BEEG-T MAX1231BEGI-T MAX1229AEEP-

MAXIM - Dallas Semiconductor
MAXIM[Maxim Integrated Products]
Part No. MAX1227-MAX1231 MAX1231 MAX1231ACEG-T MAX1231AEEG-T MAX1231BCEG-T MAX1231BCGI-T MAX1231BEEG-T MAX1231BEGI-T MAX1229AEEP-T MAX1229 MAX1227 MAX1227ACEE-T MAX1227AEEE-T MAX1227BCEE-T MAX1227BEEE-T MAX1229ACEP-T MAX1229BCEP-T MAX1229BEEP-T
OCR Text ...o Space-Saving 28-Pin 5mm x 5mm QFN Package General Description The MAX1227/MAX1229/MAX1231 are serial 12-bit analog-to-digital converte...48 2.50 8 30 6.5 200 -70 2.52 V ppm/C k VRMS dB 0.3 0.5 0.75 0.7 1.2 0.4 1/8 0.3 2.5 CRMS C C/V 1 1....
Description 12-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
12-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference

File Size 507.41K  /  24 Page

View it Online

Download Datasheet

    MAX1816 MAX1816ETM MAX1994ETM

MAXIM[Maxim Integrated Products]
Part No. MAX1816 MAX1816ETM MAX1994ETM
OCR Text ...ts are available in 48-pin thin QFN packages. o Dual Quick-PWM Architecture o 1% VOUT Accuracy o 5-Bit On-Board D/A Converter o +0.60V to +1.75V Output Adjust Range (MAX1816) o +0.70V to +2.00V Output Adjust Range (MAX1994) o Voltage-Positi...
Description Dual Step-Down Controllers Plus Linear- Regulator Controller for Notebook Computers

File Size 977.01K  /  49 Page

View it Online

Download Datasheet

    AN611

MAXIM - Dallas Semiconductor
Maxim Integrated Products
Part No. AN611
OCR Text ...n mode Availability in a 48-pin QFN package (7mm x 7mm) Power Amplifier The MAX229X is a linear amplifier optimized for TD-SCDMA application. It can deliver +26dBm output power with 30% power-added efficiency (PAE) and 37dBc ACLR1. R...
Description TD-SCDMA Radio Chipset Block Diagram for Handset Application

File Size 29.79K  /  3 Page

View it Online

Download Datasheet

For qfn-48 Found Datasheets File :: 3533    Search Time::1.344ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of qfn-48

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
3.2076971530914