|
|
|
Siemens Semiconductor G... SIEMENS[Siemens Semiconductor Group] SIEMENS AG Fairchild Semiconductor, Corp.
|
Part No. |
BC808-16 BC808-25 BC808-40 Q62702-C1689 BC807 BC807-16 BC807-40 BC807-25 Q62702-C1736 Q62702-C1504 Q62702-C1692 Q62702-C1721 Q62702-C1735
|
Description |
From old datasheet system SH2 Series, 7086 Group, Two ADC circuits, 6-ch 16-bit MTU2, 3-ch 16-bit MTU2S, Port Output Enable, 2-ch CMT, UBC, 5v IO, 15 mA IO TFP-100B; Vcc= 3.0 to 5.5 volts, Temp= -40 to 85 C; Package: PTQP0100KA-A PNP Silicon AF Transistors (For general AF applications High collector current High current gain) 500 mA, 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR PNP Silicon AF Transistors (For general AF applications High collector current High current gain) 500 mA, 45 V, PNP, Si, SMALL SIGNAL TRANSISTOR PNP Silicon AF Transistors (For general AF applications High collector current High current gain) 进步党硅晶体管自动对焦(自动对焦对于一般应用高集电极电流的高电流增益)
|
File Size |
131.96K /
5 Page |
View
it Online |
Download Datasheet |
|
|
|
|
|
SIEMENS AG
|
Part No. |
Q62702-F640
|
Description |
NPN Silicon RF Transistor (For SAW filter driver applications in TV tuners For linear broadband VHF amplifier stages)
|
File Size |
66.25K /
3 Page |
View
it Online |
Download Datasheet |
|
|
|
SIEMENS AG
|
Part No. |
Q62702-F775
|
Description |
NPN Silicon RF Transistor (For broadband amplifiers up to 2 GHz and fast non-saturated switches at collector currents from 1 mA to 20 mA.)
|
File Size |
502.23K /
18 Page |
View
it Online |
Download Datasheet |
|
|
|
SIEMENS AG Infineon SIEMENS[Siemens Semiconductor Group]
|
Part No. |
CLY2 Q62702-L96
|
Description |
GaAs FET (Power amplifier for mobile phones For frequencies up to 3 GHz) 砷化镓场效应管(功放为频率高千兆赫移动电话) From old datasheet system
|
File Size |
52.08K /
7 Page |
View
it Online |
Download Datasheet |
|
Bom2Buy.com
Price and Availability
|