Part Number Hot Search : 
GBL005 DG509 32R4MW6 AT54S MVL407 TIC216B TLGC191P 2SB1603A
Product Description
Full Text Search
  push-push Datasheet PDF File

For push-push Found Datasheets File :: 12053    Search Time::1.516ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    AD5220 AD5220BN10 AD5220BN100 AD5220BN50 AD5220BR10 AD5220BR100 AD5220BR50 AD5220BRM10 AD5220BRM100 AD5220BRM50

AD[Analog Devices]
Analog Devices, Inc.
Part No. AD5220 AD5220BN10 AD5220BN100 AD5220BN50 AD5220BR10 AD5220BR100 AD5220BR50 AD5220BRM10 AD5220BRM100 AD5220BRM50
OCR Text ...r instrument and test equipment push-button applications. A choice between bandwidth or power dissipation are available as a result of the wide selection of end-to-end terminal resistance values. The AD5220 contains a fixed resistor with a ...
Description    Increment/Decrement Digital Potentiometer
2-Channel/ 256-Position Digital Potentiometer
TRIM POT ST-32TG 20 OHMS
Toggle Switch; Circuitry:DPDT; Switch Operation:On-Off-On; Contact Current Max:6A; Actuator Style:Bat; Switch Terminals:Through Hole; Current Rating:3A; Leaded Process Compatible:Yes; Mounting Type:PCB; Features:Standard Actuator RoHS Compliant: Yes

File Size 263.70K  /  10 Page

View it Online

Download Datasheet





    AD5222 AD5222BR10 AD5222BR100 AD5222BR1M AD5222BR50 AD5222BRU10 AD5222BRU100 AD5222BRU1M AD5222BRU50

ANALOG DEVICES INC
Analog Devices, Inc.
AD[Analog Devices]
Part No. AD5222 AD5222BR10 AD5222BR100 AD5222BR1M AD5222BR50 AD5222BRU10 AD5222BRU100 AD5222BRU1M AD5222BRU50
OCR Text ...r instrument and test equipment push-button applications. Choices between bandwidth or power dissipation are available as a result of the wide selection of end-to-end terminal resistance values. The AD5222 contains two fixed resistors with ...
Description Increment/Decrement Dual Digital Potentiometer
Dual, Increment/Decrement Digital Potentiometer

File Size 173.37K  /  10 Page

View it Online

Download Datasheet

    PCAL6416APW PCAL6416AEX PCAL6416AEV PCAL6416AHF

NXP Semiconductors
Part No. PCAL6416APW PCAL6416AEX PCAL6416AEV PCAL6416AHF
OCR Text ...ons for interfacing to sensors, push bu ttons, keypad, etc. in addition to providing a flexible set of gpios, it simplifies interco nnection of a processor running at one voltage level to i/o devices operating at a different (usually high...
Description Low-voltage translating 16-bit I2C-bus/SMBus I/O expander with interrupt output, reset, and configuration registers
   Low-voltage translating 16-bit I2C-bus/SMBus I/O expander with interrupt output, reset, and configuration registers

File Size 2,991.03K  /  54 Page

View it Online

Download Datasheet

    FREESCALE SEMICONDUCTOR INC
Part No. MC7457VG733NC
OCR Text ...byte) memory subsystem snoop push/ interventions l1 castouts bus accumulator l1 push (4) unit 2 unit 1 to three per clock instructions l1 load queue (llq) l1 load miss (5) cacheable store request(1) instruction fetch (2) l1 service...
Description 32-BIT, 733 MHz, RISC PROCESSOR, CBGA483

File Size 1,669.82K  /  73 Page

View it Online

Download Datasheet

    NVT2004 NVT2006 NVT2004TL NVT2003DP

NXP Semiconductors
Part No. NVT2004 NVT2006 NVT2004TL NVT2003DP
OCR Text ...direction pin in open-drain or push-pull applications. bit widths ranging from 3-bit to 6-bit are offere d for level translation application with transmission speeds < 33 m hz for an open-drain system with a 50 pf capacitance and a pull...
Description Bidirectional voltage-level translator for open-drain and push-pull applications

File Size 508.99K  /  33 Page

View it Online

Download Datasheet

    KK494

KODENSHI KOREA CORP.
Part No. KK494
OCR Text ...r-follower output capab ility. push-pull or single-ended out put operat i on m a y be sel ect ed t h rough t h e out put -cont rol funct i on. the architecture of the kk494 prohibits th e possibility of either output being pul sed ...
Description PWM Control Circuit

File Size 233.48K  /  5 Page

View it Online

Download Datasheet

    Philips
Part No. ISP1362
OCR Text ...FBGA64 1 2 B1 C2 bidirectional, push-pull input, three-state output bidirectional, push-pull input, three-state output bidirectional, push-pull input, three-state output bidirectional, push-pull input, three-state output bidirectional, push...
Description Single-chip Universal Serial Bus On-The-Go controller

File Size 528.15K  /  148 Page

View it Online

Download Datasheet

For push-push Found Datasheets File :: 12053    Search Time::1.516ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of push-push

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.61768102645874