Part Number Hot Search : 
AD7533LR 76K016AS RT8058 HIP5061 XP04878 39504 7461148 H0025
Product Description
Full Text Search
  push-on Datasheet PDF File

For push-on Found Datasheets File :: 10620    Search Time::1.641ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    AD5220 AD5220BN10 AD5220BN100 AD5220BN50 AD5220BR10 AD5220BR100 AD5220BR50 AD5220BRM10 AD5220BRM100 AD5220BRM50

AD[Analog Devices]
Analog Devices, Inc.
Part No. AD5220 AD5220BN10 AD5220BN100 AD5220BN50 AD5220BR10 AD5220BR100 AD5220BR50 AD5220BRM10 AD5220BRM100 AD5220BRM50
OCR Text ...r instrument and test equipment push-button applications. A choice between bandwidth or power dissipation are available as a result of the w...on polarity with respect to each other. 5 Guaranteed by design and not subject to production test. 6...
Description    Increment/Decrement Digital Potentiometer
2-Channel/ 256-Position Digital Potentiometer
TRIM POT ST-32TG 20 OHMS
Toggle Switch; Circuitry:DPDT; Switch Operation:On-Off-On; Contact Current Max:6A; Actuator Style:Bat; Switch Terminals:Through Hole; Current Rating:3A; Leaded Process Compatible:Yes; Mounting Type:PCB; Features:Standard Actuator RoHS Compliant: Yes

File Size 263.70K  /  10 Page

View it Online

Download Datasheet





    AD5222 AD5222BR10 AD5222BR100 AD5222BR1M AD5222BR50 AD5222BRU10 AD5222BRU100 AD5222BRU1M AD5222BRU50

ANALOG DEVICES INC
Analog Devices, Inc.
AD[Analog Devices]
Part No. AD5222 AD5222BR10 AD5222BR100 AD5222BR1M AD5222BR50 AD5222BRU10 AD5222BRU100 AD5222BRU1M AD5222BRU50
OCR Text ...r instrument and test equipment push-button applications. Choices between bandwidth or power dissipation are available as a result of the wi...on the R AB = 1 M models. 4INL and DNL are measured at V with the RDAC configured as a potentiometer...
Description Increment/Decrement Dual Digital Potentiometer
Dual, Increment/Decrement Digital Potentiometer

File Size 173.37K  /  10 Page

View it Online

Download Datasheet

    AD5228 AD5228BUJZ1002-R2 AD5228BUJZ1002-RL7 AD5228BUJZ102-R2 AD5228BUJZ102-RL7 AD5228BUJZ502-R2 AD5228BUJZ502-RL7 AD5228

AD[Analog Devices]
Part No. AD5228 AD5228BUJZ1002-R2 AD5228BUJZ1002-RL7 AD5228BUJZ102-R2 AD5228BUJZ102-RL7 AD5228BUJZ502-R2 AD5228BUJZ502-RL7 AD5228EVAL AD5228BUJZ100-R2 AD5228BUJZ100-RL7 AD5228BUJZ10-R2 AD5228BUJZ10-RL7 AD5228BUJZ50-R2 AD5228BUJZ50-RL7
OCR Text ... DISCRETE STEP/AUTO SCAN DETECT PUSH-UP BUTTON PU 04422-0-001 UP/DOWN CONTROL LOGIC D E C O D E AD5228 A W B PD PUSH-DOWN BUTT...on next page. Rev. 0 | Page 3 of 20 AD5228 Parameter DYNAMIC CHARACTERISTICS 4, 9, 10, 11 Bui...
Description 32-Position Manual Up/Down Control Potentiometer

File Size 334.30K  /  20 Page

View it Online

Download Datasheet

    AD5232 AD5232BRU10 AD5232BRU100 AD5232BRU100-REEL7 AD5232BRU10-REEL7 AD5232BRU50 AD5232BRU50-REEL7 AD8403 AD5200 AD5201

AD[Analog Devices]
Part No. AD5232 AD5232BRU10 AD5232BRU100 AD5232BRU100-REEL7 AD5232BRU10-REEL7 AD5232BRU50 AD5232BRU50-REEL7 AD8403 AD5200 AD5201 AD5203 AD5204 AD5206 AD5207 AD5220 AD5222 AD5231 AD5233 AD5235 AD5241 AD5242 AD5260 AD5262 AD7376 AD8400 AD8402
OCR Text ...ce Linear or Log Taper Settings Push-Button Increment/Decrement Compatible SPI-Compatible Serial Data Input with Readback Function 3 V to 5 ...ON. Such operation is enabled by the internal preset strobe and the preset can also be accessed exte...
Description 8-Bit Dual Nonvolatile Memory Digital Potentiometer

File Size 252.48K  /  20 Page

View it Online

Download Datasheet

    AD5235 AD5235BRU25 AD5235BRU250

ANALOG DEVICES INC
Analog Devices, Inc.
AD[Analog Devices]
Part No. AD5235 AD5235BRU25 AD5235BRU250
OCR Text ...n Increment/Decrement Commands, Push Button Command +3 to +5V Single Supply Operation 2.5V Dual Supply Operation 30 bytes of general purpose...ON PRESET RDAC2 REGISTER A2 W2 B2 WP RDY EEMEM CONTROL EEMEM2 V SS G ND SPARE EEME...
Description Audio digital potentiometers DUAL 250K DIGITAL POTENTIOMETER, 3-WIRE SERIAL CONTROL INTERFACE, 1024 POSITIONS, PDSO16
Nonvolatile Memory/ Dual 1024 Position Digital Potentiometers
RES MF 1/8W 160K 1% 2PPM
Nonvolatile Memory, Dual 1024 Position Digital Potentiometers

File Size 100.47K  /  10 Page

View it Online

Download Datasheet

    AM79C30A AM79C30AJC AM79C30AVC AM79C32A AM79C32AJC AM79C32AVC

Advanced Micro Devices
Part No. AM79C30A AM79C30AJC AM79C30AVC AM79C32A AM79C32AJC AM79C32AVC
OCR Text ...ential Outputs) LS1 and LS2 are push-pull outputs which can directly drive a minimum load of 40 ohms. Microprocessor Interface (MPI) A2-...on the data bus. CS Chip Select (Input) CS must be Low to read or write to the Am79C30A/ 32A. Data t...
Description Digital Subscriber Controller⑩ (DSC⑩) Circuit
Digital Subscriber Controller (DSC) Circuit

File Size 636.67K  /  101 Page

View it Online

Download Datasheet

    FM1233ADS3X FM1233ACS3X FM1233ABAS3X FM1233A FMFFM1233AC FM1233AC FM1233AD FM1233ABA

Fairchild Semiconductor, Corp.
FAIRCHILD[Fairchild Semiconductor]
Part No. FM1233ADS3X FM1233ACS3X FM1233ABAS3X FM1233A FMFFM1233AC FM1233AC FM1233AD FM1233ABA
OCR Text ... glitches seen during a typical push button closure. For proper operation, the external switch should be paralleled by an external capacitor of 100pF to 0.01F. PUSH BUTTON 5 FM1233A Rev. E www.fairchildsemi.com FM1233A 3-Pin C S...
Description 2.72V, Active Low Bi-Directional Precision Reset Generator Circuit
3.08V, Active Low Bi-Directional Precision Reset Generator Circuit
2.88V, Active Low Bi-Directional Precision Reset Generator Circuit
3-Pin C Supervisor Circuit 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO3
3-Pin レC Supervisor Circuit
3-Pin uC Supervisor Circuit
3-Pin μC Supervisor Circuit

File Size 60.03K  /  7 Page

View it Online

Download Datasheet

    HE8050

Hi-Sincerity Microelectronics
HSMC[Hi-Sincerity Mocroelectronics]
Part No. HE8050
OCR Text ...r of portable radios in class B push-pull operation. Features * High total power dissipation (PT: 2W, TC=25C) * High collector current (...on) *hFE1 *hFE2 *hFE3 fT Min. 40 25 6 45 85 40 100 Typ. -Max. 100 100 0.5 1.2 1 500 Unit V V V nA nA...
Description NPN EPITAXIAL PLANAR TRANSISTOR

File Size 35.35K  /  3 Page

View it Online

Download Datasheet

    Philips
Part No. ISP1362
OCR Text ...FBGA64 1 2 B1 C2 bidirectional, push-pull input, three-state output bidirectional, push-pull input, three-state output bidirectional, push-p...ON the PMOS providing VBUS to the downstream port 1 -- switches OFF the PMOS D_SUSPEND/ 34 D_WAKE...
Description Single-chip Universal Serial Bus On-The-Go controller

File Size 528.15K  /  148 Page

View it Online

Download Datasheet

For push-on Found Datasheets File :: 10620    Search Time::1.641ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of push-on

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
4.0886027812958