Part Number Hot Search : 
9904BSA P6SMB7 HPTA0700 1H101 2N519406 15402 SC503 N74F823N
Product Description
Full Text Search
  pumped Datasheet PDF File

For pumped Found Datasheets File :: 581    Search Time::0.859ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    HMC26606

Hittite Microwave Corporation
Part No. HMC26606
OCR Text pumped MIXER, 20 - 40 GHz Typical Applications The HMC266 is ideal for: * 23, 26, & 38 GHz Point-to-Point Radios Features Input IP3: Up to +17 dBm Sub-Harmonically pumped (x2) LO Small Size: 1.32mm x 1.47mm 3 MIXERS - CHIP * ...
Description GaAs MMIC SUB-HARMONICALLY pumped MIXER, 20 - 40 GHz

File Size 268.75K  /  6 Page

View it Online

Download Datasheet





    FURUKAWA ELECTRIC CO LTD
Part No. ERFA11023-D-SS ERFA11501-D-SS ERFA11022-P-FS
OCR Text ...igure. features: both of edfas pumped by 1480nm lase r diodes and 980nm laser diodes are available. following three operati ng modes are available (1) acc : automatic pump lase r current control pump laser current is controll ed to stabi...
Description FIBER OPTIC EDFA AMPLIFIER, 1530-1565nm, 45dB, PANEL MOUNT, SC/SPC CONNECTOR
FIBER OPTIC EDFA AMPLIFIER, 1570-1600nm, 30dB, PANEL MOUNT, SC/SPC CONNECTOR
FIBER OPTIC EDFA AMPLIFIER, 1530-1565nm, 40dB, PANEL MOUNT, FC/SPC CONNECTOR

File Size 61.61K  /  5 Page

View it Online

Download Datasheet

    AGILENT TECHNOLOGIES INC
Part No. AMMC-6530-W10
OCR Text ...plication. it can be used drain pumped for low conversion loss applications, or when gate pumped the mixer can provide high linearity for ssb up-conversion. an external 90-degree hybrid is used to achieve image rejection and a -1v voltage r...
Description 5000 MHz - 30000 MHz RF/MICROWAVE IMAGE REJECTION MIXER, 8 dB CONVERSION LOSS-MAX

File Size 259.65K  /  8 Page

View it Online

Download Datasheet

    HMC40408

Hittite Microwave Corporation
Part No. HMC40408
OCR Text ...c404 gaas mmic sub-harmonically pumped irm mixer, 26 - 33 ghz v03.0907 general description features functional diagram the hmc404 chip is a sub-harmonically pumped (x2) mmic image rejection mixer with an integrated lo amplifi er which...
Description GaAs MMIC SUB-HARMONICALLY pumped IRM MIXER, 26 - 33 GHz

File Size 246.30K  /  8 Page

View it Online

Download Datasheet

    HMC338

Hittite Microwave Corporation
Part No. HMC338
OCR Text pumped MIXER, 26 - 33 GHz Features Integrated LO Amplifier: -5 dBm Input Sub-Harmonically pumped (x2) LO High 2LO/RF Isolation: 33 dB Small Size: 0.97mm x 1.32mm Typical Applications The HMC338 is ideal for: * 26 and 33 GHz Microwave ...
Description GaAs MMIC SUB-HARMONICALLY pumped MIXER/ 26 - 33 GHz
GaAs MMIC SUB-HARMONICALLY pumped MIXER, 26 - 33 GHz

File Size 292.61K  /  8 Page

View it Online

Download Datasheet

    HMC26509

Hittite Microwave Corporation
Part No. HMC26509
OCR Text ...: -4 dbm input sub-harmonically pumped (x2) lo integrated if amplifi er: 3 db gain small size: 1.32 x 1.32 x 0.1 mm electrical specifi cations, t a = +25 c, lo drive = -4 dbm typical applications the hmc265 is ideal for: ? microwave poin...
Description GaAs MMIC SUB-HARMONICALLY pumped DOWNCONVERTER, 20 - 32 GHz

File Size 261.27K  /  6 Page

View it Online

Download Datasheet

    HMC264

美国讯泰微波有限公司上海代表
Hittite Microwave Corporation
Part No. HMC264
OCR Text pumped MIXER, 20 - 32 GHz Typical Applications The HMC264 is ideal for: * Microwave Point to Point Radios * LMDS * SATCOM Features Integrated LO Amplifier: -4 dBm Input Sub-Harmonically pumped (x2) LO High 2LO/RF Isolation: 40 dB Sm...
Description GaAs MMIC SUB-HARMONICALLY pumped MIXER, 20 - 32 GHz

File Size 308.98K  /  8 Page

View it Online

Download Datasheet

    HMC266

Hittite Microwave Corporation
Part No. HMC266
OCR Text pumped MIXER, 20 - 40 GHz Typical Applications The HMC266 is ideal for: * 23, 26, & 38 GHz Point to Point Radios * LMDS * SATCOM Features Input IP3: Up to +17 dBm Sub-Harmonically pumped (x2) LO Small Size: 1.32mm x 1.47mm Functi...
Description GaAs MMIC SUB-HARMONICALLY pumped MIXER, 20 - 40 GHz

File Size 166.07K  /  6 Page

View it Online

Download Datasheet

For pumped Found Datasheets File :: 581    Search Time::0.859ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of pumped

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.39847993850708